Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-0661 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HCPL-0661
Description  HCMOS Compatible, High CMR, 10 MBd Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0661 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL-0661 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0661 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0661 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0661 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0661 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0661 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-0661 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-0661 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-0661 Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1-173
Common Mode Transient Immunity Specifications, All values at T
A = 25°C
Parameter
Device
Symbol Min.
Typ. Max. Units
Test Conditions
Fig. Note
Output High
HCPL-261A
|CMH|
1
5
kV/
µsV
CM = 50 V
VCC = 5.0 V,
17
4, 13,
Level Common
HCPL-061A
RL = 350 Ω,
15, 18
Mode Transient
HCPL-263A
IF = 0 mA,
Immunity
HCPL-063A
TA = 25°C
HCPL-261N
1
5
kV/
µsV
CM = 1000 V
HCPL-061N
HCPL-263N
15
25
kV/
µs
Using HP App
20
4, 13,
HCPL-063N
Circuit
15
Output Low
HCPL-261A
|CML|
1
5
kV/
µsV
CM = 50 V
VCC = 5.0 V,
17
4, 14,
Level Common
HCPL-061A
RL = 350 Ω,
15, 18
Mode Transient
HCPL-263A
IF = 3.5 mA,
Immunity
HCPL-063A
VO(MAX) = 0.8 V
HCPL-261N
1
5
kV/
µsV
CM = 1000 V
HCPL-061N
HCPL-263N
15
25
kV/
µs
Using HP App
20
4, 14,
HCPL-063N
Circuit
15
Switching Specifications
Over recommended operating temperature (TA = -40°C to +85°C) unless otherwise specified
Parameter
Symbol
Min.
Typ.* Max. Units
Test Conditions
Fig.
Note
Input Current Threshold
ITHL
1.5
3.0
mA
VCC = 5.5 V, VO = 0.6 V, 7, 10
18
High to Low
IO >13 mA (Sinking)
Propagation Delay
tPLH
52
100
ns
IF = 3.5 mA
9, 11, 4, 9,
Time to High Output
VCC = 5.0 V,
12
18
Level
VE = Open,
Propagation Delay
tPHL
53
100
ns
9, 11, 4, 10,
Time to Low Output
12
18
Level
Pulse Width Distortion
PWD
11
45
ns
9, 13 17, 18
|tPHL - tPLH|
Propagation Delay Skew
tPSK
60
ns
24
11, 18
Output Rise Time
tR
42
ns
9, 14
4, 18
Output Fall Time
tF
12
ns
9, 14
4, 18
Propagation Delay
tEHL
19
ns
IF = 3.5 mA
15,
12
Time of Enable
VCC = 5.0 V,
16
from VEH to VEL
VEL = 0 V, VEH =3 V,
Propagation Delay
tELH
30
ns
15,
12
Time of Enable
16
from VEL to VEH
*All typical values at TA = 25°C, VCC = 5 V.
CL = 15 pF,
RL = 350 Ω
CL =15pF,
RL = 350 Ω
VO(MIN) = 2 V
TA = 25°C


Similar Part No. - HCPL-0661

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-0661 HP-HCPL-0661 Datasheet
256Kb / 20P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0661 HP-HCPL-0661 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
HCPL-0661 HP-HCPL-0661 Datasheet
162Kb / 10P
   Dual Channel, High CMR, High Speed, TTL Compatible Optocouplers 8 Pin DIP and SOIC-8
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0661 AVAGO-HCPL-0661 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0661 AVAGO-HCPL-0661 Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results

Similar Description - HCPL-0661

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-261A AVAGO-HCPL-261A Datasheet
422Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-063A-000E AVAGO-HCPL-063A-000E Datasheet
398Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-063N-000E AVAGO-HCPL-063N-000E Datasheet
436Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-261A AVAGO-HCPL-261A_13 Datasheet
398Kb / 17P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers High speed: 10 MBd typical
HCPL-2430-000E AVAGO-HCPL-2430-000E Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
HCPL-2400 AVAGO-HCPL-2400 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
HCPL-2430-300 AVAGO-HCPL-2430-300 Datasheet
377Kb / 15P
   20 MBd High CMR Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2400 HP-HCPL-2400 Datasheet
285Kb / 14P
   20 MBd High CMR Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com