Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-5301-100 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HCPL-5301-100
Description  Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-5301-100 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL-5301-100 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-5301-100 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-5301-100 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-5301-100 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-5301-100 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-5301-100 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-5301-100 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-5301-100 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-5301-100 Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
TA – TEMPERATURE – °C
500
300
200
600
tPLH
tPHL
IF = 10 mA
VCC = 15 V
CL = 100 pF
RL = 20 k
(INTERNAL)
100
0
40 60
100
-60
-20
20
80
-40
120 140
400
Figure 11. Propagation Delay vs.
Supply Voltage.
Figure 10. Propagation Delay vs. Load
Capacitance.
0
CL – LOAD CAPACITANCE – pF
800
600
400
100
1400
200
300
400
IF = 10 mA
VCC = 15 V
RL = 20 k
TA = 25°C
200
1000
tPLH
tPHL
1200
0
500
0
VCC – SUPPLY VOLTAGE – V
800
600
400
10
1400
15
20
25
IF = 10 mA
CL = 100 pF
RL = 20 k
TA = 25°C
200
1000
tPLH
tPHL
530
1200
RL – LOAD RESISTANCE – K
600
400
200
30
50
800
010
20
40
tPLH
tPHL
IF = 10 mA
VCC = 15 V
CL = 100 pF
TA = 25 °C
Figure 7. Propagation Delay with
External 20 k
RL vs. Temperature.
Figure 8. Propagation Delay with
Internal 20 k
RL vs. Temperature.
Figure 9. Propagation Delay vs. Load
Resistance.
Figure 6. CMR Test Circuit. Typical CMR Waveform.
VCM
∆t
OV
VO
VO
SWITCH AT A: I
F = 0 mA
SWITCH AT B: I
F = 10 mA
VCC
VOL
VCM
∆t
δV
δt
=
TA – TEMPERATURE – °C
500
300
200
600
tPLH
tPHL
IF = 10 mA
VCC = 15 V
CL = 100 pF
RL = 20 k
(EXTERNAL)
100
0
40 60
100
-60
-20
20
80
-40
120 140
400
0.1 µF
VCC = 15 V
20 k
A
IF
VOUT
100 pF*
+
*100 pF TOTAL
CAPACITANCE
+
+
B
VFF
VCM = 1000 V
8
7
6
1
3
SHIELD
5
2
4
20 k


Similar Part No. - HCPL-5301-100

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-5301 HP-HCPL-5301 Datasheet
267Kb / 14P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5301 AVAGO-HCPL-5301 Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-5301 AVAGO-HCPL-5301 Datasheet
137Kb / 15P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-5301 BOARDCOM-HCPL-5301 Datasheet
1Mb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
More results

Similar Description - HCPL-5301-100

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5300 AVAGO-HCPL-5300_12 Datasheet
137Kb / 15P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
HCPL-4506-500E AVAGO-HCPL-4506-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-4506 HP-HCPL-4506 Datasheet
267Kb / 14P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0466-500E AVAGO-HCPL-0466-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456 AVAGO-HCPL-J456 Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-0466-560E AVAGO-HCPL-0466-560E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506 AVAGO-HCPL-4506 Datasheet
359Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456-000E AVAGO-HCPL-J456-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506-000E AVAGO-HCPL-4506-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com