Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDMP-1024 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HDMP-1024
Description  Low Cost Gigabit Rate Transmit/Receive Chip Set with TTL I/Os
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDMP-1024 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HDMP-1024 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HDMP-1024 Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
626
HDMP-1022 (Tx), HDMP-1024 (Rx)
DC Electrical Specifications
Tc = 0
°C to +85°C, V
CC = 4.5 V to -5.5 V
Symbol
Parameter
Units
Min.
Typ.
Max.
VIH,TTL
TTL Input High Voltage Level, Guaranteed high signal for
V
2.0
VCC
all inputs
VIL,TTL
TTL Input Low Voltage Level, Guaranteed low signal for all
V
0
0.8
inputs
VOH,TTL
TTL Output High Voltage Level, IOH = -400 µA
V
2.4
VCC
VOL,TTL
TTL Output Low Voltage Level, IOL = 1 mA
V
0
0.6
IIH,TTL
Input High Current (Magnitude), VIN = VCC
µA
0.004
40
IIL,TTL
Input Low Current (Magnitude), VIN = 0 Volts
µA
295
600
VIP,H50
H50 Input Peak-To-Peak Voltage
mV
200
VOP,BLL
BLL Output Peak-To-Peak Voltage, Terminated with 50
Ω,
mV
500
ac coupled
ICC,Tx
Transmitter VCC Supply Current, with HCLKSEL off
mA
385
470
Tc = 50
°C
ICC,Rx
Receiver VCC Supply Current, Tc = 50°C
mA
500
600
Note:
1. BLL outputs are measured with external 150
Ω pull-up resistors to ground. Refer to Figure 23 for additional information.
HDMP-1022 (Tx), HDMP-1024 (Rx)
AC Electrical Specifications
Tc = 25
°C
Symbol
Parameter
Units
Min.
Typ.
Max.
tr,TTLin
Input TTL Rise Time, 0.8 to 2.0 Volts
nsec
2
tf,TTLin
Input TTL Fall Time, 2.0 to 0.8 Volts
nsec
2
tr,TTLout
Output TTL Rise Time, 0.8 to 2.0 Volts, 10 pF load
nsec
1.1
2.4
tf,TTLout
Output TTL Fall Time, 2.0 to 0.8 Volts, 10 pF load
nsec
1.5
2.4
tr, BLL
BLL Rise Time, Terminated with 50
Ω, ac coupled
psec
240
tf,BLL
BLL Fall Time, Terminated with 50
Ω, ac coupled
psec
240
VSWRi,H50
H50 Input VSWR
2:1
VSWRo,BLL
BLL Output VSWR
2:1
Note:
1. BLL outputs are measured with external 150
Ω pull-up resistors to ground. Refer to Figure 23 for additional information.
HDMP-1022 (Tx), HDMP-1024 (Rx)
Typical Lock-Up Time
Tc = 25
°C
DIV1
DIV0
HDMP-1022, msec
HDMP-1024, msec
LINK[1], msec
0
0
2.0
2.2
2.5
0
1
3.0
3.2
3.5
1
0
4.5
4.7
5.0
1
1
8.0
11.0
12.0
Note:
1. Measured in Local Loop-Back mode with the state machine engaged and 0 cable length.


Similar Part No. - HDMP-1024

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-1012 HP-HDMP-1012 Datasheet
321Kb / 42P
   4Low Cost Gigabit Rate Transmit/Receive Chip Set
HDMP-1014 HP-HDMP-1014 Datasheet
321Kb / 42P
   4Low Cost Gigabit Rate Transmit/Receive Chip Set
HDMP-1032 HP-HDMP-1032 Datasheet
346Kb / 32P
   1.4 GBd Transmitter/Receiver Chip Set with CIMT Encoder/Decoder and Variable Data Rate
HDMP-1032A HP-HDMP-1032A Datasheet
252Kb / 32P
   Transmitter/Receiver Chip Set
HDMP-1034 HP-HDMP-1034 Datasheet
346Kb / 32P
   1.4 GBd Transmitter/Receiver Chip Set with CIMT Encoder/Decoder and Variable Data Rate
More results

Similar Description - HDMP-1024

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-1012 HP-HDMP-1012 Datasheet
321Kb / 42P
   4Low Cost Gigabit Rate Transmit/Receive Chip Set
logo
RF Micro Devices
RF2436 RFMD-RF2436 Datasheet
42Kb / 6P
   TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_1 Datasheet
144Kb / 6P
   TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_06 Datasheet
65Kb / 6P
   TRANSMIT/RECEIVE SWITCH
RF6599 RFMD-RF6599 Datasheet
556Kb / 9P
   915MHz Transmit/Receive Module
logo
Intel Corporation
2912A INTEL-2912A Datasheet
680Kb / 12P
   PCM TRANSMIT/RECEIVE FILTER
logo
Texas Instruments
LM96530 TI1-LM96530_15 Datasheet
900Kb / 18P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
LM96530 TI1-LM96530_14 Datasheet
901Kb / 18P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
logo
Qorvo, Inc
RFFM6909 QORVO-RFFM6909 Datasheet
227Kb / 5P
   925MHz Transmit/Receive Module
logo
RF Micro Devices
RFFM6909 RFMD-RFFM6909 Datasheet
227Kb / 5P
   925MHz Transmit/Receive Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com