Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA8402 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATA8402
Description  UHF ASK/FSK Industrial Transmitter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA8402 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATA8402_14 Datasheet HTML 5Page - ATMEL Corporation ATA8402_14 Datasheet HTML 6Page - ATMEL Corporation ATA8402_14 Datasheet HTML 7Page - ATMEL Corporation ATA8402_14 Datasheet HTML 8Page - ATMEL Corporation ATA8402_14 Datasheet HTML 9Page - ATMEL Corporation ATA8402_14 Datasheet HTML 10Page - ATMEL Corporation ATA8402_14 Datasheet HTML 11Page - ATMEL Corporation ATA8402_14 Datasheet HTML 12Page - ATMEL Corporation ATA8402_14 Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ATA8402 [DATASHEET]
4982D–INDCO–07/14
10
Oscillator frequency XTO
(= phase comparator frequency)
fXTO = f0/32
fXTAL = resonant frequency of the XTAL,
CM ≤ 10 fF, load capacitance selected
accordingly
Tamb = 25°C
fXTO
fXTAL
ppm
PLL loop bandwidth
250
kHz
Phase noise of phase comparator
Referred to fPC = fXT0,
25kHz distance to carrier
–116
–110
dBc/Hz
In-loop phase noise PLL
25kHz distance to carrier
–86
–80
dBc/Hz
Phase noise VCO
At 1MHz
At 36MHz
–94
–125
–90
–121
dBc/Hz
dBc/Hz
Frequency range of VCO
fVCO
429
439
MHz
Clock output frequency (CMOS
microcontroller compatible)
f0/128
MHz
Voltage swing at pin CLK
CLoad ≤ 10pF
V0h
V0l
VS × 0.8
VS × 0.2
V
V
Series resonance R of the crystal
Rs
110
Ω
Capacitive load at pin XT0
7
pF
FSK modulation frequency rate
Duty cycle of the modulation signal =
50%
0
32
kHz
ASK modulation frequency rate
Duty cycle of the modulation signal =
50%
0
50
kHz
ENABLE input
Low level input voltage
High level input voltage
Input current high
VIl
VIh
IIn
1.7
0.25
20
V
V
µA
PA_ENABLE input
Low level input voltage
High level input voltage
Input current high
VIl
VIh
IIn
1.7
0.25
VS(1)
5
V
V
µA
7.
Electrical Characteristics (Continued)
VS = 2.0V to 4.0V, Tamb = 25°C unless otherwise specified.
Typical values are given at VS = 3.0 V and Tamb = 25°C. All parameters are referred to GND (pin 7).
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Note:
1. If VS is higher than 3.6V, the maximum voltage will be reduced to 3.6V.


Similar Part No. - ATA8402_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA8402 ATMEL-ATA8402 Datasheet
197Kb / 12P
   UHF ASK/FSK Industrial Transmitter
More results

Similar Description - ATA8402_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA8403 ATMEL-ATA8403 Datasheet
197Kb / 12P
   UHF ASK/FSK Industrial Transmitter
ATA8401 ATMEL-ATA8401_08 Datasheet
222Kb / 12P
   UHF ASK/FSK Industrial Transmitter
ATA8402 ATMEL-ATA8402 Datasheet
197Kb / 12P
   UHF ASK/FSK Industrial Transmitter
ATA8401 ATMEL-ATA8401_14 Datasheet
678Kb / 13P
   UHF ASK/FSK Industrial Transmitter
ATA8403 ATMEL-ATA8403_14 Datasheet
665Kb / 13P
   UHF ASK/FSK Industrial Transmitter
ATA8403 ATMEL-ATA8403_08 Datasheet
222Kb / 12P
   UHF ASK/FSK Industrial Transmitter
ATA8401 ATMEL-ATA8401 Datasheet
197Kb / 12P
   UHF ASK/FSK Industrial Transmitter
ATA8401 ATMEL-ATA8401_09 Datasheet
352Kb / 12P
   UHF ASK/FSK Industrial Transmitter
ATA8404 ATMEL-ATA8404 Datasheet
1Mb / 20P
   UHF ASK/FSK Industrial Transmitter
ATA5756 ATMEL-ATA5756 Datasheet
321Kb / 20P
   UHF ASK/FSK TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com