Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9685201HPA Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # 5962-9685201HPA
Description  Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5962-9685201HPA Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  5962-9685201HPA Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5962-9685201HPA Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5962-9685201HPA Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5962-9685201HPA Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5962-9685201HPA Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5962-9685201HPA Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5962-9685201HPA Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5962-9685201HPA Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5962-9685201HPA Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Electrical Specifications
Over recommended operating conditions (TA = -55°C to +125°C, VCC = +4.5 V to 30 V,
IF(ON) = 10 mA to 20 mA, VF(OFF) = -5 V to 0.8 V) unless otherwise specified.
Group A
Sub-
Parameter
Symbol groups[12] Min. Typ.* Max. Units
Test Conditions
Fig. Note
Current Transfer
CTR
1, 2, 3
30
90
%
IF = 10 mA, VO = 0.6 V
1
Ratio
Low Level Output
IOL
1, 2, 3
3.0
9.0
mA
IF = 10 mA, VO = 0.6 V
1, 2
Current
Low Level Output
VOL
1, 2, 3
0.3
0.6
V
IO = 2.4 mA
Input Threshold
ITH
1, 2, 3
1.5
5.0
mA
VO = 0.8 V,
1
7
Current
IO = 0.75 mA
High Level
IOH
1, 2, 3
5
75
µAV
F = 0.8 V
3
Output Current
High Level Supply
ICCH
1, 2, 3
0.6
1.5
mA
VF = 0.8 V, VO = Open
7
Current
Low Level Supply
ICCL
1, 2, 3
0.6
1.5
mA
IF = 10 mA, VO = Open
7
Current
Input Forward
VF
1, 2, 3
1.0
1.5
1.8
V
IF = 10 mA
4
Voltage
Temperature
∆V
F /
-1.6
mV/
°CI
F = 10 mA
Coefficient of
∆T
A
Forward Voltage
Input Reverse
BVR
1, 2, 3
5
V
IR = 100 µA
Breakdown Voltage
Input Capacitance
CIN
90
pF
f = 1 MHz, VF = 0 V
Input-Output
II-O
1
1.0
µA
RH = 45%, t = 5 sec,
2
Insulation Leakage
VI-O = 1500 Vdc,
Current
TA = 25°C
Resistance
RI-O
1012
VI-O = 500 Vdc
2
(Input-Output)
Capacitance
CI-O
2.4
pF
f = 1 MHz
2
(Input-Output)
Internal Pull-up
RL
1
142028
k
TA = 25°C
4, 5,
Resistor
6
Internal Pull-up
∆R
L/
0.014
k
Ω/°C
Resistor
∆T
A
Temperature
Coefficient
*All typical values at 25
°C, V
CC = 15 V.
Voltage


Similar Part No. - 5962-9685201HPA

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
5962-96852 AVAGO-5962-96852 Datasheet
137Kb / 15P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
5962-96852 BOARDCOM-5962-96852 Datasheet
1Mb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
More results

Similar Description - 5962-9685201HPA

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5300 AVAGO-HCPL-5300_12 Datasheet
137Kb / 15P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
HCPL-4506-500E AVAGO-HCPL-4506-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-4506 HP-HCPL-4506 Datasheet
267Kb / 14P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0466-500E AVAGO-HCPL-0466-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456 AVAGO-HCPL-J456 Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-0466-560E AVAGO-HCPL-0466-560E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506 AVAGO-HCPL-4506 Datasheet
359Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456-000E AVAGO-HCPL-J456-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506-000E AVAGO-HCPL-4506-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com