Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NAC-06-472 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # NAC-06-472
Description  High attenuation of common mode noise from 150kHz to 1MHz Single Phase 250 VAC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NAC-06-472 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  NAC-06-472 Datasheet HTML 1Page - List of Unclassifed Manufacturers NAC-06-472 Datasheet HTML 2Page - List of Unclassifed Manufacturers NAC-06-472 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
I-2
Noise
Filter
NAC series
High-attenuation type of common mode noise from 150kHz to 1MHz
NAC -10
-472
-O
Ordering information
1Model Name
2Rated Current
3Line to ground capacitor code:See table 1.1.
table1.1 Line to ground capacitor code
Code
Leakage Current
(Input 125/250V 60Hz)
Line to ground
capacitor
(nominal value)
681
75.5
A/
150
A max
680pF
102
0.13mA/ 0.25mA max
1000pF
222
0.25mA/ 0.5 mA max
2200pF
332
0.38mA/ 0.75mA max
3300pF
472
0.5 mA/ 1.0 mA max
4700pF
*1 When the line to ground capacitor code is
different, the attenuation characteristic is
different.
4Options
D :DIN rail installation type
*The dimensions change when the option is set.
Refer to External view.
1
2
3
4
Specifications
No.
Items
NAC-04-472
NAC-06-472
NAC-10-472
NAC-16-472
NAC-20-472
NAC-30-472
1
Rated Voltage[V]
AC 1
f 250 / DC250
2
Rated Current[A]
4
6
10162030
3
Test Voltage (Terminal-Mounting Plate)
2,500 VAC (Cutoff Current = 20mA), 1minute at room temperature and humidity
4
Isolation Resistance (Terminal-Mounting Plate)
500 VDC 100M
W minute at room temperature and humidity
5
Leakage current 125/250V 60Hz
0.5mA/1.0mA max
6
Voltage drop
1.0V max
7
Safety agency approval temperatures
-25 to +85
C (Refer to Derating Curve)
8
Operating temperature
-40 to +85
C (Refer to Derating Curve)
9
Operating humidity
20 to 95%RH (Non condensing)
10
Storage temperature/humidity
-40 to +85
C/20 to 95%RH (Non condensing)
11
Vibration
10 to 55Hz, 19.6m/s2 (2G), 3min. Period, 1hour each X, Y and Z axis
12
Impact
196.1m/s2 (20G), 11ms Once each X, Y and Z axis
13
Safety agency approvals
UL1283, CSA C22.2 No.8 (C-UL), DIN EN133200 VDE0565 Teil3-1, ENEC (At only AC input)
14
Case size (without projection) /Mass
53
X41X92 mm (WXHXD) /300g max (Option : -D refer to external view)
Features of NAC series
Circuit Diagram
Derating Curve
LINE
Case
: Mounting Plate
1
2
4
3
CY
CY
CY : Line to ground capacitor
LOAD
High-attenuation type of common mode noise from 150kHz to 1MHz
- Single Phase 250 VAC
- Quick and easy push-down terminal
Just connect the wires, push down and tighten
the screws with a screwdriver
90
50
60
70
80
20
0
-40
40
-30
-20
100
80
60
40
55
Ambient Temperature [
C]
DIN rail installation type is option
The terminal cover is retracted inside the unit


Similar Part No. - NAC-06-472

ManufacturerPart #DatasheetDescription
logo
Powerbox
NAC-10-472 POWERBOX-NAC-10-472 Datasheet
322Kb / 1P
   AC FILTER
More results

Similar Description - NAC-06-472

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL500-15 PLL-PLL500-15 Datasheet
212Kb / 6P
   Low Phase Noise VCXO (1MHz to 18MHz)
logo
Micrel Semiconductor
PL500-15 MICREL-PL500-15 Datasheet
307Kb / 5P
   Low Phase Noise VCXO (1MHz to 18MHz)
logo
TDK Electronics
RTMN-5006 TDK-RTMN-5006 Datasheet
1Mb / 4P
   High Attenuation Three-Phase External Noise Prevention Filter
logo
Schurter Inc.
UMK250 SCHURTER-UMK250 Datasheet
303Kb / 3P
   High breaking capacity of up to 200 A @ 250 VAC
logo
TDK Electronics
RSKN-2006 TDK-RSKN-2006 Datasheet
925Kb / 5P
   Wide band, high attenuation from low frequency to high frequency
logo
PREMO CORPORATION S.L
DMRF PREMO-DMRF Datasheet
152Kb / 1P
   High attenuation for industrial applications single phase filter
logo
TDK Electronics
RTHC-5006 TDK-RTHC-5006 Datasheet
1Mb / 5P
   High Attenuation Three-Phase Filter
logo
TE Connectivity Ltd
20EHZ6 TEC-20EHZ6 Datasheet
301Kb / 2P
   Designed to provide good attenuation from 10kHz to 30MHz
logo
TDK Electronics
RTHB-5006 TDK-RTHB-5006 Datasheet
1Mb / 4P
   High Attenuation Three-Phase Filter
logo
Panasonic Semiconductor
EXC-24CE900U PANASONIC-EXC-24CE900U Datasheet
81Kb / 2P
   Common mode Noise Filters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com