Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9685201HXA Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # 5962-9685201HXA
Description  Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5962-9685201HXA Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  5962-9685201HXA Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5962-9685201HXA Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5962-9685201HXA Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5962-9685201HXA Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5962-9685201HXA Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5962-9685201HXA Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5962-9685201HXA Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5962-9685201HXA Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5962-9685201HXA Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Absolute Maximum Ratings
Storage Temperature (TS) ............................................................................................................. -65 to 150°C
Operating Temperature (TA) ......................................................................................................... -55 to 125°C
Junction Temperature (TJ) ...................................................................................................................... 175°C
Average Input Current (IF(AVG)) ............................................................................................................... 25 mA
Peak Input Current (50% duty cycle,
≤ 1 ms pulse width) (I
F(PEAK)) ........................................................ 50 mA
Peak Transient Input Current (<1
µs pulse width, 300 pps) (I
F(TRAN)) ..................................................... 1.0 A
Reverse Input Voltage (Pin 3-2) (VR) ............................................................................................................ 5 V
Average Output Current (Pin 6) (IO(AVG)) ................................................................................................ 15 mA
Resistor Voltage (Pin 7) (V7) ......................................................................................................... -0.5 V to VCC
Output Voltage (Pin 6-5) (VO) ........................................................................................................ -0.5 to 30 V
Supply Voltage (Pin 8-5) (VCC) ....................................................................................................... -0.5 to 30 V
Output Power Dissipation (PO) ............................................................................................................. 100 mW
Total Power Dissipation (PT) ................................................................................................................ 145 mW
Lead Solder Temperature (soldering, 10 seconds) .................................................................................. 260
°C
ESD Classification
(MIL-STD-883,
Method 3015).....................(
∆),Class 1
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Power Supply Voltage
VCC
4.5
30
Volts
Output Voltage
VO
0
30
Volts
Input Current (ON)
IF(ON)
10
20
mA
Input Voltage (OFF)
VF(OFF)
-5
0.8
V


Similar Part No. - 5962-9685201HXA

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
5962-96852 AVAGO-5962-96852 Datasheet
137Kb / 15P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
5962-96852 BOARDCOM-5962-96852 Datasheet
1Mb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
More results

Similar Description - 5962-9685201HXA

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5300 AVAGO-HCPL-5300_12 Datasheet
137Kb / 15P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
HCPL-4506-500E AVAGO-HCPL-4506-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-4506 HP-HCPL-4506 Datasheet
267Kb / 14P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0466-500E AVAGO-HCPL-0466-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456 AVAGO-HCPL-J456 Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-0466-560E AVAGO-HCPL-0466-560E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506 AVAGO-HCPL-4506 Datasheet
359Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456-000E AVAGO-HCPL-J456-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506-000E AVAGO-HCPL-4506-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com