Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEDS-1200 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HEDS-1200
Description  Optical Reflective Sensors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-1200 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

  HEDS-1200 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDS-1200 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDS-1200 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDS-1200 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDS-1200 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS-1200 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-1200 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDS-1200 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
4-28
1.0
DISTANCE FROM REFERENCE PLANE OF SENSOR – mm
0
2.5
4.0
0.2
3.0
0.4
0.6
0.8
3.5
PREFERRED ORIENTATION
NON-PREFERRED ORIENTATION
d
WHITE
BLACK
100 %
90 %
10 %
0
4.5
5.0
5.5
1.0
DISTANCE FROM REFERENCE PLANE OF SENSOR – mm
0
2.5
4.0
0.2
3.0
0.4
0.6
0.8
3.5
PREFERRED ORIENTATION
NON-PREFERRED ORIENTATION
d
WHITE
BLACK
100 %
90 %
10 %
0
4.5
5.0
5.5
Preferred Orientation
At maximum signal point (MSP)
and/or when the sensor is in
focus, the orientation of the
sensor is unimportant. However,
as one moves away from MSP
and/or moves out of focus (either
by distance or angle), the pre-
ferred orientation indicated above
is recommended to maintain a
higher resolution spot size.
Figure 9A. HEDS-1200 System Optical Step Response Variation with Distance.
Figure 9B. HEDS-1300 System Optical Step Response Variation with Distance.


Similar Part No. - HEDS-1200

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HEDS-1300 BOARDCOM-HEDS-1300 Datasheet
503Kb / 8P
   Optical Reflective Sensor
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-1300 AVAGO-HEDS-1300 Datasheet
503Kb / 8P
   Optical Reflective Sensor
logo
Agilent(Hewlett-Packard...
HEDS-1500 HP-HEDS-1500 Datasheet
158Kb / 6P
   655 nm Precision Optical Reflective Sensor
More results

Similar Description - HEDS-1200

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HBCC-1570 HP-HBCC-1570 Datasheet
152Kb / 8P
   Optical Reflective Sensors
logo
List of Unclassifed Man...
ISTS149 ETC1-ISTS149 Datasheet
62Kb / 3P
   REFLECTIVE OPTICAL SWITCHES
logo
Broadcom Corporation.
HEDS-1300 BOARDCOM-HEDS-1300 Datasheet
503Kb / 8P
   Optical Reflective Sensor
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-1300 AVAGO-HEDS-1300 Datasheet
503Kb / 8P
   Optical Reflective Sensor
logo
OSRAM GmbH
SFH-7740 OSRAM-SFH-7740 Datasheet
432Kb / 14P
   Reflective Optical Switch
logo
KODENSHI_AUK CORP.
HS-101 KODENSHI-HS-101 Datasheet
216Kb / 2P
   Reflective sensors
HS-101S KODENSHI-HS-101S Datasheet
215Kb / 2P
   Reflective sensors
logo
TT Electronics.
OPB9000 TTELEC-OPB9000 Datasheet
1Mb / 20P
   SMD Reflective Optical Sensor
logo
QT Optoelectronics
QRB1113 QT-QRB1113 Datasheet
146Kb / 2P
   REFLECTIVE OBJECT SENSORS
logo
OPTEK Technologies
OPB702 OPTEK-OPB702 Datasheet
89Kb / 4P
   Reflective Object Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com