Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-15X7 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HFBR-15X7
Description  125 Megabaud Versatile Link The Versatile Fiber Optic Connection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-15X7 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HFBR-15X7 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR-15X7 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR-15X7 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-15X7 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-15X7 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-15X7 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-15X7 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-15X7 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-15X7 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
19
Hard Clad Silica Fiber (200
µm HCS) Transmitter Application Circuit: Performance of
the HFBR-15X7 transmitter in the recommended application circuit (Figure 1) for HCS; 1-125 MBd, 25
°C.
Parameter
Symbol
Typical
Unit
Condition
Note
Average Optical Power 200
µm HCS
Pavg
-14.6
dBm
50% Duty
Note 1, Fig 3
Cycle
Average Modulated Power 200
µm HCS
Pmod
-16.2
dBm
Note 2, Fig 3
Optical Rise Time (10% to 90%)
tr
3.1
ns
5 MHz
Optical Fall Time (90% to 10%)
tf
3.4
ns
5 MHz
High Level LED Current (On)
IF,H
60
mA
Note 3
Low Level LED Current (Off)
IF,L
6
mA
Note 3
Optical Overshoot - 200
µm HCS
30
%
Transmitter Application Circuit
ICC
130
mA
Figure 1
Current Consumption - 200
µm HCS
Notes:
1. Average optical power is measured with an average power meter at 50% duty cycle, after 1 meter of fiber.
2. To allow the LED to switch at high speeds, the recommended drive circuit modulates LED light output between two non-zero power
levels. The modulated (useful) power is the difference between the high and low level of light output power (transmitted) or input
power (received), which can be measured with an average power meter as a function of duty cycle (see Figure 3). Average Modulated
Power is defined as one half the slope of the average power versus duty cycle:
[Pavg @ 80% duty cycle - Pavg @ 20% duty cycle]
Average Modulated Power = ––——————————————————————
(2) [0.80 - 0.20]
3. High and low level LED currents refer to the current through the HFBR-15X7 LED. The low level LED “off” current, sometimes
referred to as “hold-on” current, is prebias supplied to the LED during the off state to facilitate fast switching speeds.
Plastic Optical Fiber (1 mm POF) Transmitter Application Circuit:
Performance of the HFBR-15X7 transmitter in the recommended application circuit (Figure 1) for POF; 1-
125 MBd, 25
°C.
Parameter
Symbol
Typical
Unit
Condition
Note
Average Optical Power 1 mm POF
Pavg
-9.7
dBm
50% Duty
Note 1, Fig 3
Cycle
Average Modulated Power 1 mm POF
Pmod
-11.3
dBm
Note 2, Fig 3
Optical Rise Time (10% to 90%)
tr
2.1
ns
5 MHz
Optical Fall Time (90% to 10%)
tf
2.8
ns
5 MHz
High Level LED Current (On)
IF,H
19
mA
Note 3
Low Level LED Current (Off)
IF,L
3
mA
Note 3
Optical Overshoot - 1 mm POF
45
%
Transmitter Application Circuit
ICC
110
mA
Figure 1
Current Consumption - 1 mm POF


Similar Part No. - HFBR-15X7

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-1505A HP-HFBR-1505A Datasheet
250Kb / 11P
   Fiber Optic Transmitters and Receivers for SERCOS, PROFIBUS and INTERBUS-S Applications
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1505A AVAGO-HFBR-1505A Datasheet
242Kb / 11P
   Fiber Optic Transmitters and Receivers for Fieldbus Applications
HFBR-1505AFZ AVAGO-HFBR-1505AFZ Datasheet
96Kb / 4P
   Change to improved mold compound
HFBR-1505AFZ AVAGO-HFBR-1505AFZ Datasheet
733Kb / 7P
   Full Metal Fiber Optic Transmitter and Receiver for SERCOS Applications
HFBR-1505AZ AVAGO-HFBR-1505AZ Datasheet
101Kb / 11P
   Fiber Optic Transmitters and Receivers for SERCOS PROFIBUS and INTERBUS-S Applications
More results

Similar Description - HFBR-15X7

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0501 HP-HFBR-0501 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1521ETZ AVAGO-HFBR-1521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1527ETZ AVAGO-HFBR-1527ETZ Datasheet
211Kb / 12P
   125Megabaud Versatile Link The Versatile Fiber Optic Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com