Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-25X6 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HFBR-25X6
Description  125 Megabaud Versatile Link The Versatile Fiber Optic Connection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-25X6 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HFBR-25X6 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR-25X6 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR-25X6 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-25X6 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-25X6 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-25X6 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-25X6 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-25X6 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-25X6 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
18
HFBR-0507 Series
125 MBd Data Link
Data link operating conditions
and performance are specified for
the HFBR-15X7 transmitter and
HFBR-25X6 receiver in the
recommended applications
circuits shown in Figure 1. This
circuit has been optimized for 125
MBd operation. The Applications
Engineering Department in the
Hewlett-Packard Optical
Communication Division is
available to assist in optimizing
link performance for higher or
lower speed operation.
Recommended Operating Conditions for the Circuits in Figures 1 and 2.
Parameter
Symbol
Min.
Max.
Unit
Reference
Ambient Temperature
TA
070
°C
Supply Voltage
VCC
+4.75
+5.25
V
Data Input Voltage – Low
VIL
VCC -1.89
VCC -1.62
V
Data Input Voltage – High
VIH
VCC -1.06
VCC -0.70
V
Data Output Load
RL
45
55
Note 1
Signaling Rate
fS
1
125
MBd
Duty Cycle
D.C.
40
60
%
Note 2
Link Performance: 1-125 MBd, BER
≤ 10-9, under recommended operating conditions with
recommended transmit and receive application circuits.
Parameter
Symbol
Min.[3]
Typ.[4] Max.
Unit
Condition
Reference
Optical Power Budget, 1 m POF
OPBPOF
11
16
dB
Note 5,6,7
Optical Power Margin,
OPMPOF,20
3
6
dB
Note 5,6,7
20 m Standard POF
Link Distance with
l
20
27
m
Standard 1 mm POF
Optical Power Margin,
OPMPOF,25
3
6
dB
Note 5,6,7
25 m Low Loss POF
Link Distance with Extra
l
25
32
m
Low Loss 1 mm POF
Optical Power Budget, 1 m HCS
OPBHCS
7
12
dB
Note 5,6,7
Optical Power Margin,
OPMHCS,100
3
6
dB
Note 5,6,7
100 m HCS
Link Distance with HCS Cable
l
100
125
m
Notes:
1. If the output of U4C in Figure 1, page 4 is transmitted via coaxial cable, terminate with a 50
Ω resistor to V
CC - 2 V.
2. Run length limited code with maximum run length of 10
µs.
3. Minimum link performance is projected based on the worst case specifications of the HFBR-15X7 transmitter, HFBR-25X6 receiver,
and POF cable, and the typical performance of other components (e.g. logic gates, transistors, resistors, capacitors, quantizer,
HCS cable).
4. Typical performance is at 25
°C, 125 MBd, and is measured with typical values of all circuit components.
5. Standard cable is HFBR-RXXYYY plastic optical fiber , with a maximum attenuation of 0.24 dB/m at 650 nm and NA = 0.5.
Extra low loss cable is HFBR-EXXYYY plastic optical fiber, with a maximum attenuation of 0.19 dB/m at 650 nm and NA = 0.5.
HCS cable is HFBR-H/VXXYYY glass optical fiber, with a maximum attenuation of 10 dB/km at 650 nm and NA = 0.37.
6. Optical Power Budget is the difference between the transmitter output power and the receiver sensitivity, measured after
1 meter of fiber. The minimum OPB is based on the limits of optical component performance over temperature, process, and
recommended power supply variation.
7. The Optical Power Margin is the available OPB after including the effects of attenuation and modal dispersion for the minimum
link distance: OPM = OPB - (attenuation power loss + modal dispersion power penalty). The minimum OPM is the margin
available for longterm LED LOP degradation and additional fixed passive losses (such as in-line connectors) in addition to the
minimum specified distance.


Similar Part No. - HFBR-25X6

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-2505A HP-HFBR-2505A Datasheet
250Kb / 11P
   Fiber Optic Transmitters and Receivers for SERCOS, PROFIBUS and INTERBUS-S Applications
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2505A AVAGO-HFBR-2505A Datasheet
242Kb / 11P
   Fiber Optic Transmitters and Receivers for Fieldbus Applications
HFBR-2505AZ AVAGO-HFBR-2505AZ Datasheet
101Kb / 11P
   Fiber Optic Transmitters and Receivers for SERCOS PROFIBUS and INTERBUS-S Applications
logo
Agilent(Hewlett-Packard...
HFBR-2505C HP-HFBR-2505C Datasheet
250Kb / 11P
   Fiber Optic Transmitters and Receivers for SERCOS, PROFIBUS and INTERBUS-S Applications
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2505CFZ AVAGO-HFBR-2505CFZ Datasheet
96Kb / 4P
   Change to improved mold compound
More results

Similar Description - HFBR-25X6

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0501 HP-HFBR-0501 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1521ETZ AVAGO-HFBR-1521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1527ETZ AVAGO-HFBR-1527ETZ Datasheet
211Kb / 12P
   125Megabaud Versatile Link The Versatile Fiber Optic Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com