Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTB5605T4G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NTB5605T4G
Description  Power MOSFET -60 Volt, -18.5 Amp
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTB5605T4G Datasheet(HTML) 6 Page - ON Semiconductor

  NTB5605T4G Datasheet HTML 1Page - ON Semiconductor NTB5605T4G Datasheet HTML 2Page - ON Semiconductor NTB5605T4G Datasheet HTML 3Page - ON Semiconductor NTB5605T4G Datasheet HTML 4Page - ON Semiconductor NTB5605T4G Datasheet HTML 5Page - ON Semiconductor NTB5605T4G Datasheet HTML 6Page - ON Semiconductor NTB5605T4G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NTB5605P, NTB5605
http://onsemi.com
6
PACKAGE DIMENSIONS
D2PAK
CASE 418B-04
ISSUE J
STYLE 2:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN
SEATING
PLANE
S
G
D
-T-
M
0.13 (0.005)
T
23
1
4
3 PL
K
J
H
V
E
C
A
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.340
0.380
8.64
9.65
B
0.380
0.405
9.65
10.29
C
0.160
0.190
4.06
4.83
D
0.020
0.035
0.51
0.89
E
0.045
0.055
1.14
1.40
G
0.100 BSC
2.54 BSC
H
0.080
0.110
2.03
2.79
J
0.018
0.025
0.46
0.64
K
0.090
0.110
2.29
2.79
S
0.575
0.625
14.60
15.88
V
0.045
0.055
1.14
1.40
-B-
M
B
W
W
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. 418B-01 THRU 418B-03 OBSOLETE,
NEW STANDARD 418B-04.
F
0.310
0.350
7.87
8.89
L
0.052
0.072
1.32
1.83
M
0.280
0.320
7.11
8.13
N
0.197 REF
5.00 REF
P
0.079 REF
2.00 REF
R
0.039 REF
0.99 REF
M
L
F
M
L
F
M
L
F
VARIABLE
CONFIGURATION
ZONE
R
N
P
U
VIEW W-W
VIEW W-W
VIEW W-W
12
3
*For additional information on our Pb-Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
8.38
0.33
1.016
0.04
17.02
0.67
10.66
0.42
3.05
0.12
5.08
0.20
mm
inches
SCALE 3:1


Similar Part No. - NTB5605T4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB5605P ONSEMI-NTB5605P Datasheet
62Kb / 8P
   Power MOSFET
August, 2004 ??Rev. 1
NTB5605P ONSEMI-NTB5605P Datasheet
70Kb / 7P
   Power MOSFET -60 Volt, -18.5 Amp
August, 2005 ??Rev. 2
NTB5605P ONSEMI-NTB5605P Datasheet
144Kb / 7P
   Power MOSFET -60 V, -18.5 A
August, 2011 ??Rev. 4
NTB5605PG ONSEMI-NTB5605PG Datasheet
70Kb / 7P
   Power MOSFET -60 Volt, -18.5 Amp
August, 2005 ??Rev. 2
logo
VBsemi Electronics Co.,...
NTB5605PG VBSEMI-NTB5605PG Datasheet
954Kb / 8P
   P-Channel 60-V (D-S) MOSFET
More results

Similar Description - NTB5605T4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB5605P ONSEMI-NTB5605P_05 Datasheet
70Kb / 7P
   Power MOSFET -60 Volt, -18.5 Amp
August, 2005 ??Rev. 2
NTD24N06-1G ONSEMI-NTD24N06-1G Datasheet
86Kb / 8P
   Power MOSFET 60 Volt, 24 Amp
August, 2005 ??Rev. 4
NTBV5605T4G ONSEMI-NTBV5605T4G Datasheet
144Kb / 7P
   Power MOSFET -60 V, -18.5 A
August, 2011 ??Rev. 4
NTD24N06G ONSEMI-NTD24N06G Datasheet
75Kb / 8P
   Power MOSFET 60 Volt, 24 Amp N?묬hannel DPAK
August, 2005 ??Rev. 4
logo
Central Semiconductor C...
CP635-2N3791 CENTRAL-CP635-2N3791 Datasheet
397Kb / 4P
   PNP - Power Transistor Die 10 Amp, 60 Volt
R0 28-July 2016
logo
ON Semiconductor
NTD25P03L ONSEMI-NTD25P03L_06 Datasheet
160Kb / 9P
   Power MOSFET -25 Amp, -30 Volt
March, 2006 ??Rev. 3
logo
DIOTEC Electronics Corp...
TVS6024PFC DEC-TVS6024PFC Datasheet
58Kb / 1P
   60 AMP 24 VOLT PRESS FIT TVS DIODES
logo
Central Semiconductor C...
CP527-2N6296 CENTRAL-CP527-2N6296 Datasheet
722Kb / 4P
   PNP - Darlington Transistor Die 4.0 Amp, 60 Volt
R0 28-June 2016
CP727V-CZTA77 CENTRAL-CP727V-CZTA77 Datasheet
710Kb / 4P
   PNP - Darlington Transistor Die 0.5 Amp, 60 Volt
R0 26-October 2015
logo
International Rectifier
OM4003ST IRF-OM4003ST_15 Datasheet
22Kb / 2P
   10 Amp, 60 To 100 Volt Schottky Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com