Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRC100ZO Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NRC100ZO
Description  Thick Film Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRC100ZO Datasheet(HTML) 6 Page - NIC-Components Corp.

  NRC100ZO Datasheet HTML 1Page - NIC-Components Corp. NRC100ZO Datasheet HTML 2Page - NIC-Components Corp. NRC100ZO Datasheet HTML 3Page - NIC-Components Corp. NRC100ZO Datasheet HTML 4Page - NIC-Components Corp. NRC100ZO Datasheet HTML 5Page - NIC-Components Corp. NRC100ZO Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
PAPER CARRIER DIMENSIONS (mm)
P
1
A
FW
B
D
P
0
T
Cover tape
E
P
2
Type
EIA Size
A
B
D
E
F
P
o
P
1
P
2
T
W
Quantity/Reel
NRC04
0402
0.7±0.5 1.2±0.05 1.5+0.1/-0 1.75±0.1 3.5±0.05 4.0±0.1 2.0±0.05 2.0±0.05 0.45±0.1 8.0±0.2
30,000 pieces
Thick Film Chip Resistors
NRC Series
REEL DIMENSIONS (mm)
13.0
±1.0
13.5
±1.0
9.0
±1.0


Similar Part No. - NRC100ZO

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRC100ZO NIC-NRC100ZO Datasheet
135Kb / 6P
   Thick Film Chip Resistors
NRC100ZO NIC-NRC100ZO Datasheet
135Kb / 6P
   Thick Film Chip Resistors
NRC100ZO NIC-NRC100ZO Datasheet
135Kb / 6P
   Thick Film Chip Resistors
NRC100ZO NIC-NRC100ZO Datasheet
135Kb / 6P
   Thick Film Chip Resistors
logo
List of Unclassifed Man...
NRC100ZO ETC-NRC100ZO Datasheet
135Kb / 6P
   Thick Film Chip Resistors
More results

Similar Description - NRC100ZO

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
NRCE NIC-NRCE Datasheet
64Kb / 2P
   Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com