Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-520K-300 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL-520K-300
Description  Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-520K-300 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL-520K-300 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-520K-300 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-520K-300 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-520K-300 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-520K-300 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-520K-300 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-520K-300 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-520K-300 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-520K-300 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Hermetically Sealed,
Low IF, Wide VCC,
Logic Gate Optocouplers
Technical Data
Features
• Dual Marked with Device
Part Number and DSCC
Standard Microcircuit
Drawing
• Manufactured and Tested on
a MIL-PRF-38534 Certified
Line
• QML-38534, Class H and K
• Four Hermetically Sealed
Package Configurations
• Performance Guaranteed
over -55
°C to +125°C
• Wide VCC Range (4.5 to 20 V)
• 350 ns Maximum Propaga-
tion Delay
• CMR: > 10,000 V/
µs Typical
• 1500 Vdc Withstand Test
Voltage
• Three State Output Available
• High Radiation Immunity
• HCPL-2200/31 Function
Compatibility
• Reliability Data Available
• Compatible with LSTTL,
TTL, and CMOS Logic
Applications
• Military and Space
• High Reliability Systems
• Transportation and Life
Critical Systems
• High Speed Line Receiver
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
• Isolated Bus Driver (Single
Channel)
• Pulse Transformer
Replacement
• Ground Loop Elimination
• Harsh Industrial
Environments
• Computer-Peripheral
Interfaces
Description
These units are single, dual and
quad channel, hermetically sealed
optocouplers. The products are
capable of operation and storage
over the full military temperature
range and can be purchased as
either standard product or with
full MIL-PRF-38534 Class Level
H or K testing or from the
appropriate DSCC Drawing. All
devices are manufactured and
tested on a MIL-PRF-38534
certified line and are included in
the DSCC Qualified Manufac-
turers List QML-38534 for Hybrid
Microcircuits.
Each channel contains an AlGaAs
light emitting diode which is
optically coupled to an integrated
high gain photon detector. The
detector has a threshold with
hysteresis which provides differ-
ential mode noise immunity and
eliminates the potential for
output signal chatter. The
detector in the single channel
units has a tri-state output stage
Truth Tables
(Positive Logic)
Multichannel Devices
Input
Output
On (H)
H
Off (L)
L
HCPL-520x*
5962-88768
HCPL-523x
HCPL-623x
HCPL-625x
5962-88769
*See matrix for available extensions.
Functional Diagram
Multiple Channel Devices
Available
VCC
VO
VE
GND
Single Channel DIP
Input
Enable
Output
On (H)
H
Z
Off (L)
H
Z
On (H)
L
H
Off (L)
L
L
A 0.1
µF bypass capacitor must be connected between V
CC and GND pins.


Similar Part No. - HCPL-520K-300

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-520K AVAGO-HCPL-520K Datasheet
367Kb / 14P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
More results

Similar Description - HCPL-520K-300

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-520X AVAGO-HCPL-520X Datasheet
367Kb / 14P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-675X HP-HCPL-675X Datasheet
320Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A-883B AVAGO-6N140A-883B Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A AVAGO-6N140A Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
HCPL-5731 AVAGO-HCPL-5731 Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5730L AVAGO-ACPL-5730L Datasheet
169Kb / 11P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com