Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIN-HDR12JTRF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NIN-HDR12JTRF
Description  SIZES K(0402), J (0603), D (0805) AND C (1008)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NIN-HDR12JTRF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NIN-HDR12JTRF Datasheet HTML 1Page - NIC-Components Corp. NIN-HDR12JTRF Datasheet HTML 2Page - NIC-Components Corp. NIN-HDR12JTRF Datasheet HTML 3Page - NIC-Components Corp. NIN-HDR12JTRF Datasheet HTML 4Page - NIC-Components Corp. NIN-HDR12JTRF Datasheet HTML 5Page - NIC-Components Corp. NIN-HDR12JTRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
43
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NIN-HD SERIES
D-SIZE (0805)
STANDARD VALUES
Wirewound Chip Inductors
NIN-H Series
NIC
P/N
INDUCTANCE
TOLERANCE
INDUCTANCE
VALUE (nH)
FREQUENCY
(MHz)
Q FACTOR
SRF
(MHz)
Minimum
Rated DC
Resistance
(ohms)
Rated DC
Current
(mA)
NIN-HD2N2JTRF
J,K,M
2.2
250
40@1500MHz
6000
0.1
600
NIN-HD3N3JTRF
J,K,M
3.3
250
25@1500MHz
6000
0.15
600
NIN-HD4N7JTRF
J,K,M
4.7
250
50@1000MHz
5000
0.09
600
NIN-HD6N8JTRF
J,K,M
6.8
250
50@1000MHz
5000
0.11
600
NIN-HD8N2JTRF
J,K,M
8.2
250
50@1000MHz
4700
0.19
600
NIN-HD100JTRF
J,K,M
10
250
50@500MHz
4200
0.14
600
NIN-HD120JTRF
G,J,K,M
12
250
50@500MHz
4000
0.15
600
NIN-HD150JTRF
G,J,K,M
15
250
50@500MHz
2900
0.17
600
NIN-HD180JTRF
G,J,K,M
18
250
50@500MHz
3300
0.2
600
NIN-HD220JTRF
G,J,K,M
22
250
55@500MHz
2600
0.22
500
NIN-HD270JTRF
G,J,K,M
27
250
55@500MHz
2500
0.25
500
NIN-HD330JTRF
G,J,K,M
33
250
60@500MHz
2050
0.27
500
NIN-HD390JTRF
G,J,K,M
39
250
60@500MHz
2000
0.29
500
NIN-HD470JTRF
G,J,K,M
47
200
60@500MHz
1650
0.31
500
NIN-HD560JTRF
G,J,K,M
56
200
60@500MHz
1550
0.34
500
NIN-HD680JTRF
G,J,K,M
68
200
60@500MHz
1450
0.38
500
NIN-HD820JTRF
G,J,K,M
82
150
60@500MHz
1300
0.42
400
NIN-HDR10JTRF
G,J,K,M
100
150
60@500MHz
1200
0.46
400
NIN-HDR12JTRF
G,J,K,M
120
150
50@250MHz
1100
0.51
400
NIN-HDR15JTRF
G,J,K,M
150
100
50@250MHz
920
0.56
400
NIN-HDR18JTRF
G,J,K,M
180
100
50@250MHz
870
0.64
400
NIN-HDR22JTRF
G,J,K,M
220
100
45@250MHz
850
0.7
400
NIN-HDR27JTRF
G,J,K,M
270
100
40@250MHz
650
1
350
NIN-HDR33JTRF
G,J,K,M
330
100
40@250MHz
600
1.5
310
NIN-HDR39JTRF
G,J,K,M
390
100
35@250MHz
560
1.7
290
NIN-HDR47JTRF
G,J,K,M
470
50
33@100MHz
375
1.76
250
NIN-HDR56JTRF
G,J,K,M
560
25
23@50MHz
340
1.9
230
NIN-HDR68JTRF
G,J,K,M
680
25
23@50MHz
188
2.2
190
NIN-HDR82JTRF
G,J,K,M
820
25
23@50MHz
215
2.35
180
NIN-HDR91JTRF
G,J,K,M
910
25
22@50MHz
180
3
160


Similar Part No. - NIN-HDR12JTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NIN-HDR12JTRF NIC-NIN-HDR12JTRF Datasheet
522Kb / 6P
   Wirewound Chip Inductors
More results

Similar Description - NIN-HDR12JTRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NIN-PA4R7MTRF NIC-NIN-PA4R7MTRF Datasheet
124Kb / 13P
   EIA SIZES A (1210), B (1812), C (1008) AND D (0805)
logo
MERITEK ELECTRONICS COR...
SNT MERITEK-SNT Datasheet
1Mb / 10P
   EIA size 0402, 0603, 0805, 1206
logo
YAGEO Corporation
RL1206FR-070R47L YAGEO-RL1206FR-070R47L Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS sizes 0402/0603/0805/1206/ 1210/1218/2010/2512 RoHS compliant & Halogen Free
logo
Vishay Siliconix
NTHS0603N01N1003JE VISHAY-NTHS0603N01N1003JE Datasheet
91Kb / 3P
   NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
Revision: 05-Jun-13
NTHS0603N02N1002JE VISHAY-NTHS0603N02N1002JE Datasheet
91Kb / 3P
   NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
Revision: 05-Jun-13
NTHS VISHAY-NTHS_V01 Datasheet
93Kb / 3P
   NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
01-Jan-2022
logo
Bi technologies
BMC BITECH-BMC Datasheet
245Kb / 3P
   Surface Mount Multilayer High Frequency Ceramic Chip Inductors 0402 - 0805 Industry Sizes
logo
Texas Instruments
TMP63 TI1-TMP63_V02 Datasheet
1Mb / 28P
[Old version datasheet]   TMP63 짹1% 100-k廓 Linear Thermistor With 0402 and 0603 Package Options
TMP63 TI1-TMP63_V03 Datasheet
1Mb / 28P
[Old version datasheet]   TMP63 짹1% 100-k廓 Linear Thermistor With 0402 and 0603 Package Options
logo
NIC-Components Corp.
NFI12K180TRF NIC-NFI12K180TRF Datasheet
147Kb / 5P
   SURFACE MOUNT CASE SIZES (0603 ~ 1206)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com