Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA8535 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATMEGA8535
Description  High-performance, Low-power AVR
Download  321 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8535 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATMEGA8535_14 Datasheet HTML 1Page - ATMEL Corporation ATMEGA8535_14 Datasheet HTML 2Page - ATMEL Corporation ATMEGA8535_14 Datasheet HTML 3Page - ATMEL Corporation ATMEGA8535_14 Datasheet HTML 4Page - ATMEL Corporation ATMEGA8535_14 Datasheet HTML 5Page - ATMEL Corporation ATMEGA8535_14 Datasheet HTML 6Page - ATMEL Corporation ATMEGA8535_14 Datasheet HTML 7Page - ATMEL Corporation ATMEGA8535_14 Datasheet HTML 8Page - ATMEL Corporation ATMEGA8535_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 321 page
background image
Features
High-performance, Low-power AVR® 8-bit Microcontroller
Advanced RISC Architecture
– 130 Powerful Instructions – Most Single Clock Cycle Execution
– 32 x 8 General Purpose Working Registers
– Fully Static Operation
– Up to 16 MIPS Throughput at 16 MHz
– On-chip 2-cycle Multiplier
Nonvolatile Program and Data Memories
– 8K Bytes of In-System Self-Programmable Flash
Endurance: 10,000 Write/Erase Cycles
– Optional Boot Code Section with Independent Lock Bits
In-System Programming by On-chip Boot Program
True Read-While-Write Operation
– 512 Bytes EEPROM
Endurance: 100,000 Write/Erase Cycles
– 512 Bytes Internal SRAM
– Programming Lock for Software Security
Peripheral Features
– Two 8-bit Timer/Counters with Separate Prescalers and Compare Modes
– One 16-bit Timer/Counter with Separate Prescaler, Compare Mode, and Capture
Mode
– Real Time Counter with Separate Oscillator
– Four PWM Channels
– 8-channel, 10-bit ADC
8 Single-ended Channels
7 Differential Channels for TQFP Package Only
2 Differential Channels with Programmable Gain at 1x, 10x, or 200x for TQFP
Package Only
– Byte-oriented Two-wire Serial Interface
– Programmable Serial USART
– Master/Slave SPI Serial Interface
– Programmable Watchdog Timer with Separate On-chip Oscillator
– On-chip Analog Comparator
Special Microcontroller Features
– Power-on Reset and Programmable Brown-out Detection
– Internal Calibrated RC Oscillator
– External and Internal Interrupt Sources
– Six Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, Standby
and Extended Standby
I/O and Packages
– 32 Programmable I/O Lines
– 40-pin PDIP, 44-lead TQFP, 44-lead PLCC, and 44-pad QFN/MLF
Operating Voltages
– 2.7 - 5.5V for ATmega8535L
– 4.5 - 5.5V for ATmega8535
Speed Grades
– 0 - 8 MHz for ATmega8535L
– 0 - 16 MHz for ATmega8535
8-bit
Microcontroller
with 8K Bytes
In-System
Programmable
Flash
ATmega8535
ATmega8535L
2502K–AVR–10/06


Similar Part No. - ATMEGA8535_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8535-16AC ATMEL-ATMEGA8535-16AC Datasheet
264Kb / 22P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8535-16AC ATMEL-ATMEGA8535-16AC Datasheet
2Mb / 321P
   8-bit Microcontrolle with 8K Bytes In-System Programmable Flash
ATMEGA8535-16AI ATMEL-ATMEGA8535-16AI Datasheet
264Kb / 22P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8535-16AI ATMEL-ATMEGA8535-16AI Datasheet
2Mb / 321P
   8-bit Microcontrolle with 8K Bytes In-System Programmable Flash
ATMEGA8535-16AU ATMEL-ATMEGA8535-16AU Datasheet
264Kb / 22P
   8-bit AVR Microcontroller with 8K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA8535_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA325PV ATMEL-ATMEGA325PV_14 Datasheet
503Kb / 364P
   High Performance, Low Power AVR
ATTINY2313A ATMEL-ATTINY2313A_14 Datasheet
588Kb / 22P
   High Performance, Low Power AVR
ATTINY43U ATMEL-ATTINY43U_14 Datasheet
552Kb / 16P
   High Performance, Low Power AVR
ATTINY261 ATMEL-ATTINY261_14 Datasheet
348Kb / 206P
   High Performance, Low Power AVR
ATMEGA162V ATMEL-ATMEGA162V_14 Datasheet
534Kb / 22P
   High-performance, Low-power AVR
ATMEGA164PA ATMEL-ATMEGA164PA_14 Datasheet
635Kb / 30P
   High-performance, Low-power AVR
ATTINY24 ATMEL-ATTINY24_14 Datasheet
644Kb / 238P
   High Performance, Low Power AVR
ATMEGA165V ATMEL-ATMEGA165V_14 Datasheet
342Kb / 336P
   High Performance, Low Power AVR
ATMEGA8515 ATMEL-ATMEGA8515_14 Datasheet
236Kb / 257P
   High-performance, Low-power AVR
ATMEGA1284P ATMEL-ATMEGA1284P_14 Datasheet
374Kb / 380P
   High-performance, Low-power AVR
ATMEGA128RFA1 ATMEL-ATMEGA128RFA1_14 Datasheet
242Kb / 13P
   High Performance, Low Power AVR
MCU Wireless-09/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com