Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATUC256L3U Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATUC256L3U
Description  High-performance, Low-power 32-bit Atmel
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATUC256L3U Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATUC256L3U_14 Datasheet HTML 6Page - ATMEL Corporation ATUC256L3U_14 Datasheet HTML 7Page - ATMEL Corporation ATUC256L3U_14 Datasheet HTML 8Page - ATMEL Corporation ATUC256L3U_14 Datasheet HTML 9Page - ATMEL Corporation ATUC256L3U_14 Datasheet HTML 10Page - ATMEL Corporation ATUC256L3U_14 Datasheet HTML 11Page - ATMEL Corporation ATUC256L3U_14 Datasheet HTML 12Page - ATMEL Corporation ATUC256L3U_14 Datasheet HTML 13Page - ATMEL Corporation ATUC256L3U_14 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
10
32142DS–06/2013
ATUC64/128/256L3/4U
Peripheral Multiplexing on I/O lines
3.1.1
Multiplexed Signals
Each GPIO line can be assigned to one of the peripheral functions. The following table
describes the peripheral signals multiplexed to the GPIO lines.
Table 3-1.
GPIO Controller Function Multiplexing
48-
pin
64-
pin
Pin
Name
G
PI
O
Supply
Pad
Type
GPIO Function
ABCD
E
F
GH
11
15
PA00
0
VDDIO
Normal
I/O
USART0-
TXD
USART1-
RTS
SPI-
NPCS[2]
PWMA-
PWMA[0]
SCIF-
GCLK[0]
CAT-
CSA[2]
14
18
PA01
1
VDDIO
Normal
I/O
USART0-
RXD
USART1-
CTS
SPI-
NPCS[3]
USART1-
CLK
PWMA-
PWMA[1]
ACIFB-
ACAP[0]
TWIMS0-
TWALM
CAT-
CSA[1]
13
17
PA02
2
VDDIO
High-
drive I/O
USART0-
RTS
ADCIFB-
TRIGGER
USART2-
TXD
TC0-A0
PWMA-
PWMA[2]
ACIFB-
ACBP[0]
USART0-
CLK
CAT-
CSA[3]
4
6
PA03
3
VDDIO
Normal
I/O
USART0-
CTS
SPI-
NPCS[1]
USART2-
TXD
TC0-B0
PWMA-
PWMA[3]
ACIFB-
ACBN[3]
USART0-
CLK
CAT-
CSB[3]
28
38
PA04
4
VDDIO
Normal
I/O
SPI-MISO
TWIMS0-
TWCK
USART1-
RXD
TC0-B1
PWMA-
PWMA[4]
ACIFB-
ACBP[1]
CAT-
CSA[7]
12
16
PA05
5
VDDIO
Normal
I/O (TWI)
SPI-MOSI
TWIMS1-
TWCK
USART1-
TXD
TC0-A1
PWMA-
PWMA[5]
ACIFB-
ACBN[0]
TWIMS0-
TWD
CAT-
CSB[7]
10
14
PA06
6
VDDIO
High-
drive I/O,
5V
tolerant
SPI-SCK
USART2-
TXD
USART1-
CLK
TC0-B0
PWMA-
PWMA[6]
EIC-
EXTINT[2]
SCIF-
GCLK[1]
CAT-
CSB[1]
19
PA07
7
VDDIO
Normal
I/O (TWI)
SPI-
NPCS[0]
USART2-
RXD
TWIMS1-
TWALM
TWIMS0-
TWCK
PWMA-
PWMA[7]
ACIFB-
ACAN[0]
EIC-
NMI
(EXTINT[0])
CAT-
CSB[2]
3
3
PA08
8
VDDIO
High-
drive I/O
USART1-
TXD
SPI-
NPCS[2]
TC0-A2
ADCIFB-
ADP[0]
PWMA-
PWMA[8]
CAT-
CSA[4]
2
2
PA09
9
VDDIO
High-
drive I/O
USART1-
RXD
SPI-
NPCS[3]
TC0-B2
ADCIFB-
ADP[1]
PWMA-
PWMA[9]
SCIF-
GCLK[2]
EIC-
EXTINT[1]
CAT-
CSB[4]
46
62
PA10
10
VDDIO
Normal
I/O
TWIMS0-
TWD
TC0-A0
PWMA-
PWMA[10]
ACIFB-
ACAP[1]
SCIF-
GCLK[2]
CAT-
CSA[5]
27
35
PA11
11
VDDIN
Normal
I/O
PWMA-
PWMA[11]
47
63
PA12
12
VDDIO
Normal
I/O
USART2-
CLK
TC0-CLK1
CAT-SMP
PWMA-
PWMA[12]
ACIFB-
ACAN[1]
SCIF-
GCLK[3]
CAT-
CSB[5]
26
34
PA13
13
VDDIN
Normal
I/O
GLOC-
OUT[0]
GLOC-
IN[7]
TC0-A0
SCIF-
GCLK[2]
PWMA-
PWMA[13]
CAT-SMP
EIC-
EXTINT[2]
CAT-
CSA[0]
36
48
PA14
14
VDDIO
Normal
I/O
ADCIFB-
AD[0]
TC0-CLK2
USART2-
RTS
CAT-SMP
PWMA-
PWMA[14]
SCIF-
GCLK[4]
CAT-
CSA[6]
37
49
PA15
15
VDDIO
Normal
I/O
ADCIFB-
AD[1]
TC0-CLK1
GLOC-
IN[6]
PWMA-
PWMA[15]
CAT-
SYNC
EIC-
EXTINT[3]
CAT-
CSB[6]
38
50
PA16
16
VDDIO
Normal
I/O
ADCIFB-
AD[2]
TC0-CLK0
GLOC-
IN[5]
PWMA-
PWMA[16]
ACIFB-
ACREFN
EIC-
EXTINT[4]
CAT-
CSA[8]


Similar Part No. - ATUC256L3U_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATUC128D3 ATMEL-ATUC128D3_14 Datasheet
1Mb / 69P
   High Performance, Low Power 32-bit AVR
ATUC128L3U ATMEL-ATUC128L3U_14 Datasheet
12Mb / 963P
   High-performance, Low-power 32-bit Atmel
logo
Murata Power Solutions ...
ATUC3A3256 MURATA-PS-ATUC3A3256 Datasheet
289Kb / 18P
   AVR600: RZ600 HW Manual
More results

Similar Description - ATUC256L3U_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATUC128L3U ATMEL-ATUC128L3U_14 Datasheet
12Mb / 963P
   High-performance, Low-power 32-bit Atmel
AT32UC3A0512 ATMEL-AT32UC3A0512_14 Datasheet
1Mb / 98P
   High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3B0512 ATMEL-AT32UC3B0512_14 Datasheet
1Mb / 107P
   High Performance, Low Power 32-Bit Atmel AVR Microcontroller
AT32UC3A3256S ATMEL-AT32UC3A3256S_14 Datasheet
1Mb / 94P
   High Performance, Low Power 32-bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_14 Datasheet
1Mb / 113P
   High-performance, Low-power 32-bit Atmel AVR Microcontroller
AT90PWM2B ATMEL-AT90PWM2B_14 Datasheet
501Kb / 25P
   High Performance, Low Power Atmel
ATMEGA32HVB ATMEL-ATMEGA32HVB_14 Datasheet
743Kb / 24P
   High performance, low power Atmel
ATMEGA644V ATMEL-ATMEGA644V_14 Datasheet
746Kb / 376P
   High-performance, Low-power Atmel
ATMEGA329V ATMEL-ATMEGA329V_14 Datasheet
892Kb / 392P
   High Performance, Low Power Atmel
AT90PWM2 ATMEL-AT90PWM2_14 Datasheet
3Mb / 365P
   High Performance, Low Power Atmel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com