Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-5527 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HFBR-5527
Description  125 Megabaud Fiber Optic Transceiver JIS FO7 Connection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-5527 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HFBR-5527 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFBR-5527 Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
173
HFBR-5527 Receiver
Electrical/Optical Characteristics 0 to 70
°C; 5.25 V ≥ V
CC ≥ 4.75 V; power supply must be filtered
(see Figure 1, Note 2).
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Note
AC Responsivity 1 mm POF
RP,POF
1.7
3.9
6.5
mV/
µW
650 nm
Note 4
AC Responsivity 200
µm HCS
RP,HCS
4.5
7.9
11.5
mV/
µW
RMS Output Noise
VNO
0.46
0.69
mVRMS
Note 5
Equivalent Optical Noise Input
PN,RMS
-39
-36
dBm
Note 5
Power, RMS - 1 mm POF
Equivalent Optical Noise Input
PN,RMS
-42
-40
dBm
Note 5
Power, RMS - 200
µm HCS
Peak Input Optical Power -
PR
-5.8
dBm
5 ns PWD
Note 6
1 mm POF
-6.4
dBm
2 ns PWD
Peak Input Optical Power -
PR
-8.8
dBm
5 ns PWD
Note 6
200
µm HCS
-9.4
dBm
2 ns PWD
Output Impedance
ZO
30
50 MHz
Note 4
DC Output Voltage
VO
0.8
1.8
2.6
V
PR = 0 µW
Supply Current
ICC
915
mA
Electrical Bandwidth
BWE
65
125
MHz
-3 dB electrical
Bandwidth * Rise Time
0.41
Hz * s
Electrical Rise Time, 10-90%
tr
3.3
6.3
ns
PR = -10 dBm
peak
Electrical Fall Time, 90-10%
tf
3.3
6.3
ns
PR = -10 dBm
peak
Pulse Width Distortion
PWD
0.4
1.0
ns
PR = -10 dBm
Note 7
peak
Overshoot
4
%
PR = -10 dBm
Note 8
peak
Notes:
1. 1.6 mm below seating plane.
2. The signal output is an emitter follower, which does not reject noise in the power supply. The power supply must be filtered as in
Figure 9.
3. Typical data are at 25
°C and V
CC = +5 Vdc.
4. Pin 1 should be ac coupled to a load
≥ 510 Ω with load capacitance less than 5 pF.
5. Measured with a 3 pole Bessel filter with a 75 MHz, -3 dB bandwidth. No modulation appled to Tx.
6. The maximum Peak Input Optical Power is the level at which the Pulse Width Distortion is guaranteed to be less than the PWD listed
under Test Condition. PR,Max is given for PWD = 5 ns for designing links at ≤ 50 MBd operation, and also for PWD = 2 ns for
designing links up to 125 MBd (for both POF and HCS input conditions).
7. 10 ns pulse width, 50% duty cycle, at the 50% amplitude point of the waveform.
8. Percent overshoot is defined at:
(VPK - V100%)
––––––––––––
× 100%
V100%
9. Pins 9 and 10 are primarily for mounting and retaining purposes, but are electrically connected with the conductive housing. Pins 5
and 6 are electrically unconnected. It is recommended that pins 5 and 6 be connected to Rx ground to reduce coupling of electrical
noise. Refer to Figure 1. The connections between pins 1 and 2 of the HFBR-5527 and pins 13 and 12 of the MC10H116 should be
adjacent and nearly the same length to maximize the common mode rejection of the MC10H116 to eliminate cross talk between the
transmitter and receiver.
10. If there is no input optical power to the receiver (no transmitted signal) electrical noise can result in false triggering of the receiver.
In typical applications, data encoding and error detection prevent random triggering from being interpreted as valid data.


Similar Part No. - HFBR-5527

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5001 HP-HFBR-5001 Datasheet
287Kb / 15P
   Low Cost, Industry Standard FDDI MIC Transceivers
HFBR-5103 HP-HFBR-5103 Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5103T HP-HFBR-5103T Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5104 HP-HFBR-5104 Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
HFBR-5104T HP-HFBR-5104T Datasheet
338Kb / 22P
   FDDI, 100 Mbps ATM, and Fast Ethernet Transceivers in Low Cost 1x9 Package Style
More results

Similar Description - HFBR-5527

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
Glenair, Inc.
180-122XW06-11-16A GLENAIR-180-122XW06-11-16A Datasheet
272Kb / 2P
   Fiber Optic Connection System
180-122-H7 GLENAIR-180-122-H7 Datasheet
354Kb / 2P
   Fiber Optic Connection System
180_091 GLENAIR-180_091 Datasheet
363Kb / 2P
   Fiber Optic Connection System
180-122-S7 GLENAIR-180-122-S7 Datasheet
301Kb / 2P
   Fiber Optic Connection System
180-122XW08-11-16A GLENAIR-180-122XW08-11-16A Datasheet
245Kb / 2P
   Fiber Optic Connection System
180-122XWH7-11-16A GLENAIR-180-122XWH7-11-16A Datasheet
240Kb / 2P
   Fiber Optic Connection System
181-041-1250C GLENAIR-181-041-1250C Datasheet
203Kb / 2P
   Fiber Optic Connection System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com