Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMA-KX05 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HLMA-KX05
Description  T-13/4 (5 mm), T-1 (3 mm), High Performance, Tinted, Diffused, AlInGaP, and TS AlGaAs Red LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMA-KX05 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  HLMA-KX05 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMA-KX05 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMA-KX05 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMA-KX05 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMA-KX05 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMA-KX05 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMA-KX05 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
1-54
600
1000
10-3
WAVELENGTH – nm
700
500
10-2
10-1
1.0
Figure 8. Relative Intensity vs.
Wavelength.
1.0
3.5
300
20
1
VF – FORWARD VOLTAGE – V
1.5
2.0
2.5
3.0
200
100
50
10
5
2
0.5
0
2
0.5
0.01
IF – DC FORWARD CURRENT – mA
510
20
50
2.4
2.0
1.0
0.2
0.1
0.05
1
0.5
Figure 9. Forward Current vs.
Forward Voltage.
Figure 10. Relative Luminous Intensity
vs. DC Forward Current.
5
300
0.0
IPEAK – PEAK FORWARD CURRENT – mA
10
20
50
100
2
1
200
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Figure 11. Relative Efficiency vs. Peak
Forward Current.
Figure 12. Maximum Forward Current
vs. Ambient Temperature. Derating
Based on TJ Max = 110°C.
0
0
TA – AMBIENT TEMPERATURE – °C
40
80
50
40
30
20
10
20
60
100
R
θ
JA = 400° C/W
R
θ
JA = 550° C/W
50
0
IPEAK – PEAK FORWARD CURRENT – mA
150
250
50
40
30
20
10
100
200
300
f > 1000 Hz
f > 300 Hz
f > 100 Hz
Figure 13. Maximum Average Current
vs. Peak Forward Current.


Similar Part No. - HLMA-KX05

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMA-KX00 HP-HLMA-KX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
More results

Similar Description - HLMA-KX05

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-810X HP-HLMP-810X Datasheet
164Kb / 5P
   T-13/4 (5 mm) High Performance TS AlGaAs Red LED Lamps
HLMP-J100 HP-HLMP-J100 Datasheet
113Kb / 4P
   T-1 (3 mm) High Performance TS AlGaAs Red LED Lamps
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D150 AVAGO-HLMP-D150 Datasheet
316Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-D150 HP-HLMP-D150_1 Datasheet
387Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D150 HP-HLMP-D150 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D101 HP-HLMP-D101 Datasheet
144Kb / 7P
   T-1 3/4 (5 mm), T-1 (3 mm), High Intensity, Double Heterojunction AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMA-KL00 AVAGO-HLMA-KL00 Datasheet
259Kb / 7P
   T-1 (3 mm), High Performance AlInGaP LED Lamps
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com