Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-N156 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HDSP-N156
Description  20 mm (0.8 inch) Seven Segment Displays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-N156 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

  HDSP-N156 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-N156 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-N156 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-N156 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-N156 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-N156 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-N156 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-N156 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
3-97
Figure 3. Maximum Allowable DC Current vs.
Ambient Temperature.
Figure 6. Relative Efficiency (Luminous Intensity
per Unit Current) vs. Peak Current.
2.25
515
30
35
40
25
20
10
0
0
2.00
2.50
1.75
1.50
1.25
1.00
0.75
0.50
0.25
45
50
I
– FORWARD CURRENT PER SEGMENT – mA
F
AlGaAs RED
RED
2
30 40
200
0.7
0.6
0.8
0.9
1.2
1.1
1.0
I
– PEAK FORWARD CURRENT
PER SEGMENT
100
50
20
5
4
310
PEAK
RED
AlGaAs RED
Figure 5. Relative Luminous Intensity vs. DC
Forward Current.
Figure 4. Forward Current vs. Forward Voltage.
45
20
40
70
80
90
60
50
30
10
0
40
50
T – AMBIENT TEMPERATURE –
°C
35
30
25
20
15
10
5
100 110
A
RED
AlGaAs RED
R
= 525
°C/W
J-A
θ
180
0.5
1.5
3.0 3.5 4.0
2.5
2.0
1.0
0
0
160
200
V
– FORWARD CURRENT – V
140
120
100
80
60
40
20
4.5 5.0
F
RED
AlGaAs RED
Figure 1. Maximum Allowable Peak Current vs. Pulse
Duration – Red.
Figure 2. Maximum Allowed Peak Current vs. Pulse
Duration – AlGaAs Red.
1
10
100
10
100
1
1000
10,000
t
– PULSE DURATION –
µs
P
OPERATION IN
THIS REGION
REQUIRES
TEMPERATURE
DERATING
OF I
MAX.
DC
DC OPERATION
100
HZ
t
– PULSE DURATION –
µs
P
0.1
1
10
100
1
10
100
10,000
1000
OPERATION IN
THIS REGION
REQUIRES
TEMPERATURE
DERATING
OF I
MAX.
DC
DC OPERATION
Red, AlGaAs Red


Similar Part No. - HDSP-N156

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-N156 HP-HDSP-N156 Datasheet
122Kb / 10P
   20 mm (0.8 inch) Seven Segment Displays
More results

Similar Description - HDSP-N156

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-390X AVAGO-HDSP-390X Datasheet
277Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
HDSP-3901-EF000 AVAGO-HDSP-3901-EF000 Datasheet
203Kb / 9P
   20 mm (0.8 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-3900 HP-HDSP-3900 Datasheet
122Kb / 10P
   20 mm (0.8 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-815E AVAGO-HDSP-815E_12 Datasheet
75Kb / 6P
   20 mm (0.8 inch) General Purpose Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-815E HP-HDSP-815E Datasheet
70Kb / 8P
   20 mm (0.8 inch) General Purpose Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-815E AVAGO-HDSP-815E Datasheet
152Kb / 8P
   20 mm (0.8 inch) General Purpose Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-F15 HP-HDSP-F15 Datasheet
482Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-F151 AVAGO-HDSP-F151 Datasheet
284Kb / 10P
   10 mm (0.40 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com