Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR2434TA Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HFBR2434TA
Description  Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR2434TA Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HFBR2434TA Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR2434TA Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR2434TA Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR2434TA Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR2434TA Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR2434TA Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFBR2434TA Datasheet HTML 12Page - Agilent(Hewlett-Packard) HFBR2434TA Datasheet HTML 13Page - Agilent(Hewlett-Packard) HFBR2434TA Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
55
Typical Link Data
HFBR-0400 Series
Description
The following technical data is
taken from 4 popular links using
the HFBR-0400 series: the 5 MBd
link, Ethernet 20 MBd link,
Token Ring 32 MBd link, and the
155 MBd link. The data given
corresponds to transceiver solu-
tions combining the HFBR-0400
series components and various
recommended transceiver design
circuits using off-the-shelf
electrical components. This data
is meant to be regarded as an
example of typical link perform-
ance for a given design and does
not call out any link limitations.
Please refer to the appropriate
application note given for each
link to obtain more information.
5 MBd Link (HFBR-14XX/24X2)
Link Performance -40
°C to +85°C unless otherwise specified
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Reference
Optical Power Budget
OPB50
4.2
9.6
dB
HFBR-14X4/24X2
Note 1
with 50/125
µm fiber
NA = 0.2
Optical Power Budget
OPB62.5
8.0
15
dB
HFBR-14X4/24X2
Note 1
with 62.5/125
µm fiber
NA = 0.27
Optical Power Budget
OPB100
8.0
15
dB
HFBR-14X2/24X2
Note 1
with 100/140
µm fiber
NA = 0.30
Optical Power Budget
OPB200
12
20
dB
HFBR-14X2/24X2
Note 1
with 200
µm fiber
NA = 0.37
Date Rate Synchronous
dc
5
MBd
Note 2
Asynchronous
dc
2.5
MBd
Note 3,
Fig. 7
Propagation Delay
tPLH
72
ns
TA = 25°C,
Figs. 6, 7, 8
LOW to HIGH
PR = -21 dBm Peak
Propagation Delay
tPHL
46
ns
HIGH to LOW
System Pulse Width
tPLH-tPHL
26
ns
Fiber cable
Distortion
length = 1 m
Bit Error Rate
BER
10-9
Data Rate <5 Bd
PR > -24 dBm Peak
Notes:
1. OPB at TA = -40 to 85°C, VCC = 5.0 V dc, IF ON = 60 mA. PR = -24 dBm peak.
2. Synchronous data rate limit is based on these assumptions: a) 50% duty factor modulation, e.g., Manchester I or BiPhase
Manchester II; b) continuous data; c) PLL Phase Lock Loop demodulation; d) TTL threshold.
3. Asynchronous data rate limit is based on these assumptions: a) NRZ data; b) arbitrary timing-no duty factor restriction; c) TTL
threshold.


Similar Part No. - HFBR2434TA

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR2521 HP-HFBR2521 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR2522 HP-HFBR2522 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR2523 HP-HFBR2523 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR2524 HP-HFBR2524 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR2525 HP-HFBR2525 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
More results

Similar Description - HFBR2434TA

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-14XXZ BOARDCOM-HFBR-14XXZ Datasheet
391Kb / 25P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2404Z AVAGO-HFBR-2404Z Datasheet
723Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC and FC Ports
HFBR-1402Z AVAGO-HFBR-1402Z_13 Datasheet
716Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST짰, SMA, SC and FC Ports
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
logo
3M Electronics
8204 3M-8204 Datasheet
734Kb / 24P
   SC & FC/PC3 Pull-Proof Fiber Optic Connectors
logo
List of Unclassifed Man...
DK-2612-01 ETC2-DK-2612-01 Datasheet
1Mb / 1P
   DIGITUS Fiber Optic Multimode Patch Cord, ST / SC
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2414Z AVAGO-HFBR-2414Z Datasheet
1Mb / 2P
   Threaded ST Port Option for Low Cost Miniature Link Components
logo
Broadcom Corporation.
HFBR-0400TZ BOARDCOM-HFBR-0400TZ Datasheet
382Kb / 3P
   Threaded ST Port Option for Low-Cost Miniature Link Components
June 14, 2017
logo
PANDUIT CORP.
F6D3-3M1 PANDUIT-F6D3-3M1 Datasheet
106Kb / 2P
   SC Fiber Optic Connectors
logo
List of Unclassifed Man...
147-301-901V001 ETC2-147-301-901V001 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com