Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR1444TA Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HFBR1444TA
Description  Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR1444TA Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HFBR1444TA Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR1444TA Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR1444TA Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR1444TA Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR1444TA Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR1444TA Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR1444TA Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR1444TA Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR1444TA Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
48
HFBR-0400 Series
Evaluation Kits
HFBR-0410 ST Evaluation Kit
Contains the following :
• One HFBR-1412 transmitter
• One HFBR-2412 five megabaud
TTL receiver
• Three meters of ST connec-
tored 62.5/125 (
µm fiber optic
cable with low cost plastic
ferrules.
• Related literature
HFBR-0414 ST Evaluation Kit
Includes additional components
to interface to the transmitter and
receiver as well as the PCB to
reduce design time.
Contains the following:
• One HFBR-1414T transmitter
• One HFBR-2416T receiver
• Three meters of ST connec-
tored 62.5/125
µm fiber optic
cable
• Printed circuit board
• ML-4622 CP Data Quantizer
• 74ACTllOOON LED Driver
• LT1016CN8 Comparator
• 4.7
µH Inductor
• Related literature
HFBR-0400 SMA Evaluation
Kit
Contains the following :
• One HFBR-1402 transmitter
• One HFBR-2402 five megabaud
TTL receiver
• Two meters of SMA
connectored 1000
µm plastic
optical fiber
• Related literature
HFBR-0416 Evaluation Kit
Contains the following:
• One fully assembled 1x9
transceiver board for 155 MBd
evaluation including:
-HFBR-1414 transmitter
-HFBR-2416 receiver
-circuitry
• Related literature
HFBR-0463 Ethernet MAU
Evaluation Kit
Contains the following:
• One fully assembled Media
Attachment Unit (MAU) board
which includes:
-HFBR-1414 transmitter
-HFBR-2416 receiver
-HFBR-4663 IC
• Related literature
Note: Cable not included. Order
HFBR-BXS010 seperately (2
pieces)
Package and Handling
Information
Package Information
All HFBR-0400 Series
transmitters and receivers are
housed in a low-cost, dual-inline
package that is made of high
strength, heat resistant, chem-
ically resistant, and UL 94V-O
flame retardant ULTEM® (plastic
(UL File #E121562). The
transmitters are easily identified
by the light grey color connector
port. The receivers are easily
identified by the dark grey color
connector port. (Black color for
conductive port.) The package is
designed for auto-insertion and
wave soldering so it is ideal for
high volume production
applications.
Handling and Design
Information
Each part comes with a protective
port cap or plug covering the
optics. These caps/plugs will vary
by port style. When soldering, it
is advisable to leave the protec-
tive cap on the unit to keep the
optics clean. Good system
performance requires clean port
optics and cable ferrules to avoid
obstructing the optical path.
Clean compressed air often is
sufficient to remove particles of
dirt; methanol on a cotton swab
also works well.
Recommended Chemicals for
Cleaning/Degreasing
HFBR-0400 Products
Alcohols: methyl, isopropyl,
isobutyl. Aliphatics: hexane,
heptane, Other: soap solution,
naphtha.
Do not use partially halogenated
hydrocarbons such as 1,1.1
trichloroethane, ketones such as
MEK, acetone, chloroform, ethyl
acetate, methylene dichloride,
phenol, methylene chloride, or
N-methylpyrolldone. Also, HP
does not recommend the use of
cleaners that use halogenated
hydrocarbons because of their
potential environmental harm.
Ultem® is a registered Trademark of the GE corporation.


Similar Part No. - HFBR1444TA

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR1521 HP-HFBR1521 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR1522 HP-HFBR1522 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR1523 HP-HFBR1523 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR1524 HP-HFBR1524 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR1525 HP-HFBR1525 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
More results

Similar Description - HFBR1444TA

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-14XXZ BOARDCOM-HFBR-14XXZ Datasheet
391Kb / 25P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2404Z AVAGO-HFBR-2404Z Datasheet
723Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC and FC Ports
HFBR-1402Z AVAGO-HFBR-1402Z_13 Datasheet
716Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST짰, SMA, SC and FC Ports
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
logo
3M Electronics
8204 3M-8204 Datasheet
734Kb / 24P
   SC & FC/PC3 Pull-Proof Fiber Optic Connectors
logo
List of Unclassifed Man...
DK-2612-01 ETC2-DK-2612-01 Datasheet
1Mb / 1P
   DIGITUS Fiber Optic Multimode Patch Cord, ST / SC
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2414Z AVAGO-HFBR-2414Z Datasheet
1Mb / 2P
   Threaded ST Port Option for Low Cost Miniature Link Components
logo
Broadcom Corporation.
HFBR-0400TZ BOARDCOM-HFBR-0400TZ Datasheet
382Kb / 3P
   Threaded ST Port Option for Low-Cost Miniature Link Components
June 14, 2017
logo
PANDUIT CORP.
F6D3-3M1 PANDUIT-F6D3-3M1 Datasheet
106Kb / 2P
   SC Fiber Optic Connectors
logo
List of Unclassifed Man...
147-301-901V001 ETC2-147-301-901V001 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com