Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-3351 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HLMP-3351
Description  T-13/4 (5 mm) Low Profile LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-3351 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HLMP-3351 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-3351 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-3351 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-3351 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-3351 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-3351 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-3351 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1-102
Selection Guide
Part
Minimum
Number
Intensity @
HLMP-
Application
10 mA (mcd)
Lens
3350
Indicator – General Purpose
2.1
Tinted Diffused Wide Angle
3351
Indicator – High Brightness
5.4
HER
3365
General Purpose Point Source
8.6
Tinted Non-diffused Narrow Angle
3366
Indicator – High Brightness
13.8
HER
3450
Indicator – General Purpose
2.2
Tinted Diffused Wide Angle
3451
Indicator – High Brightness
5.7
Yellow
3465
General Purpose Point Source
5.7
Tinted Non-diffused Narrow Angle
3466
Indicator – High Brightness
9.2
Yellow
3553
Indicator – General Purpose
1.6
Tinted Diffused Wide Angle
3554
Indicator – High Brightness
6.7
Green
3567
General Purpose Point Source
4.2
Tinted Non-diffused Narrow Angle
3568
Indicator – High Brightness
10.6
Green


Similar Part No. - HLMP-3351

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3351 AVAGO-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
Broadcom Corporation.
HLMP-3351 BOARDCOM-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
More results

Similar Description - HLMP-3351

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-3351 BOARDCOM-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3351 AVAGO-HLMP-3351 Datasheet
340Kb / 9P
   T-13/4 (5 mm) Low Profile LED Lamps
logo
Broadcom Corporation.
HLMP-3301 BOARDCOM-HLMP-3301 Datasheet
263Kb / 11P
   T-13/4 (5 mm) Diffused LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-331X HP-HLMP-331X Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4700 AVAGO-HLMP-4700 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps High efficiency
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com