Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2C-C1A Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E2C-C1A
Description  Miniature Inductive Prox
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2C-C1A Datasheet(HTML) 4 Page - Omron Electronics LLC

  E2C-C1A Datasheet HTML 1Page - Omron Electronics LLC E2C-C1A Datasheet HTML 2Page - Omron Electronics LLC E2C-C1A Datasheet HTML 3Page - Omron Electronics LLC E2C-C1A Datasheet HTML 4Page - Omron Electronics LLC E2C-C1A Datasheet HTML 5Page - Omron Electronics LLC E2C-C1A Datasheet HTML 6Page - Omron Electronics LLC E2C-C1A Datasheet HTML 7Page - Omron Electronics LLC E2C-C1A Datasheet HTML 8Page - Omron Electronics LLC E2C-C1A Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
5
E2C
E2C
Part number
E2C-X1R5A
E2C-X2A
E2C-X5A
E2C-X10A
E2C-C20MA
Sensor type
Inductive
Body
Size
M8
M12
M18
M30
40 mm dia.
Type
Shielded
Unshielded
Required amplifier
E2C-JC4AP, E2C-AK4A or E2C-AM4A
E2C-AK4A or E2C-AM4A
Detectable object type
Metallic objects
0 to 1.5 mm
0 to 2 mm
0 to 5 mm
0 to 10 mm
0 to 20 mm
(0 to 0.06 in)
(0 to 0.08 in)
(0 to 0.20 in)
(0 to 0.39 in)
(0 to 0.79 in)
Usable setting distance
0 to 2 mm
0 to 2.5 mm
0 to 7 mm
0 to 15 mm
0 to 28 mm
0
° to 40°C (with standard target) (0 to 0.079 in)
(0 to 0.098 in)
(0 to 0.276 in)
(0 to 0.591 in)
(0 to 1.102 in)
Standard target size
8 x 8 x 1 mm
12 x 12 x 1 mm
18 x 18 x 1 mm
30 x 30 x 1 mm
50 x 50 x 1 mm
(mild steel, L x W x H)
(0.32 x 0.32
(0.47 x 0.47
(0.71 x 0.71
(1.18 x 1.18
(1.97 x 1.97
x 0.04 in)
x 0.04 in)
x 0.04 in)
x 0.04 in)
x 0.04 in)
Differential travel
See "Differential Travel" tables
Response frequency
800 Hz
350 Hz
100 Hz
50 Hz
Materials
Housing
Nickel-plated brass
Sensing face
ABS
Cable sheath
Polyethylene
Mounting
Two lock washers
Two lock washers
Two lock washers
Two lock washers
and M8 nuts
and M12 nuts
and M18 nuts
and M30 nuts
included. Bracket
included. Bracket
included. Bracket
included. Bracket
Y92E-B8 optional.
Y92E-B12 optional.
Y92E-B18 optional.
Y92E-B30 optional.
Connections
Prewired
Two-conductor cable, 3 m (9.8 ft) length
Weight with cable
50 g (1.8 oz.)
60 g (2.1 oz.)
140 g (4.9 oz.)
270 g (9.5 oz.)
300 g (10.6 oz.)
UL
NEMA
1, 3, 4, 6, 12, 13
IEC 144
IP67
Approvals
UL
CSA
Ambient operating temperature
-25
° to 70°C (-13° to 158°F)
Vibration
10 to 55 Hz, 1.5 mm (0.06 in) double amplitude, 2 hours each, X and Y directions
Shock
50 G's, 3 times each, X and Y directions
Usable setting distance at
ambient (with standard target)
s STANDARD SIZE SENSORS
Enclosure
ratings


Similar Part No. - E2C-C1A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E2C-CR8B OMRON-E2C-CR8B Datasheet
1Mb / 24P
   Separate Amplifier Sensor with Sensitivity Adjustment
More results

Similar Description - E2C-C1A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
TL-W OMRON-TL-W Datasheet
223Kb / 8P
   Miniature Inductive Prox
E2E-X10MY2-US OMRON-E2E-X10MY2-US Datasheet
520Kb / 16P
   Short Barrel Inductive Prox
E2E-X5E1-M1 OMRON-E2E-X5E1-M1 Datasheet
270Kb / 5P
   Short Barrel Inductive Prox
TL-Q2MC1 OMRON-TL-Q2MC1 Datasheet
119Kb / 9P
   Compact Rectangular Inductive Prox
E2E2-X2C1 OMRON-E2E2-X2C1 Datasheet
362Kb / 9P
   Long Barrel Inductive Prox
E2E-X5Y1-53-US OMRON-E2E-X5Y1-53-US Datasheet
520Kb / 16P
   Short Barrel Inductive Prox
E2EVX5C1 OMRON-E2EVX5C1 Datasheet
300Kb / 6P
   All Metal Sensing Inductive Prox
E2KC25MF1 OMRON-E2KC25MF1 Datasheet
279Kb / 8P
   Adjustable Capacitive Prox
E2S OMRON-E2S Datasheet
545Kb / 8P
   Miniature Square Inductive Proximity Sensor
logo
G.M. International
D5034 GMI-D5034 Datasheet
174Kb / 2P
   I.S. SIL3 Line-Fault Transp. Switch/Prox. Repeater
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com