Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3S-AT16 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # E3S-AT16
Description  Built-in Amplifier Photoelectric Sensor (Medium Size)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-AT16 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E3S-AT16 Datasheet HTML 7Page - Omron Electronics LLC E3S-AT16 Datasheet HTML 8Page - Omron Electronics LLC E3S-AT16 Datasheet HTML 9Page - Omron Electronics LLC E3S-AT16 Datasheet HTML 10Page - Omron Electronics LLC E3S-AT16 Datasheet HTML 11Page - Omron Electronics LLC E3S-AT16 Datasheet HTML 12Page - Omron Electronics LLC E3S-AT16 Datasheet HTML 13Page - Omron Electronics LLC E3S-AT16 Datasheet HTML 14Page - Omron Electronics LLC E3S-AT16 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
E3S-A
E39-E6 Polarized Mutual Interference Prevention Filters
for Through-beam Sensors
(Accessory, order separately)
• A set of 4 Filters are sold together for two Through-beam
Sensors (for 2 each for Emitters and Receivers). Order one
for every two sets of Photoelectric Sensors.
• For mounting, refer to the figure of the Through-beam Slits.
• The arrow printed on the cover indicates the direction of
polarization. By attaching the Filters opposite to each other
in polarization to the Emitters and the Receivers in rows,
mutual interference can be prevented (in any case, the
Filter attached to an Emitter and to the corresponding
Receiver must be the same in direction of polarization or the
Photoelectric Sensor will not function).
Operating Mode Selection
As shown in the following illustration, the E3S-A has an
operating mode selector on the panel where the Receiver
connector is located.
With this operating mode selector, the E3S-A is in either Dark-
ON or Light-ON mode.
and
Switch
The Emitter of the Through-beam Sensor with the self-
diagnostic feature incorporates a turbo switch. When this
switch is ON, the intensity of the red LED light source can be
increased to make a brighter spot.
Function (
Switch)
The turbo function is effective with the turbo switch pressed,
and the function is reset automatically when released.
With the turbo function switched ON, the light spot is visible
even at a distance of 200 mm, making it easy to check the
sensing position and the angle of the optical axis.
Precautions
(1)Do not keep the turbo switch pressed for longer than 3
minutes. (It will not break even if it is pressed for an
extended period.)
(2)Pressing the switch may change the timer delay settings.
Set the timer after using the turbo function to check the
optical axis.
(3)To press the switch, use a force of 9.8 N max.
Using the E39-R5 Optical Axis Reflector for Through-
beam Sensors
(Accessory, order Separately)
Use this attachment when the set distance is long and
adjustment is mechanically difficult with a sensing object.
• Attach the Reflector to the Receiver.
• Look at the Reflector from right behind the Emitter. The
Reflector should be bright with red light when the optical
beam strikes the Reflector. If the Emitter has a turbo
function, the Reflector looks brighter with the function
switched ON.
• When the Reflector is removed, the light beam strikes the
Receiver.
Emitter
Receiver
Up to two units
can be attached.
Y = 0
Note: The arrows on the Filters can be attached in
either direction when two Sensors are
mounted next to each other. The Filter
attached to an Emitter and to the
corresponding Receiver must be the same
in direction of polarization or the Sensor will
not function.
Light ON
(ON when light is ON)
Operating mode switch (black)
Dark ON
(ON when light is OFF)
DL
The default operating mode is shown in the
following table.
Sensing method
Default switch
setting
Through-beam Sensors
Retro-reflective Sensors
Dark-ON
Diffuse-reflective Sensors
Light-ON
Timer
Turbo
Turbo
Turbo
Sensitivity adjuster
The OFF-delay timer adjuster is
used as a turbo switch (black).
The intensity of the
red spot will be
increased, making
visual confirmation
much easier.
PUSH
Eye
E3S-AT
@@
Emitter
E3S-AT
@@
Receiver
E39-R5
Optical Axis Confirmation Reflector


Similar Part No. - E3S-AT16

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-AT16 OMRON-E3S-AT16 Datasheet
231Kb / 18P
   General-Purpose Photoelectric Sensor
More results

Similar Description - E3S-AT16

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3SAT16 OMRON-E3SAT16 Datasheet
940Kb / 10P
   Built-in Amplifier Photoelectric Sensor (Medium Size)
logo
Panasonic Semiconductor
CX-400 PANASONIC-CX-400 Datasheet
7Mb / 24P
   Amplifier Built-in Compact Photoelectric Sensor
2016.12
logo
Omron Electronics LLC
E3Z-D62 OMRON-E3Z-D62 Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S OMRON-E3S Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S-2B41 OMRON-E3S-2B41 Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
logo
Panasonic Semiconductor
EX-10 PANASONIC-EX-10 Datasheet
2Mb / 16P
   Amplifier Built-in Ultra-slim Photoelectric Sensor
Ver.2
logo
Omron Electronics LLC
E3Z-T61A OMRON-E3Z-T61A Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D81 OMRON-E3Z-D81 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-R61 OMRON-E3Z-R61 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com