Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2533-4-V Datasheet(PDF) 8 Page - NEC

Part # PS2533-4-V
Description  HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2533-4-V Datasheet(HTML) 8 Page - NEC

Back Button PS2533-4-V Datasheet HTML 4Page - NEC PS2533-4-V Datasheet HTML 5Page - NEC PS2533-4-V Datasheet HTML 6Page - NEC PS2533-4-V Datasheet HTML 7Page - NEC PS2533-4-V Datasheet HTML 8Page - NEC PS2533-4-V Datasheet HTML 9Page - NEC PS2533-4-V Datasheet HTML 10Page - NEC PS2533-4-V Datasheet HTML 11Page - NEC PS2533-4-V Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
PS2533-1,-2,-4,PS2533L-1,-2,-4
TYPICAL CHARACTERISTICS (TA = 25
°°°°C, unless otherwise specified)
PS2533-1
PS2533L-1
1.5 mW/˚C
PS2533-2, -4
PS2533L-2, -4
1.2 mW/˚C
150
100
50
0
25
50
75
100
125
150
Ambient Temperature TA (˚C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
PS2533-1
PS2533L-1
3.0 mW/˚C
PS2533-2, -4
PS2533L-2, -4
2.4 mW/˚C
400
300
200
100
0
25
50
75
100
125
150
Ambient Temperature TA (˚C)
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
+25 ˚C
0 ˚C
–25 ˚C
–55 ˚C
TA = +100 ˚C
+75 ˚C
+50 ˚C
100
10
1
0.1
0.01
0.6
0.8
1.0
1.2
1.4
1.6
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
IF = 0.5 mA
1.0 mA
1.5 mA
2.0 mA
2.5
mA
3.0
mA
3.5
mA
4.0
mA
5.0
mA
4.5 mA
160
140
120
100
80
60
40
20
02
1
3
456
8
7
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
VCE = 350 V
–50
–25
0
25
50
75
100
100 n
10 n
1 n
100 p
10
µ
1
µ
Ambient Temperature TA (˚C)
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
IF = 5.0
mA
2.0 mA
1.0 mA
0.5 mA
500
100
10
50
1
5
0.1
0.5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Collector Saturation Voltage VCE(sat) (V)
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE


Similar Part No. - PS2533-4-V

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2533-4-V CEL-PS2533-4-V Datasheet
538Kb / 18P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2533-4-V-A CEL-PS2533-4-V-A Datasheet
538Kb / 18P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2533-4-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2532-1 RENESAS-PS2532-1 Datasheet
300Kb / 19P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
April 1st, 2010
logo
NEC
PS2532-1 NEC-PS2532-1 Datasheet
173Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
logo
Renesas Technology Corp
PS2533-1 RENESAS-PS2533-1 Datasheet
257Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
PS2533-1 RENESAS-PS2533-1_15 Datasheet
249Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
logo
California Eastern Labs
PS2532-1 CEL-PS2532-1_03 Datasheet
539Kb / 18P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2533-1 CEL-PS2533-1_03 Datasheet
538Kb / 18P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2534-1 NEC-PS2534-1 Datasheet
162Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2535-1 RENESAS-PS2535-1 Datasheet
250Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2535-1 CEL-PS2535-1 Datasheet
365Kb / 12P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2703-1 NEC-PS2703-1 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com