Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-8876802KPX Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # 5962-8876802KPX
Description  Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5962-8876802KPX Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button 5962-8876802KPX Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5962-8876802KPX Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5962-8876802KPX Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5962-8876802KPX Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5962-8876802KPX Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5962-8876802KPX Datasheet HTML 9Page - Agilent(Hewlett-Packard) 5962-8876802KPX Datasheet HTML 10Page - Agilent(Hewlett-Packard) 5962-8876802KPX Datasheet HTML 11Page - Agilent(Hewlett-Packard) 5962-8876802KPX Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
VFF
GND
VCC
VCM
+–
PULSE GEN.
A
D.U.T.
RIN
VO
VE
OUTPUT VO
MONITORING
NODE
VCC
0.1 µF
BYPASS
B
GND
VCC
IF
+5 V
D.U.T.
619
PULSE
GENERATOR
ZO = 50 Ω
tr = tf = 5 ns
CL
CL= 15 pF INCLUDING PROBE
AND JIG CAPACITANCE.
VO
VE
INPUT VO
MONITORING
NODE
VCC
D1
D2
5 K
D3
D4
S2
S1
VO
D 1-4 ARE 1N916 OR 1N3064
Figure 10. LSTTL to CMOS Interface Circuit.
Figure 11. Recommended LED Drive Circuit.
GND
VCC
D.U.T.
RL
665
VCC1
(+5 V)
VCC2
(4.5 TO 20 V)
CMOS
TOTEM
POLE
OUTPUT
GATE
VO
VE
DATA
OUTPUT
TTL OR
LSTTL
2
DATA
INPUT
1
VCC2
5 V
10 V
15 V
20 V
RL
1.1 K
2.37 K
3.83 K
5.11 K
GND
VCC
D.U.T.
750
VCC1
(+5 V)
TOTEM
POLE
OUTPUT
GATE
TTL OR
LSTTL
DATA
INPUT
Figure 9. Test Circuit for Common Mode Transient Immunity and Typical Waveforms.
Figure 8. Test Circuit for t
PHZ, tPZH, tPLZ, and tPZL.
*SEE NOTE 6.


Similar Part No. - 5962-8876802KPX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
5962-8876802KPX AVAGO-5962-8876802KPX Datasheet
367Kb / 14P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
More results

Similar Description - 5962-8876802KPX

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-520X AVAGO-HCPL-520X Datasheet
367Kb / 14P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-675X HP-HCPL-675X Datasheet
320Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A-883B AVAGO-6N140A-883B Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A AVAGO-6N140A Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
HCPL-5731 AVAGO-HCPL-5731 Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5730L AVAGO-ACPL-5730L Datasheet
169Kb / 11P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com