Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3S-AR61 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E3S-AR61
Description  Built-in Amplifier Photoelectric Sensor (Medium Size)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-AR61 Datasheet(HTML) 2 Page - Omron Electronics LLC

  E3S-AR61 Datasheet HTML 1Page - Omron Electronics LLC E3S-AR61 Datasheet HTML 2Page - Omron Electronics LLC E3S-AR61 Datasheet HTML 3Page - Omron Electronics LLC E3S-AR61 Datasheet HTML 4Page - Omron Electronics LLC E3S-AR61 Datasheet HTML 5Page - Omron Electronics LLC E3S-AR61 Datasheet HTML 6Page - Omron Electronics LLC E3S-AR61 Datasheet HTML 7Page - Omron Electronics LLC E3S-AR61 Datasheet HTML 8Page - Omron Electronics LLC E3S-AR61 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
E3S-A
2
*3. The following models are available with 200-mm sensing distances: E3S-AD14 and E3S-AD64.
Accessories (Order Separately)
Insert-type Long Slit
Mutual Interference Prevention Filters
Reflectors/Other Accessories
Note: When using any Reflector other than the provided one, use a sensing distance of approximately 0.7 times the typical value as a guide.
* Values in brackets are the minimum required distance between the Sensor and Reflector.
Sensing method
Appearance
Connection
method
Sensing distance
Functions
Model
NPN output
PNP output
Diffuse-reflective
Sensors
Pre-wired
---
E3S-AD13 *3
E3S-AD33
E3S-AD23
E3S-AD43
---
E3S-AD11
E3S-AD31
E3S-AD21
E3S-AD41
---
E3S-AD12
E3S-AD32
E3S-AD22
E3S-AD42
Connector
(M12)
---
E3S-AD18
E3S-AD38
E3S-AD16
E3S-AD36
E3S-AD17
E3S-AD37
Pre-wired
---
E3S-AD63 *3
E3S-AD83
E3S-AD73
E3S-AD93
---
E3S-AD61
E3S-AD81
E3S-AD71
E3S-AD91
---
E3S-AD62
E3S-AD82
E3S-AD72
E3S-AD92
Connector
(M12)
---
E3S-AD68
E3S-AD88
E3S-AD66
E3S-AD86
E3S-AD67
E3S-AD87
Slit width
Sensing distance
Minimum sensing
object (typical)
Model
Quantity
Remarks
0.5 mm
× 11.1 mm
500 mm
0.2-mm dia.
E39-S46
1 of each for Emitter/
Receiver (4 Slits total)
Slits can be used with the E3S-
AT
@@ Through-beam
Sensor.
Page 10
1 mm
× 11.1 mm
1.1 m
0.4-mm dia.
2 mm
× 13.6 mm
2.5 m
0.8-mm dia.
1 of each for Emitter/
Receiver (2 Slits total)
Sensing distance
Model
Quantity
Remarks
2.4 m
E39-E6
2 of each for Emitter/Receiver
(4 Filters total)
Can be used with the E3S-AT
@@ Through-beam Sensor.
Page 11
Name
Sensing distance (typical)
Model
Quantity
Remarks
Reflectors
2 m (100 mm) *
(rated value)
E39-R1
1
Provided with E3S-AR
@@ Retro-reflective Sensor.
Small Reflectors
1.3 m (100 mm) *
E39-R3
1
---
600 mm (70 mm) *
E39-R4
1
---
Tape Reflectors
450 mm (100 mm) *
E39-RS1
1
Enables MSR function.
700 mm (100 mm) *
E39-RS2
1
900 mm (100 mm) *
E39-RS3
1
Optical Axis
Confirmation Reflector
---
E39-R5
1
Used to check optical axis for the E3S-AT
@@
Through-beam Sensor.
Horizontal
100 mm (wide view)
Timer
Self Diagnosis
200 mm
Timer
Self Diagnosis
Turbo
700 mm
Timer
Self Diagnosis
Turbo
100 mm (wide view)
200 mm
700 mm
Vertical
100 mm (wide view)
Timer
Self Diagnosis
200 mm
Timer
Self Diagnosis
Turbo
700 mm
Timer
Self Diagnosis
100 mm (wide view)
200 mm
700 mm


Similar Part No. - E3S-AR61

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3S-AR61 OMRON-E3S-AR61 Datasheet
231Kb / 18P
   General-Purpose Photoelectric Sensor
More results

Similar Description - E3S-AR61

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3SAT16 OMRON-E3SAT16 Datasheet
940Kb / 10P
   Built-in Amplifier Photoelectric Sensor (Medium Size)
logo
Panasonic Semiconductor
CX-400 PANASONIC-CX-400 Datasheet
7Mb / 24P
   Amplifier Built-in Compact Photoelectric Sensor
2016.12
logo
Omron Electronics LLC
E3Z-D62 OMRON-E3Z-D62 Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S OMRON-E3S Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-T66A OMRON-E3Z-T66A Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3S-2B41 OMRON-E3S-2B41 Datasheet
1Mb / 15P
   Photoelectric Sensor with Built-in Amplifier
logo
Panasonic Semiconductor
EX-10 PANASONIC-EX-10 Datasheet
2Mb / 16P
   Amplifier Built-in Ultra-slim Photoelectric Sensor
Ver.2
logo
Omron Electronics LLC
E3Z-T61A OMRON-E3Z-T61A Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D81 OMRON-E3Z-D81 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-R61 OMRON-E3Z-R61 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com