Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSDBK Datasheet(PDF) 6 Page - ITT Industries

Part # FSDBK
Description  Chassis or panel mount
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

FSDBK Datasheet(HTML) 6 Page - ITT Industries

  FSDBK Datasheet HTML 1Page - ITT Industries FSDBK Datasheet HTML 2Page - ITT Industries FSDBK Datasheet HTML 3Page - ITT Industries FSDBK Datasheet HTML 4Page - ITT Industries FSDBK Datasheet HTML 5Page - ITT Industries FSDBK Datasheet HTML 6Page - ITT Industries FSDBK Datasheet HTML 7Page - ITT Industries FSDBK Datasheet HTML 8Page - ITT Industries FSDBK Datasheet HTML 9Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
A
A–103
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K NE-18 Series
Mains / Power Switches
SINGLE STATION CHASSIS
DRESS NUT
PANEL CUTOUT
PANEL CUTOUT
03
SPECIAL CHASSIS (CONSULT FACTORY)
02
WITH 4-40 TAPPED MOUNTING HOLES
01
WITH .094 MOUNTING HOLES
(NONE)
NO CHASSIS
C
CHROME
B
BLACK
(NONE)
NO DRESS NUT
NOTE: Available with ZNE18 designation and
FG button.
NOTE: Available with ZNE18 designation and FA200 buttons.


Similar Part No. - FSDBK

ManufacturerPart #DatasheetDescription
logo
MMD Components
FSDB1 MMD-FSDB1 Datasheet
85Kb / 1P
   HC-49/US Surface Mounted Crystal
FSDB3 MMD-FSDB3 Datasheet
85Kb / 1P
   HC-49/US Surface Mounted Crystal
More results

Similar Description - FSDBK

ManufacturerPart #DatasheetDescription
logo
ITT Industries
FMRWH ITT-FMRWH Datasheet
1,008Kb / 9P
   Chassis or panel mount
logo
TE Connectivity Ltd
RM-8 TEC-RM-8 Datasheet
293Kb / 3P
   Chassis or DIN rail mount
logo
Vicor Corporation
PFM4414XB6M24D0YZZ VICOR-PFM4414XB6M24D0YZZ Datasheet
911Kb / 23P
   Chassis mount or board mount packaging options
PFM4414BB6M24D0C00 VICOR-PFM4414BB6M24D0C00 Datasheet
911Kb / 23P
   Chassis mount or board mount packaging options
AIM1714XB6MC7D5YZZ VICOR-AIM1714XB6MC7D5YZZ Datasheet
319Kb / 14P
   Chassis Mount or PCB Mount Form Factor
logo
Bud Industries, Inc.
CB-1373 BUD-CB-1373 Datasheet
28Kb / 1P
   PANEL CHASSIS
logo
Altech corporation
WMRBU ALTECH-WMRBU Datasheet
304Kb / 2P
   DIN Rail, Panel Mount or Wall Mount
logo
List of Unclassifed Man...
SRN4-C ETC2-SRN4-C Datasheet
135Kb / 2P
   Panel mount or 35mm Din Rail (EN50022)
logo
Powerbox
PBBA-2505G-CM POWERBOX-PBBA-2505G-CM Datasheet
608Kb / 1P
   CHASSIS MOUNT
logo
TE Connectivity Ltd
RM5 TEC-RM5 Datasheet
377Kb / 4P
   Plug-in version, PCB terminals, chassis or DIN rail mount
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com