Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT313HQ-T Datasheet(PDF) 2 Page - Future Technology Devices International Ltd.

Part # FT313HQ-T
Description  Single chip USB2.0 Hi-Speed compatible
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT313HQ-T Datasheet(HTML) 2 Page - Future Technology Devices International Ltd.

  FT313HQ-T Datasheet HTML 1Page - Future Technology Devices International Ltd. FT313HQ-T Datasheet HTML 2Page - Future Technology Devices International Ltd. FT313HQ-T Datasheet HTML 3Page - Future Technology Devices International Ltd. FT313HQ-T Datasheet HTML 4Page - Future Technology Devices International Ltd. FT313HQ-T Datasheet HTML 5Page - Future Technology Devices International Ltd. FT313HQ-T Datasheet HTML 6Page - Future Technology Devices International Ltd. FT313HQ-T Datasheet HTML 7Page - Future Technology Devices International Ltd. FT313HQ-T Datasheet HTML 8Page - Future Technology Devices International Ltd. FT313HQ-T Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
2
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
1 Typical Applications
TV/TV box
Printer
Instrumentation
Media player
Tablet
Set-top box
1.1 Part Numbers
Part Number
Package
FT313HQ-x
64 Pin QFN
FT313HL-x
64 Pin LQFP
FT313HP-x
64 Pin TQFP
Table 1-1 FT313H Numbers
Note: Packaging codes for x is:
-R: Taped and Reel, (QFN is 3000pcs, LQFP is 1000 pcs, TQFP is 2500pcs per reel)
-T: Tray packing, (QFN is 2600pcs, LQFP is 1600 pcs, TQFP is 2500pcs per tray)
For example: FT313HQ-R is 3000 QFN pcs in taped and reel packaging
1.2 USB Compliant
At the time of writing this datasheet, the FT313H was still to complete USB compliance testing.


Similar Part No. - FT313HQ-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT313HQ-R ETC2-FT313HQ-R Datasheet
1Mb / 67P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT313HQ-R FTDI-FT313HQ-R Datasheet
1Mb / 67P
   USB2.0 HS Embedded Host Controller
More results

Similar Description - FT313HQ-T

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
TF-PER-M17 AAEON-TF-PER-M17 Datasheet
146Kb / 1P
   Hi-Speed USB2.0 Standard
logo
ON Semiconductor
FSUSB40 ONSEMI-FSUSB40 Datasheet
653Kb / 12P
   Low-Power, Two-Port, Hi-Speed, USB2.0 Switch
March 2013 Rev. 1.0.8
FSUSB104 ONSEMI-FSUSB104 Datasheet
230Kb / 9P
   Low-Power, Two-Port, Hi-Speed, USB2.0 Switch
November-2017, Rev. 2
logo
Fairchild Semiconductor
FSUSB40 FAIRCHILD-FSUSB40 Datasheet
140Kb / 2P
   Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB42 FAIRCHILD-FSUSB42_08 Datasheet
250Kb / 2P
   Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB104 FAIRCHILD-FSUSB104 Datasheet
397Kb / 2P
   Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB40 FAIRCHILD-FSUSB40_08 Datasheet
247Kb / 2P
   Low-Power, Two-Port, Hi-Speed,USB2.0 (480Mbps) Switch
FSUSB42 FAIRCHILD-FSUSB42 Datasheet
147Kb / 2P
   Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) Switch
FSUSB45 FAIRCHILD-FSUSB45 Datasheet
444Kb / 2P
   Hi-Speed USB2.0 (480Mbps) Switch with Dedicated Charger Port Detect
FSUSB42 FAIRCHILD-FSUSB42_12 Datasheet
723Kb / 10P
   Low-Power, Two-Port, Hi-Speed, USB2.0 (480Mbps) UART Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com