Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMMC-1002 Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HMMC-1002
Description  DC- 50 GHz Variable Attenuator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HMMC-1002 Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

  HMMC-1002 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HMMC-1002 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HMMC-1002 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HMMC-1002 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HMMC-1002 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HMMC-1002 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HMMC-1002 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HMMC-1002 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
7-19
This data sheet contains a variety of typical and guaranteed performance data. The
information supplied should not be interpreted as a complete list of circuit specifica-
tions. In this data sheet the term typical refers to the 50th percentile performance. For
additional information contact your local HP sales representative.
HMMC-1002 Typical Temperature Performance
Figure 15. Attenuation vs. Temperature
@ Minimum Attenuation.[2].
2
10141822
6
26.5
4
2
3
1
FREQUENCY (GHz)
Key for Temperature Settings:
Figure 16. Attenuation vs. Temperature
@ 5 dB Attenuation.[2].
2
10141822
6
26.5
9.5
5.5
7.5
3.5
1.5
FREQUENCY (GHz)
Figure 18. Attenuation vs. Temperature
@ 20 dB Attenuation.[2].
2
10141822
6
26.5
FREQUENCY (GHz)
Figure 17. Attenuation vs. Temperature
@ 10 dB Attenuation.[2].
2
10141822
6
26.5
20
12
16
8
30
22
26
18
FREQUENCY (GHz)
Figure 19. Attenuation vs. Temperature
@ 30 dB Attenuation.[2].
2
10141822
6
26.5
FREQUENCY (GHz)
40
32
36
28
Figure 20. Attenuation vs. Temperature
@ Max. Attenuation.[2].
2
10141822
6
26.5
FREQUENCY (GHz)
48
40
44
32
36
-55
°C
-25
°C
0
° C
+25
°C
+55
°C
+85
°C
Note:
1. Data taken with the device mounted in connectorized package.


Similar Part No. - HMMC-1002

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-2006 HP-HMMC-2006 Datasheet
89Kb / 6P
   DC-6 GHz Unterminated SPDT Switch
HMMC-2007 HP-HMMC-2007 Datasheet
79Kb / 6P
   DC-8 GHz Terminated SPDT Switch
HMMC-2027 HP-HMMC-2027 Datasheet
77Kb / 6P
   DC-26.5 GHz SPDT GaAs MMIC Switch
HMMC-3008 HP-HMMC-3008 Datasheet
785Kb / 9P
   DC-16 GHz GaAs HBT MMIC Divide-by-8 Prescaler
HMMC-3022 HP-HMMC-3022 Datasheet
803Kb / 9P
   DC-12 GHz High Efficiency GaAs HBT MMIC Divide-by-2 Prescaler
More results

Similar Description - HMMC-1002

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMC-6640 BOARDCOM-AMMC-6640 Datasheet
766Kb / 10P
   DC-50 GHz Variable Attenuator
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6640 AVAGO-AMMC-6640 Datasheet
766Kb / 10P
   DC-50 GHz Variable Attenuator
logo
Broadcom Corporation.
AMMC-6650 BOARDCOM-AMMC-6650 Datasheet
204Kb / 10P
   DC??0 GHz Variable Attenuator
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6650 AVAGO-AMMC-6650 Datasheet
204Kb / 10P
   DC??0 GHz Variable Attenuator
AMMP-6640 AVAGO-AMMP-6640 Datasheet
402Kb / 8P
   DC-40 GHz Variable Attenuator
AMMP-6650 AVAGO-AMMP-6650 Datasheet
350Kb / 9P
   DC ??30 GHz Variable Attenuator
logo
Broadcom Corporation.
AMMP-6650 BOARDCOM-AMMP-6650 Datasheet
350Kb / 9P
   DC ??30 GHz Variable Attenuator
AMMP-6640 BOARDCOM-AMMP-6640 Datasheet
402Kb / 8P
   DC-40 GHz Variable Attenuator
logo
Qorvo, Inc
CMD285C3 QORVO-CMD285C3 Datasheet
521Kb / 16P
   DC-20 GHz Voltage-Variable Attenuator
May 5, 2021
logo
Custom MMIC Design Serv...
CMD285C3 MMIC-CMD285C3 Datasheet
426Kb / 15P
   DC-20 GHz Voltage-Variable Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com