Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMMC-5021 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HMMC-5021
Description  2-26.5 GHz GaAs MMIC Traveling Wave Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HMMC-5021 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HMMC-5021 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HMMC-5021 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HMMC-5021 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HMMC-5021 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HMMC-5021 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HMMC-5021 Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
6-32
HMMC-5021/22/26 Typical Performance
Typical Scattering Parameters[1], (T
chuck = 25°C, VDD = 7.0 V, IDD = 150 mA, Zin = Zout = 50 Ω
Freq.
S11
S21
S12
S22
GHz
dB
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
dB
Mag
Ang
2.0
-22.6
0.074
-174.1
-53.1
0.0022 167.3
10.1
3.183
123.6
-28.9
0.036
77.3
3.0
-30.6
0.030
130.4
-51.0
0.0028 120.1
10.0
3.173
102.1
-21.6
0.083
64.1
4.0
-37.8
0.013
-19.8
-48.0
0.0040
95.0
10.2
3.225
78.2
-18.2
0.124
45.4
5.0
-29.4
0.034
-79.9
-46.8
0.0046
67.1
10.3
3.275
53.5
-16.3
0.153
23.4
6.0
-26.6
0.047
-113.8
-44.4
0.0060
36.0
10.4
3.303
28.1
-15.4
0.170
2.5
7.0
-26.6
0.047
-137.0
-44.1
0.0062
1.0
10.4
3.330
2.3
-15.7
0.165
-19.5
8.0
-27.7
0.041
-152.6
-43.4
0.0067
-27.5
10.5
3.331
-23.8
-17.0
0.141
-40.7
9.0
-29.0
0.035
-149.8
-44.3
0.0061
-31.8
10.4
3.312
-50.2
-19.2
0.110
-59.7
10.0
-29.0
0.036
-140.8
-43.0
0.0071
-53.6
10.3
3.282
-76.4
-24.3
0.061
-76.8
11.0
-27.3
0.043
-138.1
-41.6
0.0083
-74.8
10.2
3.253
-102.5
-35.1
0.018
-32.6
12.0
-26.2
0.049
-141.9
-40.0
0.0100
-96.9
10.2
3.227
-128.8
-24.6
0.059
21.0
13.0
-25.8
0.052
-148.5
-38.9
0.0113 -120.9
10.2
3.218
-155.4
-19.7
0.103
2.8
14.0
-26.4
0.048
-143.0
-38.1
0.0125 -145.6
10.1
3.204
177.8
-17.6
0.132
-21.2
15.0
-24.6
0.059
-131.7
-36.6
0.0148 -169.9
10.1
3.197
150.4
-17.0
0.141
-44.8
16.0
-21.6
0.083
-133.7
-35.3
0.0172 160.9
10.0
3.177
122.5
-17.1
0.140
-67.4
17.0
-19.4
0.107
-143.5
-35.0
0.0177 130.6
10.0
3.149
94.4
-18.5
0.119
-91.8
18.0
-18.3
0.121
-158.7
-34.7
0.0184 105.0
9.9
3.138
65.9
-21.8
0.081
-116.0
19.0
-18.7
0.116
-172.6
-33.9
0.0201
80.2
9.9
3.140
36.8
-28.9
0.036
-121.7
20.0
-20.3
0.097
-179.5
-33.3
0.0217
50.7
10.0
3.151
6.6
-28.5
0.038
-57.0
21.0
-21.8
0.082
-168.3
-32.7
0.0233
22.5
10.0
3.150
-24.9
-21.7
0.082
-59.1
22.0
-19.9
0.101
-155.3
-31.7
0.0259
-8.4
9.9
3.126
-57.5
-18.6
0.117
-81.5
23.0
-17.3
0.137
-158.8
-31.4
0.0268
-39.5
9.8
3.076
-91.0
-17.3
0.137
-103.3
24.0
-16.3
0.153
-169.9
-30.7
0.0291
-71.5
9.7
3.045
-125.5
-17.3
0.137
-123.8
25.0
-17.1
0.139
-175.4
-30.0
0.0317 -106.2
9.7
3.045
-162.2
-18.5
0.118
-135.3
26.0
-17.0
0.141
-165.0
-29.2
0.0345 -145.5
9.6
3.027
157.2
-19.4
0.107
-122.5
26.5
-15.7
0.163
-161.1
-29.0
0.0356 -166.7
9.5
2.970
135.4
-17.6
0.132
-114.2
27.0
-14.3
0.192
-162.7
-28.9
0.0357 171.7
9.2
2.876
112.9
-15.3
0.173
-116.0
28.0
-13.2
0.220
-175.7
-28.8
0.0362 126.3
8.5
2.648
65.8
-12.6
0.233
-138.1
29.0
-14.1
0.197
-176.9
-28.6
0.0371
73.0
7.7
2.433
10.3
-15.4
0.170
-144.7
30.0
-11.5
0.266
-171.6
-30.8
0.0287
4.8
4.6
1.689
-61.1
-8.7
0.369
-123.6
Note:
1. Data obtained from on-wafer measurements.
2
6
10
18
14
26
22
30
FREQUENCY (GHz)
VDD = 7.0 V, IDD = 150 mA
VDD = 7.0 V, IDD = 150 mA
Figure 4. Typical Gain and Reverse
Isolation vs. Frequency.
12
11
10
9
8
7
6
5
4
3
2
10
20
30
40
50
60
S12
S21
2
6
10
18
14
26
22
30
FREQUENCY (GHz)
Figure 5. Typical Input and Output
Return Loss vs. Frequency.
10
15
20
25
30
35
40
10
15
20
25
30
35
40
S11
S22


Similar Part No. - HMMC-5021

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-5023 HP-HMMC-5023 Datasheet
92Kb / 6P
   23 GHz LNA (21.2-26.5 GHz)
HMMC-5025 HP-HMMC-5025 Datasheet
153Kb / 7P
   2 - 50 GHz Distributed Amplifier
HMMC-5027 HP-HMMC-5027 Datasheet
92Kb / 6P
   2 - 26.5 Medium Power Amplifier
More results

Similar Description - HMMC-5021

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5026 AVAGO-AMMC-5026 Datasheet
165Kb / 8P
   2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
Broadcom Corporation.
AMMC-5026 BOARDCOM-AMMC-5026 Datasheet
203Kb / 8P
   2??5 GHz GaAs MMIC Traveling Wave Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-5026 HP-AMMC-5026 Datasheet
168Kb / 8P
   2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5026 AVAGO-AMMC-5026_08 Datasheet
191Kb / 8P
   2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
Alpha Industries
AA026P2-00 ALPHA-AA026P2-00 Datasheet
170Kb / 2P
   23.5-26.5 GHz GaAs MMIC Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5024 AVAGO-AMMP-5024 Datasheet
666Kb / 11P
   30kHz - 40 GHz Traveling Wave Amplifier
AMMP-5024 AVAGO-AMMP-5024_15 Datasheet
229Kb / 8P
   30kHz ??40 GHz Traveling Wave Amplifier
logo
Broadcom Corporation.
AMMP-5024 BOARDCOM-AMMP-5024 Datasheet
229Kb / 8P
   30kHz ??40 GHz Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5024 AVAGO-AMMC-5024_08 Datasheet
379Kb / 10P
   30 KHz??0 GHz Traveling Wave Amplifier
logo
Marki Microwave
MEQ3-26AS MARKIMICROWAVE-MEQ3-26AS Datasheet
297Kb / 6P
   Passive GaAs MMIC 26.5 GHz Equalizer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com