Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA324A Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATMEGA324A
Description  8-bit Atmel Microcontroller with 16/32/64/128K Bytes
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA324A Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATMEGA324A_14 Datasheet HTML 3Page - ATMEL Corporation ATMEGA324A_14 Datasheet HTML 4Page - ATMEL Corporation ATMEGA324A_14 Datasheet HTML 5Page - ATMEL Corporation ATMEGA324A_14 Datasheet HTML 6Page - ATMEL Corporation ATMEGA324A_14 Datasheet HTML 7Page - ATMEL Corporation ATMEGA324A_14 Datasheet HTML 8Page - ATMEL Corporation ATMEGA324A_14 Datasheet HTML 9Page - ATMEL Corporation ATMEGA324A_14 Datasheet HTML 10Page - ATMEL Corporation ATMEGA324A_14 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
7
ATmega164A/164PA/324A/324PA/644A/644PA/1284/1284P [DATASHEET SUMMARY]
Atmel-8272FS-AVR--07/2014
timer base while the rest of the device is sleeping. The ADC Noise Reduction mode stops the CPU and all I/O
modules except Asynchronous Timer and ADC, to minimize switching noise during ADC conversions. In
Standby mode, the Crystal/Resonator Oscillator is running while the rest of the device is sleeping. This allows
very fast start-up combined with low power consumption. In Extended Standby mode, both the main Oscillator
and the Asynchronous Timer continue to run.
Atmel offers the QTouch® library for embedding capacitive touch buttons, sliders and wheels functionality into
AVR microcontrollers. The patented charge-transfer signal acquisition offers robust sensing and includes fully
debounced reporting of touch keys and includes Adjacent Key Suppression® (AKS) technology for
unambiguous detection of key events. The easy-to-use QTouch Suite toolchain allows you to explore, develop
and debug your own touch applications.
The device is manufactured using Atmel’s high-density nonvolatile memory technology. The On-chip ISP Flash
allows the program memory to be reprogrammed in-system through an SPI serial interface, by a conventional
nonvolatile memory programmer, or by an On-chip Boot program running on the AVR core. The boot program
can use any interface to download the application program in the application Flash memory. Software in the
Boot Flash section will continue to run while the Application Flash section is updated, providing true Read-
While-Write operation. By combining an 8-bit RISC CPU with In-System Self-Programmable Flash on a
monolithic chip, the Atmel ATmega164A/164PA/324A/324PA/644A/644PA/1284/1284P is a powerful
microcontroller that provides a highly flexible and cost effective solution to many embedded control applications.
The ATmega164A/164PA/324A/324PA/644A/644PA/1284/1284P is supported with a full suite of program and
system development tools including: C compilers, macro assemblers, program debugger/simulators, in-circuit
emulators, and evaluation kits.
2.2
Comparison between ATmega164A, ATmega164PA, ATmega324A, ATmega324PA,
ATmega644A, ATmega644PA, ATmega1284 and ATmega1284P
2.3
Pin Descriptions11
2.3.1
VC
Digital supply voltage.
2.3.2
GND
Ground.
Table 2-1.
Differences between ATmega164A, ATmega164PA, ATmega324A, ATmega324PA, ATmega644A,
ATmega644PA, ATmega1284 and ATmega1284P.
Device
Flash
EEPROM
RAM
Units
ATmega164A
16K
512
1K
bytes
ATmega164PA
16K
512
1K
ATmega324A
32K
1K
2K
ATmega324PA
32K
1K
2K
ATmega644A
64K
2K
4K
ATmega644PA
64K
2K
4K
ATmega1284
128K
4K
16K
ATmega1284P
128K
4K
16K


Similar Part No. - ATMEGA324A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA324A-AU ATMEL-ATMEGA324A-AU Datasheet
627Kb / 32P
   8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
ATMEGA324A-AUR ATMEL-ATMEGA324A-AUR Datasheet
627Kb / 32P
   8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
ATMEGA324A-CU ATMEL-ATMEGA324A-CU Datasheet
627Kb / 32P
   8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
ATMEGA324A-CUR ATMEL-ATMEGA324A-CUR Datasheet
627Kb / 32P
   8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
ATMEGA324A-MCH ATMEL-ATMEGA324A-MCH Datasheet
627Kb / 32P
   8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA324A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA1284 ATMEL-ATMEGA1284_14 Datasheet
820Kb / 34P
   8-bit Atmel Microcontroller with 16/32/64/128K Bytes
ATMEGA644PA ATMEL-ATMEGA644PA_14 Datasheet
820Kb / 34P
   8-bit Atmel Microcontroller with 16/32/64/128K Bytes
ATMEGA164PA ATMEL-ATMEGA164PA_14 Datasheet
820Kb / 34P
   8-bit Atmel Microcontroller with 16/32/64/128K Bytes
ATMEGA324PA ATMEL-ATMEGA324PA_14 Datasheet
820Kb / 34P
   8-bit Atmel Microcontroller with 16/32/64/128K Bytes
ATMEGA644A ATMEL-ATMEGA644A_14 Datasheet
820Kb / 34P
   8-bit Atmel Microcontroller with 16/32/64/128K Bytes
ATMEGA164A ATMEL-ATMEGA164A_14 Datasheet
820Kb / 34P
   8-bit Atmel Microcontroller with 16/32/64/128K Bytes
ATMEGA164A ATMEL-ATMEGA164A_11 Datasheet
601Kb / 33P
   8-bit Atmel Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
8272CS-AVR-06/11
ATMEGA164A ATMEL-ATMEGA164A Datasheet
627Kb / 32P
   8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
ATMEGA164PA ATMEL-ATMEGA164PA_1 Datasheet
14Mb / 468P
   8-bit Microcontroller with 16/32/64/128K Bytes In-Sytem Programmable Flash
8152G-AVR-11/09
ATMEGA164PA ATMEL-ATMEGA164PA_09 Datasheet
635Kb / 30P
   8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
Rev. 8152GS-AVR-11/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com