Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDS-035A-48 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SDS-035A-48
Description  Power ON with LED indicator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDS-035A-48 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SDS-035A-48 Datasheet HTML 1Page - List of Unclassifed Manufacturers SDS-035A-48 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Sunpower (UK) Ltd, Orion House, Calleva Park, Aldermaston, Berkshire, RG7 8SN.
Tel: +44 (0)118 981 1001 Fax: +44 (0)118 981 2002 Email: sales@sunpower-uk.com
SDS-035 A Series
Items
SDS-035A-3.3
3.3V
8A
±3%
40mV
68%
3.8 ~ 4.6V
SDS-035A-05
5V
7A
±2%
50mV
70%
5.8 ~ 7.0V
SDS-035A-7.5
7.5V
4.6A
±2%
75mV
70%
8.6 ~ 10.5V
SDS-035A-12
12V
3A
±1%
100mV
74%
13.8 ~ 17.5V
SDS-035A-18
18V
2A
±1%
100mV
74%
20.7 ~ 25.2V
SDS-035A-24
24V
1.5A
±1%
200mV
76%
27.6 ~ 33.6V
SDS-035A-48
48V
0.75A
±1%
250mV
78%
55.6 ~ 67.2V
Part No
Voltage
Max. Load
Regulation
Ripple Noise (MAX)
Efficiency (TYP)
Over Voltage Protection
Customer Services
Privacy
Returns
Terms and Conditions
© Copyright 2006 Sunpower UK : Website design, hosting & Technology: Strategies Group Plc


Similar Part No. - SDS-035A-48

ManufacturerPart #DatasheetDescription
logo
C&K Components
SDS-00-1R CK-COMPONENTS-SDS-00-1R Datasheet
324Kb / 2P
   Side Actuated Detect Switches
8 Mar 22
SDS-00-2R CK-COMPONENTS-SDS-00-2R Datasheet
324Kb / 2P
   Side Actuated Detect Switches
8 Mar 22
SDS-00-4R CK-COMPONENTS-SDS-00-4R Datasheet
324Kb / 2P
   Side Actuated Detect Switches
8 Mar 22
SDS-00-5-R CK-COMPONENTS-SDS-00-5-R Datasheet
324Kb / 2P
   Side Actuated Detect Switches
8 Mar 22
More results

Similar Description - SDS-035A-48

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
19200X50 CML-19200X50 Datasheet
340Kb / 1P
   LED Indicator 8mm Infrared LED with optic
19200000 CML-19200000 Datasheet
265Kb / 1P
   LED Indicator 8mm Infrared LED with Optic
logo
STMicroelectronics
SPC560PADPT100S STMICROELECTRONICS-SPC560PADPT100S Datasheet
59Kb / 4P
   On/off power switch with LED indicators
logo
IDEA.lnc.
G963B IDEA-G963B Datasheet
35Kb / 2P
   LED Indicator
logo
List of Unclassifed Man...
23326 ETC2-23326 Datasheet
132Kb / 2P
   function indicator (LED) with freewheeling diode
logo
Chicago Miniature Lamp,...
1904X02X CML-1904X02X Datasheet
347Kb / 1P
   LED Indicator 6mm Recessed (Interior) Bezel with removable LED
logo
Fairchild Semiconductor
FAN5645 FAIRCHILD-FAN5645 Datasheet
352Kb / 10P
   Indicator LED Blinker with Single-Wire Interface
logo
Chicago Miniature Lamp,...
1905X02X CML-1905X02X Datasheet
349Kb / 1P
   LED Indicator 8mm Recessed(Interior) Bezel with removable LED
logo
Recom International Pow...
REDIN120 RECOM-REDIN120 Datasheet
2Mb / 8P
   DC OK Indicator LED with Relay Contacts
logo
Marl International Limi...
528-501-04 MARL-528-501-04_16 Datasheet
255Kb / 2P
   PANEL INDICATOR LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com