Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA649A Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATMEGA649A
Description  8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA649A Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATMEGA649A_14 Datasheet HTML 5Page - ATMEL Corporation ATMEGA649A_14 Datasheet HTML 6Page - ATMEL Corporation ATMEGA649A_14 Datasheet HTML 7Page - ATMEL Corporation ATMEGA649A_14 Datasheet HTML 8Page - ATMEL Corporation ATMEGA649A_14 Datasheet HTML 9Page - ATMEL Corporation ATMEGA649A_14 Datasheet HTML 10Page - ATMEL Corporation ATMEGA649A_14 Datasheet HTML 11Page - ATMEL Corporation ATMEGA649A_14 Datasheet HTML 12Page - ATMEL Corporation ATMEGA649A_14 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
9
ATmega169A/PA/329A/PA/649A/P/3290A/PA/6490A/P [DATASHEET SUMMARY]
8284FS–AVR–07/2014
2.3
Pin descriptions
The following section describes the I/O-pin special functions.
2.3.1
VCC
Digital supply voltage.
2.3.2
GND
Ground.
2.3.3
Port A (PA7...PA0)
Port A is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port A output
buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port A pins that
are externally pulled low will source current if the pull-up resistors are activated. The Port A pins are tri-stated when
a reset condition becomes active, even if the clock is not running.
Port A also serves the functions of various special features of the Atmel
ATmega169A/169PA/329A/329PA/3290A/3290PA/649A/649P/6490A/6490P as listed on page 72.
2.3.4
Port B (PB7...PB0)
Port B is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port B output
buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port B pins that
are externally pulled low will source current if the pull-up resistors are activated. The Port B pins are tri-stated when
a reset condition becomes active, even if the clock is not running.
Port B has better driving capabilities than the other ports.
Port B also serves the functions of various special features of the
ATmega169A/169PA/329A/329PA/3290A/3290PA/649A/649P/6490A/6490P as listed on page 73.
2.3.5
Port C (PC7...PC0)
Port C is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port C output
buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port C pins that
are externally pulled low will source current if the pull-up resistors are activated. The Port C pins are tri-stated when
a reset condition becomes active, even if the clock is not running.
Port C also serves the functions of special features of the
ATmega169A/169PA/329A/329PA/3290A/3290PA/649A/649P/6490A/6490P as listed on page 76.
2.3.6
Port D (PD7...PD0)
Port D is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port D output
buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port D pins that
are externally pulled low will source current if the pull-up resistors are activated. The Port D pins are tri-stated when
a reset condition becomes active, even if the clock is not running.
Port D also serves the functions of various special features of the
ATmega169A/169PA/329A/329PA/3290A/3290PA/649A/649P/6490A/6490P as listed on page 77.
2.3.7
Port E (PE7...PE0)
Port E is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port E output
buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port E pins that


Similar Part No. - ATMEGA649A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA649 ATMEL-ATMEGA649 Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA649 ATMEL-ATMEGA649 Datasheet
329Kb / 28P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA649 ATMEL-ATMEGA649 Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA649 ATMEL-ATMEGA649 Datasheet
352Kb / 2P
   DEBUG AVR APPLICATIONS USING JTAG OR DEBUGWIRE INTERFACE
AVR-02/04/0M
ATMEGA649 ATMEL-ATMEGA649 Datasheet
6Mb / 392P
   High Endurance Non-volatile Memory Segments
More results

Similar Description - ATMEGA649A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA169A-AU ATMEL-ATMEGA169A-AU Datasheet
677Kb / 29P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA169PA ATMEL-ATMEGA169PA_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA649P ATMEL-ATMEGA649P_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA3290A ATMEL-ATMEGA3290A_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA6490A ATMEL-ATMEGA6490A_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA640 ATMEL-ATMEGA640_V01 Datasheet
635Kb / 34P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
2549QS-AVR-02/2014
ATMEGA6490P ATMEL-ATMEGA6490P_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA169A ATMEL-ATMEGA169A_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA1329A ATMEL-ATMEGA1329A_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA3290PA ATMEL-ATMEGA3290PA_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com