Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA649P Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATMEGA649P
Description  8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA649P Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATMEGA649P_14 Datasheet HTML 7Page - ATMEL Corporation ATMEGA649P_14 Datasheet HTML 8Page - ATMEL Corporation ATMEGA649P_14 Datasheet HTML 9Page - ATMEL Corporation ATMEGA649P_14 Datasheet HTML 10Page - ATMEL Corporation ATMEGA649P_14 Datasheet HTML 11Page - ATMEL Corporation ATMEGA649P_14 Datasheet HTML 12Page - ATMEL Corporation ATMEGA649P_14 Datasheet HTML 13Page - ATMEL Corporation ATMEGA649P_14 Datasheet HTML 14Page - ATMEL Corporation ATMEGA649P_14 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
11
ATmega169A/PA/329A/PA/649A/P/3290A/PA/6490A/P [DATASHEET SUMMARY]
8284FS–AVR–07/2014
2.3.15 AVCC
AVCC is the supply voltage pin for Port F and the A/D Converter. It should be externally connected to VCC, even if
the ADC is not used. If the ADC is used, it should be connected to VCC through a low-pass filter.
2.3.16 AREF
This is the analog reference pin for the A/D Converter.
2.3.17 LCDCAP
An external capacitor (typical > 470 nF) must be connected to the LCDCAP pin as shown in Figure 24-2, if the LCD
module is enabled and configured to use internal power. This capacitor acts as a reservoir for LCD power (VLCD). A
large capacitance reduces ripple on VLCD but increases the time until VLCD reaches its target value.


Similar Part No. - ATMEGA649P_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA649 ATMEL-ATMEGA649 Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA649 ATMEL-ATMEGA649 Datasheet
329Kb / 28P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA649 ATMEL-ATMEGA649 Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA649 ATMEL-ATMEGA649 Datasheet
352Kb / 2P
   DEBUG AVR APPLICATIONS USING JTAG OR DEBUGWIRE INTERFACE
AVR-02/04/0M
ATMEGA649 ATMEL-ATMEGA649 Datasheet
6Mb / 392P
   High Endurance Non-volatile Memory Segments
More results

Similar Description - ATMEGA649P_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA169A-AU ATMEL-ATMEGA169A-AU Datasheet
677Kb / 29P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA169PA ATMEL-ATMEGA169PA_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA3290A ATMEL-ATMEGA3290A_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA6490A ATMEL-ATMEGA6490A_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA640 ATMEL-ATMEGA640_V01 Datasheet
635Kb / 34P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
2549QS-AVR-02/2014
ATMEGA6490P ATMEL-ATMEGA6490P_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA169A ATMEL-ATMEGA169A_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA1329A ATMEL-ATMEGA1329A_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA3290PA ATMEL-ATMEGA3290PA_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA649A ATMEL-ATMEGA649A_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com