Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA3290A Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATMEGA3290A
Description  8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA3290A Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATMEGA3290A_14 Datasheet HTML 6Page - ATMEL Corporation ATMEGA3290A_14 Datasheet HTML 7Page - ATMEL Corporation ATMEGA3290A_14 Datasheet HTML 8Page - ATMEL Corporation ATMEGA3290A_14 Datasheet HTML 9Page - ATMEL Corporation ATMEGA3290A_14 Datasheet HTML 10Page - ATMEL Corporation ATMEGA3290A_14 Datasheet HTML 11Page - ATMEL Corporation ATMEGA3290A_14 Datasheet HTML 12Page - ATMEL Corporation ATMEGA3290A_14 Datasheet HTML 13Page - ATMEL Corporation ATMEGA3290A_14 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
10
ATmega169A/PA/329A/PA/649A/P/3290A/PA/6490A/P [DATASHEET SUMMARY]
8284FS–AVR–07/2014
are externally pulled low will source current if the pull-up resistors are activated. The Port E pins are tri-stated when
a reset condition becomes active, even if the clock is not running.
Port E also serves the functions of various special features of the
ATmega169A/169PA/329A/329PA/3290A/3290PA/649A/649P/6490A/6490P as listed on page 79.
2.3.8
Port F (PF7...PF0)
Port F serves as the analog inputs to the A/D Converter.
Port F also serves as an 8-bit bi-directional I/O port, if the A/D Converter is not used. Port pins can provide internal
pull-up resistors (selected for each bit). The Port F output buffers have symmetrical drive characteristics with both
high sink and source capability. As inputs, Port F pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port F pins are tri-stated when a reset condition becomes active, even if the clock is not
running. If the JTAG interface is enabled, the pull-up resistors on pins PF7(TDI), PF5(TMS), and PF4(TCK) will be
activated even if a reset occurs.
Port F also serves the functions of the JTAG interface.
2.3.9
Port G (PG5...PG0)
Port G is a 6-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port G output
buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port G pins that
are externally pulled low will source current if the pull-up resistors are activated. The Port G pins are tri-stated
when a reset condition becomes active, even if the clock is not running.
Port G also serves the functions of various special features of the
ATmega169A/169PA/329A/329PA/3290A/3290PA/649A/649P/6490A/6490P as listed on page 83.
2.3.10 Port H (PH7...PH0)
Port H is a 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port H output
buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port H pins that
are externally pulled low will source current if the pull-up resistors are activated. The Port H pins are tri-stated when
a reset condition becomes active, even if the clock is not running.
Port H also serves the functions of various special features of the ATmega3290PA/6490P as listed on page 85.
2.3.11 Port J (PJ6...PJ0)
Port J is a 7-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port J output buffers
have symmetrical drive characteristics with both high sink and source capability. As inputs, Port J pins that are
externally pulled low will source current if the pull-up resistors are activated. The Port J pins are tri-stated when a
reset condition becomes active, even if the clock is not running.
Port J also serves the functions of various special features of the ATmega3290PA/6490P as listed on page 87.
2.3.12 RESET
Reset input. A low level on this pin for longer than the minimum pulse length will generate a reset, even if the clock
is not running. The minimum pulse length is given in ”System and reset characteristics” on page 332. Shorter
pulses are not guaranteed to generate a reset.
2.3.13 XTAL1
Input to the inverting Oscillator amplifier and input to the internal clock operating circuit.
2.3.14 XTAL2
Output from the inverting Oscillator amplifier.


Similar Part No. - ATMEGA3290A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA3290A-AN ATMEL-ATMEGA3290A-AN Datasheet
677Kb / 29P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA3290A-ANR ATMEL-ATMEGA3290A-ANR Datasheet
677Kb / 29P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA3290A-AU ATMEL-ATMEGA3290A-AU Datasheet
677Kb / 29P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGa3290A-AUR ATMEL-ATMEGa3290A-AUR Datasheet
677Kb / 29P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
More results

Similar Description - ATMEGA3290A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA169A-AU ATMEL-ATMEGA169A-AU Datasheet
677Kb / 29P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA169PA ATMEL-ATMEGA169PA_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA649P ATMEL-ATMEGA649P_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA6490A ATMEL-ATMEGA6490A_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA640 ATMEL-ATMEGA640_V01 Datasheet
635Kb / 34P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
2549QS-AVR-02/2014
ATMEGA6490P ATMEL-ATMEGA6490P_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA169A ATMEL-ATMEGA169A_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA1329A ATMEL-ATMEGA1329A_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA3290PA ATMEL-ATMEGA3290PA_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA649A ATMEL-ATMEGA649A_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com