Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA6490P Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATMEGA6490P
Description  8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA6490P Datasheet(HTML) 2 Page - ATMEL Corporation

  ATMEGA6490P_14 Datasheet HTML 1Page - ATMEL Corporation ATMEGA6490P_14 Datasheet HTML 2Page - ATMEL Corporation ATMEGA6490P_14 Datasheet HTML 3Page - ATMEL Corporation ATMEGA6490P_14 Datasheet HTML 4Page - ATMEL Corporation ATMEGA6490P_14 Datasheet HTML 5Page - ATMEL Corporation ATMEGA6490P_14 Datasheet HTML 6Page - ATMEL Corporation ATMEGA6490P_14 Datasheet HTML 7Page - ATMEL Corporation ATMEGA6490P_14 Datasheet HTML 8Page - ATMEL Corporation ATMEGA6490P_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
2
ATmega169A/PA/329A/PA/649A/P/3290A/PA/6490A/P [DATASHEET SUMMARY]
8284FS–AVR–07/2014
– Real Time Counter with separate oscillator
– Four PWM channels
– 8-channel, 10-bit ADC
– Programmable Serial USART
– Master/Slave SPI Serial Interface
– Universal Serial Interface with Start Condition Detector
– Programmable Watchdog Timer with Separate On-chip oscillator
– On-chip analog comparator
– Interrupt and Wake-up on pin change
Special microcontroller features
– Power-on reset and programmable Brown-out detection
– Internal calibrated oscillator
– External and internal interrupt sources
– Five sleep modes: Idle, ADC Noise Reduction, Power-save, Power-down, and Standby
I/O and packages
– 54/69 programmable I/O lines
– 64/100-lead TQFP, 64-pad QFN/MLF, and 64-pad DRQFN
Speed Grade:
– ATmega169A/169PA/649A/649P:
• 0 - 16MHz @ 1.8 - 5.5V
– ATmega3290A/3290PA/6490A/6490P:
• 0 - 20MHz @ 1.8 - 5.5V
Temperature range:
– -40°C to 85°C industrial
Ultra-low power consumption (picoPower® devices)
– Active mode:
• 1MHz, 1.8V: 215µA
• 32kHz, 1.8V: 8µA (including oscillator)
• 32kHz, 1.8V: 25µA (including oscillator and LCD)
– Power-down mode:
• 0.1µA at 1.8V
– Power-save mode:
• 0.6µA at 1.8V (Including 32kHz RTC)
• 750nA at 1.8V


Similar Part No. - ATMEGA6490P_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA6490 ATMEL-ATMEGA6490 Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA6490 ATMEL-ATMEGA6490 Datasheet
329Kb / 28P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA6490 ATMEL-ATMEGA6490 Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA6490 ATMEL-ATMEGA6490 Datasheet
352Kb / 2P
   DEBUG AVR APPLICATIONS USING JTAG OR DEBUGWIRE INTERFACE
AVR-02/04/0M
ATMEGA6490 ATMEL-ATMEGA6490 Datasheet
6Mb / 392P
   High Endurance Non-volatile Memory Segments
More results

Similar Description - ATMEGA6490P_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA169A-AU ATMEL-ATMEGA169A-AU Datasheet
677Kb / 29P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA169PA ATMEL-ATMEGA169PA_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA649P ATMEL-ATMEGA649P_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA3290A ATMEL-ATMEGA3290A_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA6490A ATMEL-ATMEGA6490A_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA640 ATMEL-ATMEGA640_V01 Datasheet
635Kb / 34P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
2549QS-AVR-02/2014
ATMEGA169A ATMEL-ATMEGA169A_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA1329A ATMEL-ATMEGA1329A_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA3290PA ATMEL-ATMEGA3290PA_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
ATMEGA649A ATMEL-ATMEGA649A_14 Datasheet
1Mb / 39P
   8-bit Atmel Microcontroller with 16/32/64KB In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com