Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY10 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATTINY10
Description  Atmel 8-bit AVR Microcontroller
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY10 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATTINY10_14 Datasheet HTML 2Page - ATMEL Corporation ATTINY10_14 Datasheet HTML 3Page - ATMEL Corporation ATTINY10_14 Datasheet HTML 4Page - ATMEL Corporation ATTINY10_14 Datasheet HTML 5Page - ATMEL Corporation ATTINY10_14 Datasheet HTML 6Page - ATMEL Corporation ATTINY10_14 Datasheet HTML 7Page - ATMEL Corporation ATTINY10_14 Datasheet HTML 8Page - ATMEL Corporation ATTINY10_14 Datasheet HTML 9Page - ATMEL Corporation ATTINY10_14 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 170 page
background image
6
ATtiny4/5/9/10 [DATASHEET]
8127F–AVR–02/2013
4.
CPU Core
This section discusses the AVR core architecture in general. The main function of the CPU core is to ensure cor-
rect program execution. The CPU must therefore be able to access memories, perform calculations, control
peripherals, and handle interrupts.
4.1
Architectural Overview
Figure 4-1.
Block Diagram of the AVR Architecture
In order to maximize performance and parallelism, the AVR uses a Harvard architecture – with separate memories
and buses for program and data. Instructions in the program memory are executed with a single level pipelining.
While one instruction is being executed, the next instruction is pre-fetched from the program memory. This concept
enables instructions to be executed in every clock cycle. The program memory is In-System reprogrammable
Flash memory.
The fast-access Register File contains 16 x 8-bit general purpose working registers with a single clock cycle
access time. This allows single-cycle Arithmetic Logic Unit (ALU) operation. In a typical ALU operation, two oper-
ands are output from the Register File, the operation is executed, and the result is stored back in the Register File
– in one clock cycle.
Flash
Program
Memory
Instruction
Register
Instruction
Decoder
Program
Counter
Control Lines
16 x 8
General
Purpose
Registrers
ALU
Status
and Control
I/O Lines
Data Bus 8-bit
Data
SRAM
Interrupt
Unit
Watchdog
Timer
Analog
Comparator
Timer/Counter 0
ADC


Similar Part No. - ATTINY10_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY10-TSHR ATMEL-ATTINY10-TSHR Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY102 ATMEL-ATTINY102 Datasheet
411Kb / 2P
   1KB in-system programmable Flash memory
ATTINY104 ATMEL-ATTINY104 Datasheet
411Kb / 2P
   1KB in-system programmable Flash memory
ATTINY104 ATMEL-ATTINY104 Datasheet
750Kb / 15P
   ATtiny104 microcontroller
More results

Similar Description - ATTINY10_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY4 ATMEL-ATTINY4_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY5 ATMEL-ATTINY5_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY9 ATMEL-ATTINY9_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY10-TSHR ATMEL-ATTINY10-TSHR Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY25 ATMEL-ATTINY25_13 Datasheet
2Mb / 234P
   Atmel 8-bit AVR Microcontroller
AT32UC3L0128 ATMEL-AT32UC3L0128 Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
AT32UC3L064 ATMEL-AT32UC3L064_11 Datasheet
1Mb / 111P
   32-bit Atmel AVR Microcontroller
AT32UC3L0256-D3HT ATMEL-AT32UC3L0256-D3HT Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
ATXMEGA64D3 ATMEL-ATXMEGA64D3_14 Datasheet
3Mb / 86P
   8/16-bit Atmel AVR XMEGA D3 Microcontroller
ATMEGA48PB ATMEL-ATMEGA48PB_14 Datasheet
934Kb / 23P
   Atmel AVR 8-bit Microcontroller with 4/8/16KBytes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com