Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB2996HQ Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TB2996HQ
Description  Bi-CMOS Linear Integrated Circuit Silicon Monolithic
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB2996HQ Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TB2996HQ Datasheet HTML 1Page - Toshiba Semiconductor TB2996HQ Datasheet HTML 2Page - Toshiba Semiconductor TB2996HQ Datasheet HTML 3Page - Toshiba Semiconductor TB2996HQ Datasheet HTML 4Page - Toshiba Semiconductor TB2996HQ Datasheet HTML 5Page - Toshiba Semiconductor TB2996HQ Datasheet HTML 6Page - Toshiba Semiconductor TB2996HQ Datasheet HTML 7Page - Toshiba Semiconductor TB2996HQ Datasheet HTML 8Page - Toshiba Semiconductor TB2996HQ Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TB2996HQ
2013-11-21
2
4. Block Diagram
Some of the functional blocks, circuits or constants labels in the block diagram may have been omitted or simplified
for clarity.
In the following explanation, a "channel" is a circuit which consists of INx, OUTx (+), OUTx (-), and PW-GNDx. (x:1
to 4)
22
10
6
20
Ripple
VCC2 VCC1
1
4
25 Offset/Short
DET
LPF
VCC
VMUTE
STBY
OUT1 (+)
11
C1: 0.22 µF
8
PW-GND1
OUT1 (−)
IN1
OUT2 (+)
12
2
PW-GND2
OUT2 (−)
IN2
OUT3 (+)
15
18
PW-GND3
OUT3 (−)
IN3
OUT4 (+)
14
24
PW-GND4
OUT4 (−)
IN4
13
16
C6: 1 µF
RL = 4Ω
Pre-GND
AC-GND
C1: 0.22 µF
C1: 0.22 µF
C1: 0.22 µF
RL = 4Ω
RL = 4Ω
RL = 4Ω
AC-GND
AC-GND
AC-GND
AC-GND
9
7
17
19
21
23
5
3
TAB
5 V
Play
MUTE
R1: 47 kΩ


Similar Part No. - TB2996HQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2901H TOSHIBA-TB2901H Datasheet
333Kb / 17P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
TB2901HQ TOSHIBA-TB2901HQ Datasheet
359Kb / 16P
   Maximum Power 47 W BTL 횞 4-ch Audio Power IC
TB2902HQ TOSHIBA-TB2902HQ Datasheet
446Kb / 38P
   Maximum Power 41 W BTL 횞 4-ch Audio Power IC
TB2903HQ TOSHIBA-TB2903HQ Datasheet
338Kb / 15P
   Maximum Power 47W BTL x 4-ch Audio Power IC
TB2904HQ TOSHIBA-TB2904HQ Datasheet
272Kb / 16P
   Maximum Power 43 W BTL x 4-ch Audio Power IC
More results

Similar Description - TB2996HQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB9053FTG TOSHIBA-TB9053FTG Datasheet
4Mb / 95P
   Bi-CMOS Linear Integrated Circuit, Silicon Monolithic
2022-08-29 Rev. 1.1
TB2941HQ TOSHIBA-TB2941HQ Datasheet
1,017Kb / 24P
   Bi-CMOS Linear Integrated Circuit Silicon Monolithic
TB2938HQ TOSHIBA-TB2938HQ Datasheet
551Kb / 26P
   Bi-CMOS Linear Integrated Circuit Silicon Monolithic
TB9051FTG TOSHIBA-TB9051FTG Datasheet
1Mb / 49P
   Toshiba Bi-CMOS Linear Integrated Circuit Silicon Monolithic
Ver.1.1 2019-03-14
TB9101FNG TOSHIBA-TB9101FNG Datasheet
612Kb / 16P
   TOSHIBA Bi-CMOS Linear Integrated Circuit Silicon Monolithic
2019-2-25
TB9102FNG TOSHIBA-TB9102FNG Datasheet
1Mb / 30P
   TOSHIBA Bi-CMOS Linear Integrated Circuit Silicon Monolithic
2019-2-25
TB1239BF TOSHIBA-TB1239BF Datasheet
333Kb / 26P
   Bi-CMOS Integrated Circuit Silicon Monolithic
TB9120AFTG TOSHIBA-TB9120AFTG Datasheet
2Mb / 50P
   Bi-CMOS Integrated Circuit Silicon Monolithic
2020-05-12
TB9120AFTAG TOSHIBA-TB9120AFTAG Datasheet
2Mb / 46P
   Bi-CMOS Integrated Circuit Silicon Monolithic
2021-11-15
TCK106AG TOSHIBA-TCK106AG Datasheet
449Kb / 12P
   CMOS Linear Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com