Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY40 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATTINY40
Description  8-bit Atmel tinyAVR Microcontroller
Download  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY40 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATTINY40_14 Datasheet HTML 1Page - ATMEL Corporation ATTINY40_14 Datasheet HTML 2Page - ATMEL Corporation ATTINY40_14 Datasheet HTML 3Page - ATMEL Corporation ATTINY40_14 Datasheet HTML 4Page - ATMEL Corporation ATTINY40_14 Datasheet HTML 5Page - ATMEL Corporation ATTINY40_14 Datasheet HTML 6Page - ATMEL Corporation ATTINY40_14 Datasheet HTML 7Page - ATMEL Corporation ATTINY40_14 Datasheet HTML 8Page - ATMEL Corporation ATTINY40_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 204 page
background image
3
ATtiny40 [DATASHEET]
8263B–AVR–01/2013
1.1
Pin Description
1.1.1
VCC
Supply voltage.
1.1.2
GND
Ground.
1.1.3
RESET
Reset input. A low level on this pin for longer than the minimum pulse length will generate a reset, even if the clock
is not running and provided the reset pin has not been disabled. The minimum pulse length is given in Table 20-4
on page 155. Shorter pulses are not guaranteed to generate a reset.
The reset pin can also be used as a (weak) I/O pin.
1.1.4
Port A (PA7:PA0)
Port A is a 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port A output buffers
have symmetrical drive characteristics with both high sink and source capability. As inputs, Port A pins that are
externally pulled low will source current if the pull-up resistors are activated. The Port A pins are tri-stated when a
reset condition becomes active, even if the clock is not running.
Port A has alternate functions as analog inputs for the ADC, analog comparator and pin change interrupt as
described in “Alternate Port Functions” on page 47.
1.1.5
Port B (PB3:PB0)
Port B is a 4-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port B output buffers
have symmetrical drive characteristics with both high sink and source capability. As inputs, Port B pins that are
externally pulled low will source current if the pull-up resistors are activated. The Port B pins are tri-stated when a
reset condition becomes active, even if the clock is not running.
The port also serves the functions of various special features of the ATtiny40, as listed on page 37.
1.1.6
Port C (PC5:PC0)
Port C is a 6-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port C output buf-
fers have symmetrical drive characteristics with both high sink and source capability except PC3 which has the
RESET capability. To use pin PC3 as an I/O pin, instead of RESET pin, program (‘0’) RSTDISBL fuse. As inputs,
Port C pins that are externally pulled low will source current if the pull-up resistors are activated. The Port C pins
are tri-stated when a reset condition becomes active, even if the clock is not running.
Port C has alternate functions as analog inputs for the ADC, analog comparator and pin change interrupt as
described in “Alternate Port Functions” on page 47.
The port also serves the functions of various special features of the ATtiny40, as listed on page 37.
2.
Overview
ATtiny40 is a low-power CMOS 8-bit microcontroller based on the compact AVR enhanced RISC architecture. By
executing powerful instructions in a single clock cycle, the ATtiny40 achieves throughputs approaching 1 MIPS per
MHz allowing the system designer to optimize power consumption versus processing speed.
Figure 2-1.
Block Diagram
The AVR core combines a rich instruction set with 16 general purpose working registers and system registers. All
registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent registers to be


Similar Part No. - ATTINY40_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY40-MMH ATMEL-ATTINY40-MMH Datasheet
6Mb / 216P
   8-bit AVR Microcontroller with 4K Bytes In-System Programmable Flash
ATTINY40-MMHR ATMEL-ATTINY40-MMHR Datasheet
6Mb / 216P
   8-bit AVR Microcontroller with 4K Bytes In-System Programmable Flash
ATTINY40-SU ATMEL-ATTINY40-SU Datasheet
6Mb / 216P
   8-bit AVR Microcontroller with 4K Bytes In-System Programmable Flash
ATTINY40-SUR ATMEL-ATTINY40-SUR Datasheet
6Mb / 216P
   8-bit AVR Microcontroller with 4K Bytes In-System Programmable Flash
ATTINY40-XU ATMEL-ATTINY40-XU Datasheet
6Mb / 216P
   8-bit AVR Microcontroller with 4K Bytes In-System Programmable Flash
More results

Similar Description - ATTINY40_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY1634 ATMEL-ATTINY1634 Datasheet
744Kb / 18P
   8-bit Atmel tinyAVR Microcontroller with 16K Byres In-System Programmable Flash
ATMEGA88PA ATMEL-ATMEGA88PA_14 Datasheet
1Mb / 326P
   ATMEL 8-BIT MICROCONTROLLER
ATMEGA88A ATMEL-ATMEGA88A_14 Datasheet
1Mb / 39P
   ATMEL 8-BIT MICROCONTROLLER
ATMEGA16M1 ATMEL-ATMEGA16M1_14 Datasheet
346Kb / 12P
   8-bit Atmel megaAVR Microcontroller
ATTINY10-TSHR ATMEL-ATTINY10-TSHR Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY25 ATMEL-ATTINY25_13 Datasheet
2Mb / 234P
   Atmel 8-bit AVR Microcontroller
ATTINY4 ATMEL-ATTINY4_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY5 ATMEL-ATTINY5_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY9 ATMEL-ATTINY9_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY10 ATMEL-ATTINY10_14 Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com