Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPMX-2006 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HPMX-2006
Description  0.8 - 2.5 GHz Upconverter/Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HPMX-2006 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

  HPMX-2006 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HPMX-2006 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HPMX-2006 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HPMX-2006 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HPMX-2006 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HPMX-2006 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HPMX-2006 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HPMX-2006 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7-72
Frequency, MHz L2, nH C8, pF
900
12.5
2.2
1500
5.4
2.2
1800
3.1
2.2
1900
2.8
2.2
2400
1.6
2.2
1. LO in and LO bar in are identical; either
can be used as the single-ended LO
input with the other AC grounded.
2. R3 lowers the Q of the blocking
capacitor to remove possible reso-
nances for broadband operation below
1.75 GHz.
C12 (100 pF)
C8
C14
C15
Vcc
Amp
RF output
Mixer RF out
Amp RF out
gnd
Amp1 Ve2
Amp Ve2
enable
Amp RF in
Amp1 Ve1
L2
L3
standby
input
Sideband
Filter
LO in
LO in
Cbl (>100 pF)
single-ended
mixer LO input
C1
R3
LO in
LO in
Cbl (>100 pF)
Cbl (>100 pF)
differential
mixer LO input
Figure 15. LO Connections for Single-
ended Operation.
Figure 16. LO Connections for
Balanced Operation.
C6
C6
R2
R1
Rterm
IF in
IF in
Ref
10 pF
single-ended
mixer IF input,
AC coupled
1000 pF
C6
C6
R2
R1
IF in
IF in
Ref
10 pF
balanced
mixer IF input,
AC coupled
1000 pF
Figure 17. IF Connections for AC
Coupled Single-ended Use.
Figure 18. IF Connections for AC
Coupled Balanced Use.
Figure 19. IF Connections for DC
Coupled Use.
Table 4. Vbase vs. Vcc. Vbase is the
required bias at the IF ports.
IF in
IF in
Ref
balanced mixer IF input,
DC coupled. DC level of
IF source must be at
V base (Table 4).
IF @ V base
1. The IF pins require a bias voltage to
operate properly (see Table 4). When
the IF is AC coupled, this voltage is
supplied from the Ref pin via R1 and R2.
When the IF is DC coupled, the voltage
is externally generated and the Ref pin
is not used.
2. The base current is small, so to 1st
order the value of R1, R2 can be
selected to set the IF load impedance
(50 -200 ohm typ.)
3. IF in and IF bar in are identical; either
can be used as as the single-ended IF
input with the other AC grounded.
4. Rterm (optional) should be the same
value as the IF source impedance. It
improves LO rejection by balancing the
IF port and also de-Q’s C6.
Vcc, V
Vbase, V
2.7
1.5
3.0
1.5
3.5
1.5-1.75
4.0
1.5-2.0
4.5
1.5-2.25
5.0
1.5-2.5
1. For DC coupled operation, the IF input
must also supply Vbase to both IF in and
IF in bar, per the values in Table 4. Ref
pin is not used.
Figure 13. Mixer Only Use (AC
Coupled Single-ended Use Shown).
Refer to Table 2 for Component
Values.
Figure 14. 900 MHz Use. Refer to
Table 2 for Component Values.
Table 3. Amp Output Match
Component Values vs. Frequency.
C6
C6
R2
R1
Rterm
mixer RF output
Mixer RF out
Amp RF out
Mixer Vc
gnd
gnd
Amp1 Ve2
Amp Ve2
Amp Vc
enable
IF in
LO in
Amp RF in
LO in
Amp1 Ve1
IF in
Ref
L3
Vcc
mixer LO input
Cbl
C1 R3
mixer IF input
standby input
10 pF
1000 pF
0.01
µF
22 pF


Similar Part No. - HPMX-2006

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPMX-2003 HP-HPMX-2003 Datasheet
309Kb / 16P
   Silicon Bipolar RFIC 900 MHz Vector Modulator
HPMX-2005 HP-HPMX-2005 Datasheet
519Kb / 12P
   Silicon Bipolar RFIC 100 MHz Vector Modulator
logo
Hittite Microwave Corpo...
HPMX-2005 HITTITE-HPMX-2005_1 Datasheet
198Kb / 12P
   Silicon Bipolar RFIC 100 MHz Vector Modulator
logo
Agilent(Hewlett-Packard...
HPMX-2007 HP-HPMX-2007 Datasheet
105Kb / 8P
   Vector Modulator/Mixer
HPMX-2007-BLK HP-HPMX-2007-BLK Datasheet
105Kb / 8P
   Vector Modulator/Mixer
More results

Similar Description - HPMX-2006

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPMX-5001 HP-HPMX-5001 Datasheet
171Kb / 15P
   1.5-2.5 GHz Upconverter/ Downconverter
logo
Analog Devices
AD8346 AD-AD8346 Datasheet
190Kb / 12P
   0.8 GHz-2.5 GHz Quadrature Modulator
REV. 0
AD8346EVAL AD-AD8346EVAL Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346 AD-AD8346_15 Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346ARUZ AD-AD8346ARUZ Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Transcom, Inc.
TA008-055-20-24 TRANSCOM-TA008-055-20-24 Datasheet
30Kb / 1P
   0.8 - 5.5 GHz 25 dBm Amplifier
logo
HBH Microwave GmbH
HX8002 HBH-HX8002 Datasheet
19Kb / 1P
   19.5-21.5 GHz Passive Upconverter
logo
ANADIGICS, Inc
RFSP2020 ANADIGICS-RFSP2020 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
logo
List of Unclassifed Man...
AP1098 ETC-AP1098 Datasheet
104Kb / 5P
   2.4~2.5 GHz Power Amplifier
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
   2.4~2.5 GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com