Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2565 Datasheet(PDF) 2 Page - NEC

Part # PS2565
Description  HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2565 Datasheet(HTML) 2 Page - NEC

  PS2565 Datasheet HTML 1Page - NEC PS2565 Datasheet HTML 2Page - NEC PS2565 Datasheet HTML 3Page - NEC PS2565 Datasheet HTML 4Page - NEC PS2565 Datasheet HTML 5Page - NEC PS2565 Datasheet HTML 6Page - NEC PS2565 Datasheet HTML 7Page - NEC PS2565 Datasheet HTML 8Page - NEC PS2565 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
PS2565-1,-2,PS2565L-1,-2
PACKAGE DIMENSIONS (in millimeters)
DIP Type
5.1 MAX.
2.54
7.62
0.50 ± 0.10
0.25 M
PS2565-1 (New Package)
10.2 MAX.
1.25±0.15
2.54
7.62
0.50 ± 0.10
0.25 M
0 to 15˚
PS2565-2
0 to 15˚
PS2565-1
4.6 ± 0.35
1.25±0.15
0.50 ± 0.10
0.25 M
0 to 15˚
7.62
2.54
1.25±0.15
PS2565L1-1
5.1 MAX.
2.54
7.62
0.50 ± 0.10
0.25 M
0 to 15˚
1.25±0.15
10.16
4 3
1 2
8 7
12
65
34
4 3
1 2
4 3
1 2
1. Anode, Cathode
2. Cathode, Anode
3. Emitter
4. Collector
1, 3. Anode, Cathode
2, 4. Cathode, Anode
5, 7. Emitter
6, 8. Collector
1. Anode, Cathode
2. Cathode, Anode
3. Emitter
4. Collector
1. Anode, Cathode
2. Cathode, Anode
3. Emitter
4. Collector
Caution New package 1ch only


Similar Part No. - PS2565

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2565-1 RENESAS-PS2565-1 Datasheet
288Kb / 18P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2565-1 CEL-PS2565-1 Datasheet
971Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2565-1 RENESAS-PS2565-1 Datasheet
280Kb / 18P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2565-1-A CEL-PS2565-1-A Datasheet
971Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2565-1-V RENESAS-PS2565-1-V Datasheet
288Kb / 18P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2565

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2565-1 RENESAS-PS2565-1_15 Datasheet
280Kb / 18P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2505-1 CEL-PS2505-1 Datasheet
217Kb / 13P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2505-1 RENESAS-PS2505-1_15 Datasheet
262Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2505-1 NEC-PS2505-1 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2565-1 RENESAS-PS2565-1 Datasheet
288Kb / 18P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2705-1 NEC-PS2705-1_01 Datasheet
57Kb / 6P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
PS2705-1 NEC-PS2705-1_03 Datasheet
394Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2705-1-L-A ETC2-PS2705-1-L-A Datasheet
213Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2565-1 CEL-PS2565-1 Datasheet
971Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2705-1 NEC-PS2705-1 Datasheet
117Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com