Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPMX-5001-TY1 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HPMX-5001-TY1
Description  1.5-2.5 GHz Upconverter/ Downconverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HPMX-5001-TY1 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HPMX-5001-TY1 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HPMX-5001-TY1 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HPMX-5001-TY1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HPMX-5001-TY1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HPMX-5001-TY1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HPMX-5001-TY1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HPMX-5001-TY1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HPMX-5001-TY1 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HPMX-5001-TY1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
7-91
HPMX-5001 Absolute Maximum Ratings[1]
Parameter
Min.
Max.
VCC Supply Voltage
-0.2 V
8 V
Voltage at Any Pin[4]
-0.2 V
VCC + 0.2 V
Power Dissipation[2,3]
600 mW
RF Input Power
15 dBm
Junction Temperature
+150
°C
Storage Temperature
-55
°C
+125
°C
HPMX-5001 Guaranteed Electrical Specifications
Unless otherwise noted, all parameters are guaranteed under the following conditions: VCC = 3.0 V. Test
results are based upon use of networks shown in test board schematic diagram (see Figure 28). Typical
values are for VCC = 3.0 V, TA = 25°C.
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
GC
Receive Conversion Gain[1]
dB
12
14
Pout
Transmitter Power Output
Input[2]
2:1 output VSWR
dBm
0
2
ICC
Device Supply Current
Transmit Mode
mA
64
80
Receive Mode
mA
43
54
Synth Mode
mA
15
19
Standby Mode (with DIVMC Set High)
µA1
50
VDIV
DIV Single-Ended Swing[3]
VPP
0.7
1
Notes:
1. 50
Ω RF source, 100 MHz < I
F < 300 MHz, 1.89 GHz RF. There is a 750 Ω resistor on chip between RXIF and RXIFB (pins 3 and 4). A
matching network from 750
Ω to 50 Ω is used for this measurement. Insertion loss of the matching network is included in the net
conversion gain figure. See Figure 28.
2. Signal injected into P3 in Figure 28 is -12.5 dBm.
3. DIV output AC coupled into a 2 k
Ω || 10 pF load. See test board schematic diagram, Figure 28.
Thermal Resistance[2]:
θ
jc = 100°C/W
Notes:
1. Operation of this device in excess of
any of these parameters may cause
permanent damage.
2. TCASE = 25°C.
3. Derate at 10 mW/
°C for T
CASE >90°C.
4. Except CMOS logic inputs – see
Summary Characterization Information
table.


Similar Part No. - HPMX-5001-TY1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPMX-5002 HP-HPMX-5002 Datasheet
162Kb / 14P
   IF Modulator/Demodulator IC
HPMX-5002-STR HP-HPMX-5002-STR Datasheet
162Kb / 14P
   IF Modulator/Demodulator IC
HPMX-5002-TR1 HP-HPMX-5002-TR1 Datasheet
162Kb / 14P
   IF Modulator/Demodulator IC
HPMX-5002-TY1 HP-HPMX-5002-TY1 Datasheet
162Kb / 14P
   IF Modulator/Demodulator IC
More results

Similar Description - HPMX-5001-TY1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPMX-2006 HP-HPMX-2006 Datasheet
91Kb / 8P
   0.8 - 2.5 GHz Upconverter/Amplifier
logo
Analog Devices
ADMV1139A AD-ADMV1139A Datasheet
86Kb / 2P
   37 GHz to 50 GHz, 5G, Microwave Upconverter and Downconverter
Rev. Sp0
ADMV1139 AD-ADMV1139 Datasheet
90Kb / 2P
   37 GHz to 48.2 GHz, 5G, Microwave Upconverter and Downconverter
logo
Texas Instruments
GC5316 TI-GC5316 Datasheet
798Kb / 75P
[Old version datasheet]   HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
GC5316 TI1-GC5316_14 Datasheet
796Kb / 76P
[Old version datasheet]   HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
logo
Renesas Technology Corp
F5728 RENESAS-F5728 Datasheet
251Kb / 3P
   mmWave Upconverter/Downconverter 24GHz to 30GHz
logo
Texas Instruments
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702 TI-TRF3702_07 Datasheet
489Kb / 35P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702_15 TI-TRF3702_15_15 Datasheet
767Kb / 39P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
logo
Agilent(Hewlett-Packard...
HPMX-3003 HP-HPMX-3003 Datasheet
89Kb / 8P
   1.5 - 2.5 GHz LNA Switch PA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com