Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPMX-5002-TR1 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HPMX-5002-TR1
Description  IF Modulator/Demodulator IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HPMX-5002-TR1 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HPMX-5002-TR1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HPMX-5002-TR1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HPMX-5002-TR1 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HPMX-5002-TR1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HPMX-5002-TR1 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HPMX-5002-TR1 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HPMX-5002-TR1 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HPMX-5002-TR1 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HPMX-5002-TR1 Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
7-115
DATAOP
Vcc
Pin 8
Pin 9
Pin 11
Pins 24, 25
Pins 27, 28
Circuit in the IC
Small Signal Equivalent Circuit
(typical values)
RSSI
Vcc
OSCOP
OSCOPS
Vcc
RSSI
Vcc
RSSI
Vcc
30 k
VCOA
V
VCOB
Vcc
OSCOP
OSCOPB
65
V
Figure 5. HPMX-5002 Internal and Equivalent Circuits, Pins 8, 9, 11, 24, 25, 27, and 28.


Similar Part No. - HPMX-5002-TR1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HPMX-5001 HP-HPMX-5001 Datasheet
171Kb / 15P
   1.5-2.5 GHz Upconverter/ Downconverter
HPMX-5001-STR HP-HPMX-5001-STR Datasheet
171Kb / 15P
   1.5-2.5 GHz Upconverter/ Downconverter
HPMX-5001-TR1 HP-HPMX-5001-TR1 Datasheet
171Kb / 15P
   1.5-2.5 GHz Upconverter/ Downconverter
HPMX-5001-TY1 HP-HPMX-5001-TY1 Datasheet
171Kb / 15P
   1.5-2.5 GHz Upconverter/ Downconverter
More results

Similar Description - HPMX-5002-TR1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA3726 INTERSIL-HFA3726 Datasheet
162Kb / 21P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3724 INTERSIL-HFA3724 Datasheet
186Kb / 24P
   400MHz Quadrature IF Modulator/Demodulator
November 1999
HFA3766 INTERSIL-HFA3766 Datasheet
79Kb / 11P
   400MHz AGC Quadrature IF Modulator/Demodulator
January 1999
logo
Panasonic Semiconductor
AN614 PANASONIC-AN614 Datasheet
39Kb / 3P
   Video amplifier, modulator/demodulator IC
logo
Sanyo Semicon Device
LA72910V SANYO-LA72910V_09 Datasheet
168Kb / 10P
   FM Modulator and Demodulator IC
LA72912V SANYO-LA72912V Datasheet
196Kb / 12P
   FM Modulator and Demodulator IC
logo
ON Semiconductor
LA72914V-TLM-H ONSEMI-LA72914V-TLM-H Datasheet
223Kb / 9P
   FM Modulator and Demodulator IC
July, 2013
LA72910V-TLM-E ONSEMI-LA72910V-TLM-E Datasheet
164Kb / 10P
   FM Modulator and Demodulator IC
July, 2013
logo
Sanyo Semicon Device
LA72910V SANYO-LA72910V Datasheet
164Kb / 10P
   Monolithic Linear IC FM Modulator and Demodulator IC
LA72914V SANYO-LA72914V Datasheet
296Kb / 9P
   Monolithic Linear IC FM Modulator and Demodulator IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com