Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IAM-81008-TR1 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # IAM-81008-TR1
Description  Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/IF Amp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

IAM-81008-TR1 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  IAM-81008-TR1 Datasheet HTML 1Page - Agilent(Hewlett-Packard) IAM-81008-TR1 Datasheet HTML 2Page - Agilent(Hewlett-Packard) IAM-81008-TR1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) IAM-81008-TR1 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
7-122
PackageDimensions
SO-8PlasticPackage
5.84/6.20
(.230/.244)
3.80/4.00
(.1497/.1574)
Pin 1
1.27 (.050)
6x
4.72/5.00
(.186/.197)
0.10/0.25
(.004/.0098)
0.33/0.51
(.013/.020) 8X
1.35/1.75
(.0532/.0688)
0.19/0.25
(.0075/.0098)
0.41/1.27
(.016/.050)
0
°/8°
0.38
± 0.10
(.015
± .004) x 45°
0.10 (.004)
Note:
1. Dimensions are shown in millimeters (inches).
M810


Similar Part No. - IAM-81008-TR1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
IAM-81008-TR1 HP-IAM-81008-TR1 Datasheet
58Kb / 4P
   Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/IF Amp
More results

Similar Description - IAM-81008-TR1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
IAM81008 HP-IAM81008 Datasheet
58Kb / 4P
   Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/IF Amp
IAM-82008 HP-IAM-82008 Datasheet
63Kb / 4P
   Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/ IF Amp
IAM-81028 HP-IAM-81028 Datasheet
57Kb / 4P
   Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/IF Amp
IAM-82028 HP-IAM-82028 Datasheet
61Kb / 4P
   Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/ IF Amp
logo
Hittite Microwave Corpo...
HMC143 HITTITE-HMC143 Datasheet
118Kb / 4P
   GaAs MMIC DOUBLE-BALANCED MIXER, 5 - 20 GHz
HMC143 HITTITE-HMC143_08 Datasheet
183Kb / 8P
   GaAs MMIC DOUBLE-BALANCED MIXER, 5 - 20 GHz
HMC128G8 HITTITE-HMC128G8_08 Datasheet
174Kb / 4P
   GaAs MMIC SMT DOUBLE - BALANCED MIXER, 1.8 - 5 GHz
logo
Tyco Electronics
MA4EX2401 MACOM-MA4EX2401 Datasheet
422Kb / 4P
   GaAs MMIC Double Balanced 24 GHz Mixer
logo
Analog Devices
HMC774ALC3B AD-HMC774ALC3B Datasheet
519Kb / 27P
   7 GHz to 34 GHz, MMIC, Double Balanced Mixer
logo
Hittite Microwave Corpo...
HMC292 HITTITE-HMC292 Datasheet
167Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com