Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IAM-81028 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # IAM-81028
Description  Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/IF Amp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

IAM-81028 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  IAM-81028 Datasheet HTML 1Page - Agilent(Hewlett-Packard) IAM-81028 Datasheet HTML 2Page - Agilent(Hewlett-Packard) IAM-81028 Datasheet HTML 3Page - Agilent(Hewlett-Packard) IAM-81028 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
7-125
Typical Performance, TA = 25°C, VCC = 5 V
RF: -20 dBm at 2 GHz, LO: -5 dBm at 1.75 GHz
(unless otherwise noted)
–10
–5
0
5
0
02
4
6
8
10
10
20
30
0
5
10
15
VCC (V)
Figure 1. Conversion Gain, IF P1 dB
and ICC Current vs. VCC Bias Voltage.
ICC
GC
P1 dB
–10
–5
0
5
5
–55
–25
+25
+85
+125
10
15
20
0
5
10
15
TEMPERATURE (
°C)
Figure 2. Conversion Gain, IF P1 dB
and ICC Current vs. Case Temperature.
GC
P1 dB
ICC
–5
0
5
10
0.1
0.2
0.5
1.0
2.0
5.0
10
RF FREQUENCY (GHz)
Figure 3. Typical RF to IF Conversion
Gain vs. RF Frequency, TA = 25°C
(Low Side LO).
1:1
2:1
3:1
4:1
0.1
1.0
10
FREQUENCY (GHz)
Figure 4. RF, LO and IF Port VSWR
vs. Frequency.
0
2
4
6
8
10
–15
–5
0
–10
5
LO POWER (dBm)
Figure 5. RF to IF Conversion Gain
vs. LO Power.
IF = 70 MHz
IF = 1 GHz
RF
LO
IF
–40
–30
–20
–10
0
0.1
1.0
10
FREQUENCY (GHz)
Figure 7. RF Feedthrough Relative to
IF Carrier, dBm LO to RF and IF
Leakage vs. Frequency.
0.01
0.1
1.0
2.0
FREQUENCY, RF–LO (GHz)
Figure 6. RF to IF Conversion Gain
vs. IF Frequency.
–2
0
2
4
6
8
10
0
1
23
45
HARMONIC RF ORDER
Xmn = Pif – P(m*rf – n*lo)
Figure 8. Harmonic Intermodulation
Suppression (dB Below Desired Output)
RF at 1 GHz, LO at 0.752 GHz, IF at 0.248 GHz.
12
13
36
27
45
21
0
41
28
49
35
35
48
39
53
49
63
>75
48
71
57
72
62
>75
>75
>75
>75
>75
>75
>75
>75
>75
>75
>75
>75
0
1
2
3
4
5
LO = 2 GHz
LO = 4 GHz
High Side LO
Low Side LO
RF to IF
LO to IF
LO to RF


Similar Part No. - IAM-81028

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
IAM-81008 HP-IAM-81008 Datasheet
58Kb / 4P
   Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/IF Amp
IAM-81008-TR1 HP-IAM-81008-TR1 Datasheet
58Kb / 4P
   Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/IF Amp
IAM-81008-TR1 HP-IAM-81008-TR1 Datasheet
58Kb / 4P
   Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/IF Amp
More results

Similar Description - IAM-81028

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
IAM81008 HP-IAM81008 Datasheet
58Kb / 4P
   Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/IF Amp
IAM-81008 HP-IAM-81008 Datasheet
58Kb / 4P
   Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/IF Amp
IAM-82008 HP-IAM-82008 Datasheet
63Kb / 4P
   Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/ IF Amp
IAM-82028 HP-IAM-82028 Datasheet
61Kb / 4P
   Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/ IF Amp
logo
Hittite Microwave Corpo...
HMC143 HITTITE-HMC143 Datasheet
118Kb / 4P
   GaAs MMIC DOUBLE-BALANCED MIXER, 5 - 20 GHz
HMC143 HITTITE-HMC143_08 Datasheet
183Kb / 8P
   GaAs MMIC DOUBLE-BALANCED MIXER, 5 - 20 GHz
HMC128G8 HITTITE-HMC128G8_08 Datasheet
174Kb / 4P
   GaAs MMIC SMT DOUBLE - BALANCED MIXER, 1.8 - 5 GHz
logo
Tyco Electronics
MA4EX2401 MACOM-MA4EX2401 Datasheet
422Kb / 4P
   GaAs MMIC Double Balanced 24 GHz Mixer
logo
Analog Devices
HMC774ALC3B AD-HMC774ALC3B Datasheet
519Kb / 27P
   7 GHz to 34 GHz, MMIC, Double Balanced Mixer
logo
Hittite Microwave Corpo...
HMC292 HITTITE-HMC292 Datasheet
167Kb / 6P
   GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com