Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C08B Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT24C08B
Description  2-Wire Automotive Temperature Serial EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C08B Datasheet(HTML) 2 Page - ATMEL Corporation

  AT24C08B_14 Datasheet HTML 1Page - ATMEL Corporation AT24C08B_14 Datasheet HTML 2Page - ATMEL Corporation AT24C08B_14 Datasheet HTML 3Page - ATMEL Corporation AT24C08B_14 Datasheet HTML 4Page - ATMEL Corporation AT24C08B_14 Datasheet HTML 5Page - ATMEL Corporation AT24C08B_14 Datasheet HTML 6Page - ATMEL Corporation AT24C08B_14 Datasheet HTML 7Page - ATMEL Corporation AT24C08B_14 Datasheet HTML 8Page - ATMEL Corporation AT24C08B_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
AT24C04B/08B
5226G–SEEPR–11/09
Absolute Maximum Ratings
Operating Temperature ..........................
−55°C to +125°C
Storage Temperature ...........................
−65°C to + 150°C
Voltage on Any Pin with
Respect to Ground ..................................
− 0.1V to +7.0V
Maximum Operating Voltage ................................... 6.25V
DC Output Current ................................................ 5.0 mA
*NOTICE: Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent
damage to the device. This is a stress rating
only and functional operation of the device at
these or any other condition beyond those
indicated in the operational sections of this
specification
is
not
implied.
Exposure
to
absolute
maximum
rating
conditions
for
extended periods may affect device reliability.
Figure 2.
Block Diagram
START
STOP
LOGIC
VCC
GND
WP
SCL
SDA
A
2
A
1
A
0
SERIAL
CONTROL
LOGIC
EN
H.V. PUMP/TIMING
EEPROM
DATA RECOVERY
SERIAL MUX
D
OUT/ACK
LOGIC
COMP
LOAD
INC
DATA WORD
ADDR/COUNTER
Y DEC
R/W
D
OUT
D
IN
LOAD
DEVICE
ADDRESS
COMPARATOR


Similar Part No. - AT24C08B_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C08B ATMEL-AT24C08B_14 Datasheet
352Kb / 28P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
More results

Similar Description - AT24C08B_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_14 Datasheet
723Kb / 18P
   2-Wire Automotive Temperature Serial EEPROM
AT24C02B ATMEL-AT24C02B_14 Datasheet
723Kb / 18P
   2-Wire Automotive Temperature Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_14 Datasheet
770Kb / 19P
   2-wire Automotive Temperature Serial EEPROM
AT24C04B ATMEL-AT24C04B_14 Datasheet
723Kb / 18P
   2-Wire Automotive Temperature Serial EEPROM
AT24C64B ATMEL-AT24C64B_14 Datasheet
781Kb / 19P
   2-Wire Automotive Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_09 Datasheet
399Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
AT24C02A ATMEL-AT24C02A_07 Datasheet
592Kb / 16P
   Two-wire Automotive Temperature Serial EEPROM
AT24C11 ATMEL-AT24C11 Datasheet
392Kb / 14P
   Two-wire Automotive Temperature Serial EEPROM
AT93C86A_0702 ATMEL-AT93C86A_0702 Datasheet
335Kb / 15P
   Three-wire Automotive Temperature Serial EEPROM
AT24C02B_0701 ATMEL-AT24C02B_0701 Datasheet
512Kb / 17P
   Two-wire Automotive Temperature Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com