Electronic Components Datasheet Search |
|
AT24C64D Datasheet(PDF) 5 Page - ATMEL Corporation |
|
AT24C64D Datasheet(HTML) 5 Page - ATMEL Corporation |
5 / 24 page 5 AT24C64D [DATASHEET] Atmel-8850A-SEEPROM-AT24C64D-Datasheet_082013 Table 5-3. AC Characteristics (Industrial Temperature) Notes: 1. This parameter is ensured by characterization and is not 100% tested. 2. AC measurement conditions: RL (connects to VCC): 1.3kΩ (2.5V, 5.5V), 10kΩ (1.7V) Input pulse voltages: 0.3VCC to 0.7VCC Input rise and fall times: ≤ 50ns Input and output timing reference voltages: 0.5 x VCC Applicable over recommended operating range from: TAI = −40°C to +85°C, VCC = 1.7V to 5.5V, CL = 100pF (unless otherwise noted). Test conditions are listed in Note 2. Symbol Parameter 1.7V 2.5V, 5.0V Units Min Max Min Max fSCL Clock Frequency, SCL 400 1000 kHz tLOW Clock Pulse Width Low 1300 400 ns tHIGH Clock Pulse Width High 600 400 ns tI Noise Suppression Time(1) 100 50 ns tAA Clock Low to Data Out Valid 50 900 50 550 ns tBUF Time the bus must be free before a new transmission can start(1) 1300 500 ns tHD.STA Start Hold Time 600 250 ns tSU.STA Start Set-up Time 600 250 ns tHD.DAT Data In Hold Time 0 0 ns tSU.DAT Data In Set-up Time 100 100 ns tR Inputs Rise Time(1) 300 300 ns tF Inputs Fall Time(1) 300 100 ns tSU.STO Stop Set-up Time 600 250 ns tDH Data Out Hold Time 50 50 ns tWR Write Cycle Time 5 5 ms Endurance(1) 25°C, Page Mode, 3.3V 1,000,000 Write Cycles |
Similar Part No. - AT24C64D_14 |
|
Similar Description - AT24C64D_14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |