Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IAM-91563 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # IAM-91563
Description  0.8-6 GHz 3V Downconverter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

IAM-91563 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  IAM-91563 Datasheet HTML 1Page - Agilent(Hewlett-Packard) IAM-91563 Datasheet HTML 2Page - Agilent(Hewlett-Packard) IAM-91563 Datasheet HTML 3Page - Agilent(Hewlett-Packard) IAM-91563 Datasheet HTML 4Page - Agilent(Hewlett-Packard) IAM-91563 Datasheet HTML 5Page - Agilent(Hewlett-Packard) IAM-91563 Datasheet HTML 6Page - Agilent(Hewlett-Packard) IAM-91563 Datasheet HTML 7Page - Agilent(Hewlett-Packard) IAM-91563 Datasheet HTML 8Page - Agilent(Hewlett-Packard) IAM-91563 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
7-135
0.8 – 6 GHz 3 V Downconverter
Technical Data
Features
• +0 dBm Input IP3 at 1.9 GHz
• Single +3V Supply
• 8.5 dB SSB Noise Figure at
1.9 GHz
• 9.0 dB Conversion Gain at
1.9 GHz
• Ultra-miniature Package
Applications
• Downconverter for PCS,
PHS, ISM, WLL, and other
Wireless Applications
IAM-91563
Description
Hewlett-Packard’s IAM-91563 is an
economical 3V GaAs MMIC mixer
used for frequency down-conver-
sion. RF frequency coverage is
from 0.8 to 6 GHz and IF coverage
is from 50 to 700 MHz. Packaged
in the SOT-363 package, this
4.0 sq. mm. package requires half
the board space of a SOT-143 and
only 15% the board space of an
SO-8 package.
At 1.9 GHz, the IAM-91563 pro-
vides 9 dB of conversion gain,
thus eliminating an RF or IF gain
stage normally needed with a
lossy mixer. LO drive power is
nominally only -5 dBm, eliminat-
ing an LO buffer amplifier. The
8.5 dB noise figure is low enough
to allow the system to use a low
cost LNA. The -6 dBm Input IP3
provides adequate system linearity
for most commercial applications,
but is adjustable to 0 dBm.
The circuit uses GaAs PHEMT
technology with proven reliability,
and uniformity. The MMIC
consists of a cascode FET struc-
ture that provides unbalanced gm
modulation type mixing. An on-
chip LO buffer amp drives the
mixer while bias circuitry allows a
single +3V supply (through a
choked IF port). The LO port is
internally matched to 50
Ω. The
RF and IF ports are high imped-
ance and require external match-
ing networks.
Surface Mount Package
SOT-363 (SC-70)
Pin Connections and
Package Marking
IF and Vd
GND
LO
GND
RF
1
2
3
6
5
4 SOURCE
BYPASS
Note:
1. Package marking provides orienta-
tion and identification.
LO
1
SOURCE
BYPASS
4
RF
3
GROUND
2, 5
IF and Vd
6
Simplified Schematic
5965-9973E


Similar Part No. - IAM-91563

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
IAM-91563 AVAGO-IAM-91563 Datasheet
289Kb / 14P
   0.8?? GHz 3V Downconverter
logo
Agilent(Hewlett-Packard...
IAM-91563-BLK HP-IAM-91563-BLK Datasheet
219Kb / 16P
   IAM91563
logo
AVAGO TECHNOLOGIES LIMI...
IAM-91563-BLK1 AVAGO-IAM-91563-BLK1 Datasheet
289Kb / 14P
   0.8?? GHz 3V Downconverter
IAM-91563-BLKG AVAGO-IAM-91563-BLKG Datasheet
289Kb / 14P
   0.8?? GHz 3V Downconverter
logo
Agilent(Hewlett-Packard...
IAM-91563-TR1 HP-IAM-91563-TR1 Datasheet
219Kb / 16P
   IAM91563
More results

Similar Description - IAM-91563

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-IAM9156-3 BOARDCOM-DEMO-IAM9156-3 Datasheet
289Kb / 14P
   0.8?? GHz 3V Downconverter
logo
AVAGO TECHNOLOGIES LIMI...
IAM-91563 AVAGO-IAM-91563 Datasheet
289Kb / 14P
   0.8?? GHz 3V Downconverter
logo
Hittite Microwave Corpo...
HMC334LP4 HITTITE-HMC334LP4 Datasheet
303Kb / 8P
   SiGe WIDEBAND DOWNCONVERTER, 0.8 - 2.7 GHz
HMC377QS16G HITTITE-HMC377QS16G Datasheet
298Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC377QS16G HITTITE-HMC377QS16G_08 Datasheet
270Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
logo
RF Micro Devices
RF2459 RFMD-RF2459 Datasheet
122Kb / 8P
   3V PCS DOWNCONVERTER
logo
TriQuint Semiconductor
TQ5M31 TRIQUINT-TQ5M31 Datasheet
229Kb / 16P
   3V Downconverter Mixer IC
TGC2610-SM TRIQUINT-TGC2610-SM_15 Datasheet
880Kb / 17P
   10 GHz ??15.4 GHz Downconverter
TGC1411 TRIQUINT-TGC1411 Datasheet
370Kb / 5P
   0.3 - 10 GHz Downconverter
logo
Agilent(Hewlett-Packard...
MGA-82563 HP-MGA-82563 Datasheet
137Kb / 12P
   0.1-6 GHz 3V, 17 dBm Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com