Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24CM01 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT24CM01
Description  IC-Compatible (2-wire) Serial EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24CM01 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT24CM01_14 Datasheet HTML 1Page - ATMEL Corporation AT24CM01_14 Datasheet HTML 2Page - ATMEL Corporation AT24CM01_14 Datasheet HTML 3Page - ATMEL Corporation AT24CM01_14 Datasheet HTML 4Page - ATMEL Corporation AT24CM01_14 Datasheet HTML 5Page - ATMEL Corporation AT24CM01_14 Datasheet HTML 6Page - ATMEL Corporation AT24CM01_14 Datasheet HTML 7Page - ATMEL Corporation AT24CM01_14 Datasheet HTML 8Page - ATMEL Corporation AT24CM01_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
Atmel AT24CM01 [DATASHEET]
Atmel-8812E-SEEPROM-AT24CM01-Datasheet_032013
3.
Block Diagram
4.
Pin Description
Serial Clock (SCL): The SCL input is used to positive edge clock data into each EEPROM device and negative edge
clock data out of each device.
Serial Data (SDA): The SDA pin is bidirectional for serial data transfer. This pin is open drain driven and may be
wire-ORed with any number of other open drain or open collector devices.
Device Addresses (A2 and A1): The A2 and A1 pins are device address inputs that can be hardwired or left not
connected for hardware compatibility with other Atmel AT24Cxx devices. When the A2 and A1 pins are hardwired, as
many as four 1-Mbit devices may be addressed on a single bus system (See “Device Addressing” on page 9 for more
details). If the A2 and A1 pins are left floating, the A2 and A1 pin will be internally pulled down to GND if the capacitive
coupling to the circuit board VCC plane is <3pF. If coupling is >3pF, Atmel recommends connecting the A2 and A1 pin to
GND.
Write Protect (WP): The Write Protect input, when connected to GND, allows normal write operations. When WP is
connected high to VCC, all write operations to the memory are inhibited. If the pin is left floating, the WP pin will be
internally pulled down to GND if the capacitive coupling to the circuit board VCC plane is <3pF. If coupling is >3pF, Atmel
recommends connecting the pin to GND. Switching WP to VCC prior to a write operation creates a software write protect
function.
Table 4-1.
Write Protect
Start
Stop
Logic
V
CC
GND
WP
SCL
SDA
A
2
A
1
Serial
Control
Logic
EN
H.V. Pump/Timing
EEPROM
Data Recovery
Serial MUX
D
OUT/ACK
Logic
COMP
LOAD
INC
Data Word
Addr/counter
Y DEC
R/W
D
OUT
D
IN
LOAD
Device
Address
Comparator
WP Pin
Status
Part of the Array Protected
AT24CM01
At VCC
Full Array
At GND
Normal Read/Write Operations


Similar Part No. - AT24CM01_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24CM01-SHD ATMEL-AT24CM01-SHD Datasheet
885Kb / 21P
   I2C-Compatible (2-wire) Serial EEPROM 1-Mbit (131,072 x 8)
AT24CM01-SHD-B ATMEL-AT24CM01-SHD-B Datasheet
858Kb / 21P
   I2C-Compatible (2-wire) Serial EEPROM 1-Mbit (131,072 x 8)
AT24CM01-SHD-T ATMEL-AT24CM01-SHD-T Datasheet
858Kb / 21P
   I2C-Compatible (2-wire) Serial EEPROM 1-Mbit (131,072 x 8)
AT24CM01-SHM-B ATMEL-AT24CM01-SHM-B Datasheet
858Kb / 21P
   I2C-Compatible (2-wire) Serial EEPROM 1-Mbit (131,072 x 8)
AT24CM01-SHM-T ATMEL-AT24CM01-SHM-T Datasheet
858Kb / 21P
   I2C-Compatible (2-wire) Serial EEPROM 1-Mbit (131,072 x 8)
More results

Similar Description - AT24CM01_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C08C ATMEL-AT24C08C_14 Datasheet
923Kb / 24P
   IC-Compatible, (2-wire) Serial EEPROM
AT24CS64 ATMEL-AT24CS64_14 Datasheet
812Kb / 22P
   IC-Compatible (2-wire) Serial EEPROM
AT24C01D ATMEL-AT24C01D_14 Datasheet
1Mb / 26P
   IC-Compatible (2-wire) Serial EEPROM
AT24C02D ATMEL-AT24C02D_14 Datasheet
1Mb / 26P
   IC-Compatible (2-wire) Serial EEPROM
AT24CS32 ATMEL-AT24CS32_14 Datasheet
901Kb / 23P
   IC-Compatible (2-wire) Serial EEPROM
AT24HC02C ATMEL-AT24HC02C_14 Datasheet
810Kb / 19P
   IC-Compatible (2-wire) Serial EEPROM
AT24C16C ATMEL-AT24C16C_14 Datasheet
998Kb / 23P
   IC-Compatible, (2-Wire) Serial EEPROM
AT24C32D ATMEL-AT24C32D_14 Datasheet
1Mb / 24P
   IC-Compatible (2-Wire) Serial EEPROM
AT24C08D ATMEL-AT24C08D_14 Datasheet
1Mb / 28P
   IC-Compatible (2-wire) Serial EEPROM
AT24C16D ATMEL-AT24C16D_14 Datasheet
1Mb / 27P
   IC-Compatible (2-Wire) Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com